Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSD363 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSD363
Description  B/W TV Horizontal Deflection Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD363 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSD363 Datasheet HTML 1Page - Fairchild Semiconductor KSD363 Datasheet HTML 2Page - Fairchild Semiconductor KSD363 Datasheet HTML 3Page - Fairchild Semiconductor KSD363 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collect-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
Figure 5. Safe Operating (On Horizonal
Deflection Output Circuit)
Figure 6. Power Derating
0
4
8
12
16
20
0
1
2
3
4
5
I
B
= 5mA
I
B = 10mA
I
B
= 15mA
I
B = 20mA
I
B
= 25mA
I
B
= 30mA
I
B = 45mA
I
B = 40mA
I
B
= 50mA
I
B = 35mA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0.01
0.1
1
10
10
100
1000
V
CE = 5V
I
C[A], COLLECTOR CURRENT
0.01
0.1
1
10
0.01
0.1
1
10
I
C
= 10 I
B
V
CE(sat)
V
BE(sat)
I
C[A], COLLECTOR CURRENT
110
100
10
100
1000
f=1MHz
I
E=0
V
CB[V], COLLECTOR-BASE VOLTAGE
0
50
100
150
200
250
300
350
400
0
5
10
15
5mAp-p
V
CB[V], COLLECTOR-BASE VOLTAGE
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
80
T
C[
o
C], CASE TEMPERATURE


Similar Part No. - KSD363

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
KSD363 ISC-KSD363 Datasheet
110Kb / 2P
   isc Silicon NPN Power Transistor
logo
Fairchild Semiconductor
KSD363 FAIRCHILD-KSD363 Datasheet
65Kb / 4P
   B/W TV Horizontal Deflection Output
KSD363R FAIRCHILD-KSD363R Datasheet
65Kb / 4P
   B/W TV Horizontal Deflection Output
More results

Similar Description - KSD363

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC2233 FAIRCHILD-KSC2233 Datasheet
42Kb / 4P
   B/W TV Horizontal Deflection Output
logo
List of Unclassifed Man...
2SC940 ETC-2SC940 Datasheet
42Kb / 1P
   B/W TV Horizontal Deflection Output
logo
Fairchild Semiconductor
KSD362 FAIRCHILD-KSD362 Datasheet
61Kb / 4P
   B/W TV Horizontal Deflection Output
KSD362R FAIRCHILD-KSD362R Datasheet
67Kb / 4P
   B/W TV Horizontal Deflection Output
KSD363R FAIRCHILD-KSD363R Datasheet
65Kb / 4P
   B/W TV Horizontal Deflection Output
KSD1362 FAIRCHILD-KSD1362 Datasheet
47Kb / 4P
   B/W TV Horizontal Deflection Output
logo
Samsung semiconductor
KSD362 SAMSUNG-KSD362 Datasheet
223Kb / 6P
   NPN (B/W TV HORIZONTAL DEFLECTION OUTPUT)
logo
KEC(Korea Electronics)
KTC1003 KEC-KTC1003 Datasheet
247Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR (B/W TV HORIZONTAL DEFLECTION OUTPUT)
KTC3231 KEC-KTC3231 Datasheet
324Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR (B/W TV HORIZONTAL DEFLECTION OUTPUT)
logo
Hitachi Semiconductor
2SC3769 HITACHI-2SC3769 Datasheet
34Kb / 1P
   TV HORIZONTAL DEFLECTION OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com