Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5712D10005 Datasheet(PDF) 1 Page - NTE Electronics

Part # 5712D10005
Description  12V AC?묭C Switching Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

5712D10005 Datasheet(HTML) 1 Page - NTE Electronics

  5712D10005 Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NEW
NEW
NEW
NEW
NEW
NEW
NEW
+
4
NTE Electronics, Inc. Voice (973) 748−5089 FAX (973) 748−6224 http://www.nteinc.com
12V AC−DC Switching Power Supply
Specifications
AC Input
Voltage Range: 90 − 264 VAC
Input Frequency: 47 − 63 Hz
Inrush Current: 30A Max
DC Output
Voltage Range: 11.4V − 12.6V
Current Range: 0.1A − 2A
Reliability
Insulation Resistance: 50M
Ω Min (Input to Output, DC 500V)
MTBF: 50000 Hours (20000 Hours for 2A device ONLY)
6 Watt
12 Watt
18 Watt
24 Watt
Plug Types
2.1mm x 5.5mm Jack
2.5mm x 5.5mm Jack
1.35mm x 3.5mm Plug
2.1mm x 5.5mm Plug
2.5mm x 5.5mm Plug
Ordering Information
NTE Type No.
DC Output
Plug Type
Amps
Wattage
57−12D−500−1
500mA
6
2.1mm x 5.5mm Jack
57−12D−500−2
500mA
6
2.5mm x 5.5mm Jack
57−12D−500−3
500mA
6
1.35mm ID x 3.5mm OD Plug
57−12D−500−4
500mA
6
2.1mm ID x 5.5mm OD Plug
57−12D−500−5
500mA
6
2.5mm ID x 5.5mm OD Plug
57−12D−1000−1
1A
12
2.1mm x 5.5mm Jack
57−12D−1000−2
1A
12
2.5mm x 5.5mm Jack
57−12D−1000−3
1A
12
1.35mm ID x 3.5mm OD Plug
57−12D−1000−4
1A
12
2.1mm ID x 5.5mm OD Plug
57−12D−1000−5
1A
12
2.5mm ID x 5.5mm OD Plug
57−12D−1500−1
1.5A
18
2.1mm x 5.5mm Jack
57−12D−1500−2
1.5A
18
2.5mm x 5.5mm Jack
57−12D−1500−4
1.5A
18
2.1mm ID x 5.5mm OD Plug
57−12D−1500−5
1.5A
18
2.5mm ID x 5.5mm OD Plug
57−12D−2000−4
2A
24
2.1mm ID x 5.5mm OD Plug


Similar Part No. - 5712D10005

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
5712D30004 NTE-5712D30004 Datasheet
174Kb / 1P
   12V AC?묭C Switching Power Supply
5712D40004 NTE-5712D40004 Datasheet
174Kb / 1P
   12V AC?묭C Switching Power Supply
5712D60004 NTE-5712D60004 Datasheet
174Kb / 1P
   12V AC?묭C Switching Power Supply
More results

Similar Description - 5712D10005

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
5712D30004 NTE-5712D30004 Datasheet
174Kb / 1P
   12V AC?묭C Switching Power Supply
5718D5001 NTE-5718D5001 Datasheet
465Kb / 1P
   18V AC?묭C Switching Power Supply
579D5001 NTE-579D5001 Datasheet
590Kb / 1P
   9V AC?묭C Switching Power Supply
5724D5003 NTE-5724D5003 Datasheet
864Kb / 1P
   24V AC?묭C Switching Power Supply
575D5001 NTE-575D5001 Datasheet
737Kb / 1P
   5V AC?묭C Switching Power Supply
57-12D-500-1 NTE-57-12D-500-1 Datasheet
2Mb / 1P
   12V AC-DC Switching Regulated Power Supply
logo
Sparkle Power Inc.
FSP1200-50AMPD SPI-FSP1200-50AMPD Datasheet
105Kb / 1P
   1200 Watts ATX 12V Switching Power Supply
FSP400-60GHC SPI-FSP400-60GHC Datasheet
259Kb / 1P
   400 Watts ATX12V Switching Power Supply
FSP500-60GHC SPI-FSP500-60GHC Datasheet
262Kb / 1P
   500 Watts ATX12V Switching Power Supply
SPI250EP SPI-SPI250EP Datasheet
42Kb / 1P
   250 Watts ATX12V Switching Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com