Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC1G32DFT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74HC1G32DFT1G
Description  Single 2-Input OR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC1G32DFT1G Datasheet(HTML) 2 Page - ON Semiconductor

  MC74HC1G32DFT1G Datasheet HTML 1Page - ON Semiconductor MC74HC1G32DFT1G Datasheet HTML 2Page - ON Semiconductor MC74HC1G32DFT1G Datasheet HTML 3Page - ON Semiconductor MC74HC1G32DFT1G Datasheet HTML 4Page - ON Semiconductor MC74HC1G32DFT1G Datasheet HTML 5Page - ON Semiconductor MC74HC1G32DFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC74HC1G32
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
*0.5 to )7.0
V
VIN
DC Input Voltage
*0.5 to VCC )0.5
V
VOUT
DC Output Voltage
*0.5 to VCC )0.5
V
IIK
DC Input Diode Current
$20
mA
IOK
DC Output Diode Current
$20
mA
IOUT
DC Output Sink Current
$12.5
mA
ICC
DC Supply Current per Supply Pin
$25
mA
TSTG
Storage Temperature Range
*65 to )150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
)150
°C
qJA
Thermal Resistance
SC70−5/SC−88A/SOT−353 (Note 1)
SOT23−5/TSOP−5/SC59−5
350
230
°C/W
PD
Power Dissipation in Still Air at 85°CSC70−5/SC−88A/SOT−353
SOT23−5/TSOP−5/SC59−5
150
200
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
u2000
u200
N/A
V
ILATCHUP Latchup Performance
Above VCC and Below GND at 125°C (Note 5)
±500
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm by 1 inch, 2 ounce copper trace with no air flow.
2. Tested to EIA/JESD22−A114−A.
3. Tested to EIA/JESD22−A115−A.
4. Tested to JESD22−C101−A.
5. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
2.0
6.0
V
VIN
DC Input Voltage
0.0
VCC
V
VOUT
DC Output Voltage
0.0
VCC
V
TA
Operating Temperature Range
*55
)125
°C
tr , tf
Input Rise and Fall Time
VCC = 2.0 V
VCC = 3.0 V
VCC = 4.5 V
VCC = 6.0 V
0
0
0
0
1000
600
500
400
ns
DEVICE JUNCTION TEMPERATURE VERSUS
TIME TO 0.1% BOND FAILURES
Junction
Temperature °C
Time, Hours
Time, Years
80
1,032,200
117.8
90
419,300
47.9
100
178,700
20.4
110
79,600
9.4
120
37,000
4.2
130
17,800
2.0
140
8,900
1.0
1
1
10
100
1000
FAILURE RATE OF PLASTIC = CERAMIC
UNTIL INTERMETALLICS OCCUR
Figure 3. Failure Rate vs. Time Junction Temperature
TIME, YEARS


Similar Part No. - MC74HC1G32DFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G32DFT1G ONSEMI-MC74HC1G32DFT1G Datasheet
81Kb / 6P
   Single 2-Input OR Gate
February, 2016 ??Rev. 14
MC74HC1G32DFT1G ONSEMI-MC74HC1G32DFT1G Datasheet
172Kb / 9P
   Single 2-Input OR Gate
November, 2018 ??Rev. 15
MC74HC1G32DFT1G ONSEMI-MC74HC1G32DFT1G Datasheet
291Kb / 10P
   Single 2-Input OR Gate
May, 2022 ??Rev. 18
MC74HC1G32DFT1G-L22038 ONSEMI-MC74HC1G32DFT1G-L22038 Datasheet
291Kb / 10P
   Single 2-Input OR Gate
May, 2022 ??Rev. 18
More results

Similar Description - MC74HC1G32DFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SV32-D ONSEMI-NL17SV32-D Datasheet
41Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2 Datasheet
51Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
MC74HC1G32 ONSEMI-MC74HC1G32 Datasheet
93Kb / 8P
   Single 2-Input OR Gate
September, 2001 ??Rev. 7
logo
NXP Semiconductors
74AUC1G32 PHILIPS-74AUC1G32 Datasheet
146Kb / 12P
   Single 2-input OR gate
2001 Nov 30
logo
Unisonic Technologies
U74AUP1G86 UTC-U74AUP1G86_15 Datasheet
229Kb / 5P
   SINGLE 2-INPUT OR GATE
U74LVC1G86 UTC-U74LVC1G86_15 Datasheet
214Kb / 6P
   SINGLE 2-INPUT OR GATE
logo
ON Semiconductor
NLV17SZ86 ONSEMI-NLV17SZ86 Datasheet
71Kb / 5P
   Single 2-Input OR Gate
November, 2015 ??Rev. 0
MC74HC1G32 ONSEMI-MC74HC1G32_16 Datasheet
81Kb / 6P
   Single 2-Input OR Gate
February, 2016 ??Rev. 14
logo
Rohm
BU4S71G2 ROHM-BU4S71G2_15 Datasheet
1Mb / 16P
   Single 2-Input OR Gate
logo
Nexperia B.V. All right...
74LVC1G32-Q100 NEXPERIA-74LVC1G32-Q100 Datasheet
217Kb / 12P
   Single 2-input OR gate
Rev. 6 - 18 January 2022
logo
ON Semiconductor
MC74VHC1G32 ONSEMI-MC74VHC1G32_13 Datasheet
122Kb / 6P
   Single 2-Input OR Gate
February, 2013 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com