Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSD261GTA Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSD261GTA
Description  Low Frequency Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD261GTA Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSD261GTA Datasheet HTML 1Page - Fairchild Semiconductor KSD261GTA Datasheet HTML 2Page - Fairchild Semiconductor KSD261GTA Datasheet HTML 3Page - Fairchild Semiconductor KSD261GTA Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, November 2002
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Ratings
Units
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
20
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
500
mA
PC
Collector Power Dissipation
500
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC=100µA, IE=0
40
V
BVCEO
Collector-Emitter Breakdown Voltage
IC=10mA, IB=0
20
V
BVEBO
Emitter-Base Breakdown Voltage
IE=100µA, IC=0
5
V
ICBO
Collector Cut-off Current
VCB=25V, IE=0
0.1
µA
IEBO
Emitter Cut-off Current
VEB=3V, IC=0
0.1
µA
hFE
DC Current Gain
VCE=1V, IC=0.1A
40
400
VCE (sat)
Collector-Emitter Saturation Voltage
IC=0.5A, IB=50mA
0.18
0.4
V
Classification
R
O
Y
G
hFE
40 ~ 80
70 ~ 140
120 ~ 240
200 ~ 400
KSD261
Low Frequency Power Amplifier
• Complement to KSA643
• Collector Power Dissipation : PC=500mW
• Suffix “-C” means Center Collector (1. Emitter 2. Collector 3. Base)
1. Emitter 2. Base 3. Collector
TO-92
1


Similar Part No. - KSD261GTA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSD261 SAMSUNG-KSD261 Datasheet
67Kb / 2P
   NPN (LOW FREQUENCY POWER AMPLIFIER)
logo
Fairchild Semiconductor
KSD261 FAIRCHILD-KSD261 Datasheet
40Kb / 4P
   NPN Epitaxial Silicon Transistor
KSD261 FAIRCHILD-KSD261 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD261CGTA FAIRCHILD-KSD261CGTA Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD261 FAIRCHILD-KSD261_04 Datasheet
40Kb / 4P
   NPN Epitaxial Silicon Transistor
More results

Similar Description - KSD261GTA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSB1366 FAIRCHILD-KSB1366 Datasheet
50Kb / 4P
   LOW FREQUENCY POWER AMPLIFIER
KSB834W FAIRCHILD-KSB834W Datasheet
28Kb / 3P
   Low Frequency Power Amplifier
KSD1589 FAIRCHILD-KSD1589 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD568 FAIRCHILD-KSD568 Datasheet
42Kb / 4P
   Low Frequency Power Amplifier
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
   Low frequency power amplifier
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
   LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
   Low Frequency Power Amplifier
KSB1015YTU FAIRCHILD-KSB1015YTU Datasheet
55Kb / 4P
   Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8227AP UTC-TA8227AP_15 Datasheet
333Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com