Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSD560 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSD560
Description  Low Frequency Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD560 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSD560 Datasheet HTML 1Page - Fairchild Semiconductor KSD560 Datasheet HTML 2Page - Fairchild Semiconductor KSD560 Datasheet HTML 3Page - Fairchild Semiconductor KSD560 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Safe Operating Area
Figure 5. Power Derating
012
34
5
0
1
2
3
4
5
I
B = 0.3mA
I
B = 0.35mA
I
B
= 0.4mA
I
B = 0.5mA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0.01
0.1
1
10
10
100
1000
10000
V
CE = 2V
I
C[A], COLLECTOR CURRENT
0.1
1
10
0.1
1
10
I
C
= 1000 I
B
V
CE(sat)
V
BE(sat)
I
C[A], COLLECTOR CURRENT
1
10
100
1000
0.01
0.1
1
10
100m
s
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
5
10
15
20
25
30
35
40
T
C[
o
C], CASE TEMPERATURE


Similar Part No. - KSD560

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSD560 SAMSUNG-KSD560 Datasheet
235Kb / 6P
   NPN (LOW FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING INDUSTRIAL USE)
logo
Fairchild Semiconductor
KSD560 FAIRCHILD-KSD560 Datasheet
48Kb / 4P
   Low Frequency Power Amplifier
logo
Inchange Semiconductor ...
KSD560 ISC-KSD560 Datasheet
170Kb / 3P
   isc Silicon NPN Darlington Power Transistor
logo
Fairchild Semiconductor
KSD560R FAIRCHILD-KSD560R Datasheet
48Kb / 4P
   Low Frequency Power Amplifier
KSD560Y FAIRCHILD-KSD560Y Datasheet
48Kb / 4P
   Low Frequency Power Amplifier
More results

Similar Description - KSD560

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSB1366 FAIRCHILD-KSB1366 Datasheet
50Kb / 4P
   LOW FREQUENCY POWER AMPLIFIER
KSB834W FAIRCHILD-KSB834W Datasheet
28Kb / 3P
   Low Frequency Power Amplifier
KSD1589 FAIRCHILD-KSD1589 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD261 FAIRCHILD-KSD261 Datasheet
38Kb / 4P
   Low Frequency Power Amplifier
KSD568 FAIRCHILD-KSD568 Datasheet
42Kb / 4P
   Low Frequency Power Amplifier
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
   Low frequency power amplifier
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
   LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
   Low Frequency Power Amplifier
KSB1015YTU FAIRCHILD-KSB1015YTU Datasheet
55Kb / 4P
   Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8227AP UTC-TA8227AP_15 Datasheet
333Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com