Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS15T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # SMS15T1G
Description  SC??4 Quad Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMS15T1G Datasheet(HTML) 3 Page - ON Semiconductor

  SMS15T1G Datasheet HTML 1Page - ON Semiconductor SMS15T1G Datasheet HTML 2Page - ON Semiconductor SMS15T1G Datasheet HTML 3Page - ON Semiconductor SMS15T1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMS05T1 Series
http://onsemi.com
3
SMS15
SMS12
Figure 1. Non−Repetitive Peak Pulse Power
versus Pulse Time
Figure 2. Power Derating Curve
Figure 3. Pulse Waveform
t, TIME (
ms)
30
15
10
5
0
Figure 4. Clamping Voltage versus
Peak Pulse Current
IPP, PEAK PULSE CURRENT (A)
25
20
15
10
5
0
15
10
5
0
25
Figure 5. 8 x 20
ms VF
IF, FORWARD CURRENT (A)
5
3
1
10
5
0
Figure 6. Typical Capacitance (SMS05 Series)
VR, REVERSE VOLTAGE (V)
25
20
15
10
5
0
150
100
50
0
0
200
250
25
20
90
80
70
60
50
40
30
20
10
0
100
110
WAVEFORM
PARAMETERS
tr = 8 ms
td = 20 ms
td = IPP/2
4
20
15
PULSE
WAVEFORM
tr = 8 ms
td = 20 ms
WAVEFORM
PARAMETERS
tr = 8 ms
td = 20 ms
20
SMS24
2
300
TJ = 25°C
c−t
8 X 20
ms SURGE
SMS05
SMS12
SMS05
tp, PULSE DURATION (ms)
10
1
0.1
1000
100
10
1
0.1
TA, AMBIENT TEMPERATURE (°C)
150
125
100
75
50
25
0
90
80
70
60
50
40
30
20
10
0
0.01
100
110
SMS15
SMS24
40
35
30
50
45


Similar Part No. - SMS15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMS15T1G ONSEMI-SMS15T1G Datasheet
58Kb / 4P
   SC??4 Quad Transient Voltage Suppressor
November, 2006 ??Rev. 7
SMS15T1G ONSEMI-SMS15T1G Datasheet
61Kb / 4P
   SC-74 Quad Transient Voltage Suppressor
September, 2014 ??Rev. 8
More results

Similar Description - SMS15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMS24T1G ONSEMI-SMS24T1G Datasheet
58Kb / 4P
   SC??4 Quad Transient Voltage Suppressor
November, 2006 ??Rev. 7
SMS12T1G ONSEMI-SMS12T1G Datasheet
58Kb / 4P
   SC??4 Quad Transient Voltage Suppressor
November, 2006 ??Rev. 7
SMS05T1 ONSEMI-SMS05T1_14 Datasheet
61Kb / 4P
   SC-74 Quad Transient Voltage Suppressor
September, 2014 ??Rev. 8
logo
Motorola, Inc
MMQA5V6T1 MOTOROLA-MMQA5V6T1 Datasheet
136Kb / 8P
   SC-59 QUAD TRANSIENT VOLTAGE SUPPRESSOR 5.6 VOLTS
logo
ON Semiconductor
SMS05T1 ONSEMI-SMS05T1 Datasheet
47Kb / 4P
   SC-74 Quad Transient Voltage Suppressor for ESD Protection
April, 2002 ??Rev. 5
MMQA5V6T1G ONSEMI-MMQA5V6T1G Datasheet
126Kb / 7P
   SC??4 QUAD TRANSIENT VOLTAGE SUPPRESSOR 24 WATTS PEAK POWER 5.6 ??33 VOLTS
February, 2012 ??Rev. 10
NUP4012PMU ONSEMI-NUP4012PMU Datasheet
140Kb / 3P
   Quad Transient Voltage Suppressor Array
November, 2008??Rev. 1
NUP3112UPMU ONSEMI-NUP3112UPMU_14 Datasheet
76Kb / 4P
   Quad Transient Voltage Suppressor Array
April, 2014??Rev. 1
NUP3112UPMU ONSEMI-NUP3112UPMU Datasheet
141Kb / 3P
   Quad Transient Voltage Suppressor Array
June, 2008??Rev. 0
NUP4212UPMU ONSEMI-NUP4212UPMU Datasheet
145Kb / 4P
   Quad Transient Voltage Suppressor Array
August, 2009??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com