Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5641AKSZ-500RL7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5641AKSZ-500RL7
Description  SPI Interface in LFCSP and SC70
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5641AKSZ-500RL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5641AKSZ-500RL7 Datasheet HTML 4Page - Analog Devices AD5641AKSZ-500RL7 Datasheet HTML 5Page - Analog Devices AD5641AKSZ-500RL7 Datasheet HTML 6Page - Analog Devices AD5641AKSZ-500RL7 Datasheet HTML 7Page - Analog Devices AD5641AKSZ-500RL7 Datasheet HTML 8Page - Analog Devices AD5641AKSZ-500RL7 Datasheet HTML 9Page - Analog Devices AD5641AKSZ-500RL7 Datasheet HTML 10Page - Analog Devices AD5641AKSZ-500RL7 Datasheet HTML 11Page - Analog Devices AD5641AKSZ-500RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD5641
Data Sheet
Rev. D | Page 8 of 20
–0.0025
–0.0020
–0.0015
–0.0010
–0.0005
0
0.0005
0.0010
0.0015
0.0020
0.0025
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
ZERO-CODE ERROR @ VDD = 5V
FULL-SCALE ERROR @ VDD = 5V
FULL-SCALE ERROR @ VDD = 3V
ZERO-CODE ERROR @ VDD = 3V
Figure 11. Zero-Code/Full-Scale Error vs. Temperature (3 V/5 V)
–0.0020
–0.0015
–0.0010
–0.0005
0
0.0005
0.0010
0.0015
0.0020
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY (V)
TA = 25°C
FULL-SCALE ERROR
ZERO-CODE ERROR
Figure 12. Zero-Code/Full-Scale Error vs. Supply at 25°C
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
256
2256
4256
6256
8256 10256 12256
14256
DAC CODE
VDD = 5V
TA = 25°C
Figure 13. Typical DNL
–0.4
–0.3
–0.2
–0.1
0.1
0.2
0.3
0.4
0.5
0.6
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
0
MAX DNL @ VDD = 5V
MIN DNL @ VDD = 5V
MAX DNL @ VDD = 3V
MIN DNL @ VDD = 3V
Figure 14. DNL Error vs. Temperature (3 V/5 V)
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY (V)
TA = 25°C
MAX DNL ERROR
MIN DNL ERROR
Figure 15. DNL Error vs. Supply at 25°C
0
2
4
6
8
10
12
IDD (mA)
VDD = 5V
VIH = DVDD
VIL = GND
TA = 25°C
VDD = 3V
VIH = DVDD
VIL = GND
TA = 25°C
Figure 16. IDD Histogram (3 V/5 V)


Similar Part No. - AD5641AKSZ-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5641AKS AD-AD5641AKS Datasheet
572Kb / 20P
   2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
Rev. PrC
More results

Similar Description - AD5641AKSZ-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5611 AD-AD5611_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621 AD-AD5621_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_13 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621AKSZ AD-AD5621AKSZ Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5626 AD-AD5626 Datasheet
794Kb / 20P
   5V,12-Bit nanoDAC, Serial Interface in MSOP and LFCSP Packages
REV. 0
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7944 AD-AD7944_17 Datasheet
689Kb / 29P
   15.5 mW ADC in LFCSP
logo
ATMEL Corporation
AT73C209 ATMEL-AT73C209_14 Datasheet
1Mb / 63P
   SPI Interface and Internal Programming Registers
logo
ams AG
AS3693C-9 AMSCO-AS3693C-9 Datasheet
1Mb / 30P
   SPI interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com