Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7376ARWZ10-RL Datasheet(PDF) 3 Page - Analog Devices

Part # AD7376ARWZ10-RL
Description  128-Position Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7376ARWZ10-RL Datasheet(HTML) 3 Page - Analog Devices

  AD7376ARWZ10-RL Datasheet HTML 1Page - Analog Devices AD7376ARWZ10-RL Datasheet HTML 2Page - Analog Devices AD7376ARWZ10-RL Datasheet HTML 3Page - Analog Devices AD7376ARWZ10-RL Datasheet HTML 4Page - Analog Devices AD7376ARWZ10-RL Datasheet HTML 5Page - Analog Devices AD7376ARWZ10-RL Datasheet HTML 6Page - Analog Devices AD7376ARWZ10-RL Datasheet HTML 7Page - Analog Devices AD7376ARWZ10-RL Datasheet HTML 8Page - Analog Devices AD7376ARWZ10-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD7376
Rev. D | Page 3 of 20
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—10 kΩ VERSION
VDD/VSS = ±15 V ± 10%, VA = VDD, VB = VSS/0 V, −40°C < TA < +85°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS—
RHEOSTAT MODE
Resistor Differential Nonlinearity2
R-DNL
RWB, VA = NC, VDD/VSS = ±15 V
−1
±0.5
+1
LSB
Resistor Nonlinearity2
R-INL
RWB, VA = NC, VDD/VSS = ±15 V
−1
±0.5
+1
LSB
Nominal Resistor Tolerance
∆RAB
TA = 25°C
−30
+30
%
Resistance Temperature Coefficient3
(∆RAB/RAB)/∆T × 106
VAB = VDD, wiper = no connect
−300
ppm/°C
Wiper Resistance
RW
VDD/VSS = ±15 V
120
200
VDD/VSS = ±5 V
260
DC CHARACTERISTICS—
POTENTIOMETER DIVIDER MODE
Integral Nonlinearity4
INL
VDD/VSS = ±15 V
−1
±0.5
+1
LSB
Differential Nonlinearity4
DNL
VDD/VSS = ±15 V
−1
±0.5
+1
LSB
Voltage Divider Temperature
Coefficient
(∆VW/VW)/∆T × 106
Code = 0x40
5
ppm/°C
Full-Scale Error
VWFSE
Code = 0x7F, VDD/VSS = ±15 V
−3
−1.5
0
LSB
Zero-Scale Error
VWZSE
Code = 0x00, VDD/VSS = ±15 V
0
1.5
3
LSB
RESISTOR TERMINALS
Voltage Range5
VA, B,W
VSS
VDD
V
Capacitance6 A, B
CA, B
f = 1 MHz, measured to GND,
code = 0x40
45
pF
Capacitance6
CW
f = 1 MHz, measured to GND,
code = 0x40
60
pF
Shutdown Supply Current7
IA_SD
VA = VDD, VB = 0 V, SHDN = 0
0.02
1
µA
Shutdown Wiper Resistance
RW_SD
VA = VDD, VB = 0 V, SHDN = 0, VDD = 15 V
170
400
Common-Mode Leakage
ICM
VA = VB = VW
1
nA
DIGITAL INPUTS AND OUTPUTS
Input Logic High
VIH
VDD = 5 V or 15 V
2.4
V
Input Logic Low
VIL
VDD = 5 V or 15 V
0.8
V
Output Logic High
VOH
RPull-Up = 2.2 kΩ to 5 V
4.9
V
Output Logic Low
VOL
IOL = 1.6 mA, VDD = 15 V
0.4
V
Input Current
IIL
VIN = 0 V or 5 V
±1
µA
Input Capacitance6
CIL
5
pF
POWER SUPPLIES
Power Supply Range
VDD/VSS
Dual-supply range
±4.5
±16.5
V
Power Supply Range
VDD
Single-supply range, VSS = 0
4.5
33
V
Positive Supply Current
IDD
VIH = 5 V or VIL = 0 V, VDD/VSS = ±15 V
2
mA
VIH = 5 V or VIL = 0 V, VDD/VSS = ±5 V
12
25
µA
Negative Supply Current
ISS
VIH = 5 V or VIL = 0 V, VDD/VSS = ±15 V
−0.1
mA
VIH = 5 V or VIL = 0 V, VDD/VSS = ±5 V
−0.1
mA
Power Dissipation8
PDISS
VIH = 5 V or VIL = 0 V, VDD/VSS = ±15 V
31.5
mW
Power Supply Rejection Ratio
PSRR
ΔVDD/ΔVSS = ±15 V ± 10%
−0.2
±0.05
+0.2
%/%


Similar Part No. - AD7376ARWZ10-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7376AR10 AD-AD7376AR10 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376AR100 AD-AD7376AR100 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376AR1M AD-AD7376AR1M Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376AR50 AD-AD7376AR50 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376ARU10 AD-AD7376ARU10 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
More results

Similar Description - AD7376ARWZ10-RL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5247BKSZ100-2RL7 AD-AD5247BKSZ100-2RL7 Datasheet
489Kb / 20P
   128-Position I2C-Compatible Digital Potentiometer
Rev. F
AD5247 AD-AD5247 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
AD7376 AD-AD7376_15 Datasheet
452Kb / 20P
   30 V/15 V Operation 128-Position Digital Potentiometer
REV. D
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5121 AD-AD5121 Datasheet
673Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com