Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7376ARUZ50 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7376ARUZ50
Description  128-Position Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7376ARUZ50 Datasheet(HTML) 1 Page - Analog Devices

  AD7376ARUZ50 Datasheet HTML 1Page - Analog Devices AD7376ARUZ50 Datasheet HTML 2Page - Analog Devices AD7376ARUZ50 Datasheet HTML 3Page - Analog Devices AD7376ARUZ50 Datasheet HTML 4Page - Analog Devices AD7376ARUZ50 Datasheet HTML 5Page - Analog Devices AD7376ARUZ50 Datasheet HTML 6Page - Analog Devices AD7376ARUZ50 Datasheet HTML 7Page - Analog Devices AD7376ARUZ50 Datasheet HTML 8Page - Analog Devices AD7376ARUZ50 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
+30 V/±15 V Operation
128-Position Digital Potentiometer
AD7376
FEATURES
128 positions
10 kΩ, 50 kΩ, 100 kΩ
20 V to 30 V single-supply operation
±10 V to ±15 V dual-supply operation
3-wire SPI®-compatible serial interface
THD 0.006% typical
Programmable preset
Power shutdown: less than 1 µA
i
CMOS™ process technology
APPLICATIONS
High voltage DAC
Programmable power supply
Programmable gain and offset adjustment
Programmable filters, delays
Actuator control
Audio volume control
Mechanical potentiometer replacement
FUNCTIONAL BLOCK DIAGRAM
VDD
A
W
B
VSS
SDI
CLK
CS
SDO
7
7
R
7-BIT
LATCH
7-BIT
SERIAL
REGISTER
Q
D
CK
AD7376
SHDN
SHDN
RS
GND
Figure 1.
GENERAL DESCRIPTION
The AD73761 is one of the few high voltage, high performance
digital potentiometers2 on the market. This device can be used
as a programmable resistor or resistor divider. The AD7376
performs the same electronic adjustment function as mechanical
potentiometers, variable resistors, and trimmers with enhanced
resolution, solid-state reliability, and programmability. With
digital rather than manual control, the AD7376 provides layout
flexibility and allows closed-loop dynamic controllability.
The AD7376 features sleep-mode programmability in shutdown
that can be used to program the preset before device activation,
thus providing an alternative to costly EEPROM solutions.
The AD7376 is available in 14-lead TSSOP and 16-lead wide
body SOIC packages in 10 kΩ, 50 kΩ, and 100 kΩ options. All
parts are guaranteed to operate over the −40°C to +85°C
extended industrial temperature range.
1
Patent number: 54952455.
2
The terms digital potentiometer and RDAC are used interchangeably.
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1997–2011 Analog Devices, Inc. All rights reserved.


Similar Part No. - AD7376ARUZ50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7376ARU10 AD-AD7376ARU10 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376ARU100 AD-AD7376ARU100 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376ARU1M AD-AD7376ARU1M Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376ARU50 AD-AD7376ARU50 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
More results

Similar Description - AD7376ARUZ50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5247BKSZ100-2RL7 AD-AD5247BKSZ100-2RL7 Datasheet
489Kb / 20P
   128-Position I2C-Compatible Digital Potentiometer
Rev. F
AD5247 AD-AD5247 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
AD7376 AD-AD7376_15 Datasheet
452Kb / 20P
   30 V/15 V Operation 128-Position Digital Potentiometer
REV. D
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5121 AD-AD5121 Datasheet
673Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com