Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9777BSZVRL Datasheet(PDF) 6 Page - Analog Devices

Part # AD9777BSZVRL
Description  16-Bit, 160 MSPS 2x/4x/8x Interpolating Dual TxDAC D/A Converter
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9777BSZVRL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9777BSZVRL Datasheet HTML 2Page - Analog Devices AD9777BSZVRL Datasheet HTML 3Page - Analog Devices AD9777BSZVRL Datasheet HTML 4Page - Analog Devices AD9777BSZVRL Datasheet HTML 5Page - Analog Devices AD9777BSZVRL Datasheet HTML 6Page - Analog Devices AD9777BSZVRL Datasheet HTML 7Page - Analog Devices AD9777BSZVRL Datasheet HTML 8Page - Analog Devices AD9777BSZVRL Datasheet HTML 9Page - Analog Devices AD9777BSZVRL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
AD9777
Rev. C | Page 6 of 60
DYNAMIC SPECIFICATIONS
TMIN to TMAX, AVDD = 3.3 V, CLKVDD = 3.3 V, DVDD = 3.3 V, PLLVDD = 0 V, IOUTFS = 20 mA, Interpolation = 2×, differential
transformer-coupled output, 50 Ω doubly terminated, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Maximum DAC Output Update Rate (fDAC)
400
MSPS
Output Settling Time (tST) (to 0.025%)
11
ns
Output Rise Time (10% to 90%)1
0.8
ns
Output Fall Time (10% to 90%)1
0.8
ns
Output Noise (IOUTFS = 20 mA)
50
pA/√Hz
AC LINEARITY—BASEBAND MODE
Spurious-Free Dynamic Range (SFDR) to Nyquist (fOUT = 0 dBFS)
fDATA = 100 MSPS, fOUT = 1 MHz
71
85
dBc
fDATA = 65 MSPS, fOUT = 1 MHz
85
dBc
fDATA = 65 MSPS, fOUT = 15 MHz
84
dBc
fDATA = 78 MSPS, fOUT = 1 MHz
85
dBc
fDATA = 78 MSPS, fOUT = 15 MHz
83
dBc
fDATA = 160 MSPS, fOUT = 1 MHz
85
dBc
fDATA = 160 MSPS, fOUT = 15 MHz
83
dBc
Spurious-Free Dynamic Range within a 1 MHz Window
fOUT = 0 dBFS, fDATA = 100 MSPS, fOUT = 1 MHz
73
99.1
dBc
Two-Tone Intermodulation (IMD) to Nyquist (fOUT1 = fOUT2 = −6 dBFS)
fDATA = 65 MSPS, fOUT1 = 10 MHz; fOUT2 = 11 MHz
85
dBc
fDATA = 65 MSPS, fOUT1 = 20 MHz; fOUT2 = 21 MHz
78
dBc
fDATA = 78 MSPS, fOUT1 = 10 MHz; fOUT2 = 11 MHz
85
dBc
fDATA = 78 MSPS, fOUT1 = 20 MHz; fOUT2 = 21 MHz
78
dBc
fDATA = 160 MSPS, fOUT1 = 10 MHz; fOUT2 = 11 MHz
85
dBc
fDATA = 160 MSPS, fOUT1 = 20 MHz; fOUT2 = 21 MHz
84
dBc
Total Harmonic Distortion (THD)
fDATA = 100 MSPS, fOUT = 1 MHz; 0 dBFS
−71
−83
dB
Signal-to-Noise Ratio (SNR)
fDATA = 78 MSPS, fOUT = 5 MHz; 0 dBFS
79
dB
fDATA = 160 MSPS, fOUT = 5 MHz; 0 dBFS
75
dB
Adjacent Channel Power Ratio (ACPR)
WCDMA with 3.84 MHz BW, 5 MHz Channel Spacing
IF = Baseband, fDATA = 76.8 MSPS
73
dBc
IF = 19.2 MHz, fDATA = 76.8 MSPS
73
dBc
Four-Tone Intermodulation
21 MHz, 22 MHz, 23 MHz, and 24 MHz at −12 dBFS (fDATA = MSPS, Missing Center)
76
dBFS
AC LINEARITY—IF MODE
Four-Tone Intermodulation at IF = 200 MHz
201 MHz, 202 MHz, 203 MHz, and 204 MHz at −12 dBFS (fDATA = 160 MSPS, fDAC = 320 MHz)
72
dBFS
1 Measured single-ended into 50 Ω load.


Similar Part No. - AD9777BSZVRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9777BSV AD-AD9777BSV Datasheet
5Mb / 48P
   16-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
More results

Similar Description - AD9777BSZVRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9777 AD-AD9777 Datasheet
5Mb / 48P
   16-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
AD9773BSV AD-AD9773BSV Datasheet
1Mb / 60P
   12-Bit, 160 MSPS, 2x/4x/8x Interpolating Dual TxDAC D/A Converter
REV. D
AD9775 AD-AD9775 Datasheet
5Mb / 48P
   14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
AD9773 AD-AD9773 Datasheet
218Kb / 19P
   12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
REV. PrA
logo
Texas Instruments
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
[Old version datasheet]   16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
logo
Analog Devices
AD9772A AD-AD9772A Datasheet
596Kb / 32P
   14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
REV. A
logo
Renesas Technology Corp
DAC1405D750 RENESAS-DAC1405D750 Datasheet
415Kb / 41P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com