Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9777BSZVRL Datasheet(PDF) 9 Page - Analog Devices

Part # AD9777BSZVRL
Description  16-Bit, 160 MSPS 2x/4x/8x Interpolating Dual TxDAC D/A Converter
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9777BSZVRL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9777BSZVRL Datasheet HTML 5Page - Analog Devices AD9777BSZVRL Datasheet HTML 6Page - Analog Devices AD9777BSZVRL Datasheet HTML 7Page - Analog Devices AD9777BSZVRL Datasheet HTML 8Page - Analog Devices AD9777BSZVRL Datasheet HTML 9Page - Analog Devices AD9777BSZVRL Datasheet HTML 10Page - Analog Devices AD9777BSZVRL Datasheet HTML 11Page - Analog Devices AD9777BSZVRL Datasheet HTML 12Page - Analog Devices AD9777BSZVRL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
AD9777
Rev. C | Page 9 of 60
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
With Respect To
Min
Max
Unit
AVDD, DVDD, CLKVDD
AGND, DGND, CLKGND
−0.3
+4.0
V
AVDD, DVDD, CLKVDD
AVDD, DVDD, CLKVDD
−4.0
+4.0
V
AGND, DGND, CLKGND
AGND, DGND, CLKGND
−0.3
+0.3
V
REFIO, FSADJ1/FSADJ2
AGND
−0.3
AVDD + 0.3
V
IOUTA, IOUTB
AGND
−1.0
AVDD + 0.3
V
P1B15 to P1B0, P2B15 to P2B0, RESET
DGND
−0.3
DVDD + 0.3
V
DATACLK/PLL_LOCK
DGND
−0.3
DVDD + 0.3
V
CLK+, CLK−
CLKGND
−0.3
CLKVDD + 0.3
V
LPF
CLKGND
−0.3
CLKVDD + 0.3
V
SPI_CSB, SPI_CLK, SPI_SDIO, SPI_SDO
DGND
−0.3
DVDD + 0.3
V
Junction Temperature
125
°C
Storage Temperature
−65
+150
°C
Lead Temperature (10 sec)
300
°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum ratings for extended periods may affect device reliability.
THERMAL CHARACTERISTICS
Thermal Resistance
80-lead thin quad flat package, exposed pad [TQFP_EP]
θJA = 23.5°C/W (With thermal pad soldered to PCB)
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD9777BSZVRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9777BSV AD-AD9777BSV Datasheet
5Mb / 48P
   16-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
More results

Similar Description - AD9777BSZVRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9777 AD-AD9777 Datasheet
5Mb / 48P
   16-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
AD9773BSV AD-AD9773BSV Datasheet
1Mb / 60P
   12-Bit, 160 MSPS, 2x/4x/8x Interpolating Dual TxDAC D/A Converter
REV. D
AD9775 AD-AD9775 Datasheet
5Mb / 48P
   14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
AD9773 AD-AD9773 Datasheet
218Kb / 19P
   12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
REV. PrA
logo
Texas Instruments
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
[Old version datasheet]   16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
logo
Analog Devices
AD9772A AD-AD9772A Datasheet
596Kb / 32P
   14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
REV. A
logo
Renesas Technology Corp
DAC1405D750 RENESAS-DAC1405D750 Datasheet
415Kb / 41P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com