Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9777BSZVRL Datasheet(PDF) 3 Page - Analog Devices

Part # AD9777BSZVRL
Description  16-Bit, 160 MSPS 2x/4x/8x Interpolating Dual TxDAC D/A Converter
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9777BSZVRL Datasheet(HTML) 3 Page - Analog Devices

  AD9777BSZVRL Datasheet HTML 1Page - Analog Devices AD9777BSZVRL Datasheet HTML 2Page - Analog Devices AD9777BSZVRL Datasheet HTML 3Page - Analog Devices AD9777BSZVRL Datasheet HTML 4Page - Analog Devices AD9777BSZVRL Datasheet HTML 5Page - Analog Devices AD9777BSZVRL Datasheet HTML 6Page - Analog Devices AD9777BSZVRL Datasheet HTML 7Page - Analog Devices AD9777BSZVRL Datasheet HTML 8Page - Analog Devices AD9777BSZVRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
AD9777
Rev. C | Page 3 of 60
REVISION HISTORY
1/0
6—Rev. B to Rev. C
Updated Formatting .........................................................Universal
Changes to Figure 32 .................................................................... 22
Changes to Figure 108 .................................................................. 54
Updated Outline Dimensions ..................................................... 58
Changes to Ordering Guide......................................................... 58
6/04—Data Sheet Changed from Rev. A to Rev. B.
Changes to DC Specifications ....................................................... 5
Changes to Absolute Maximum Ratings...................................... 8
Changes to DAC Operation Section........................................... 25
Changes to Figure 49, Figure 50, and Figure 51........................ 29
Changes to the PLL Enabled, One-Port Mode Section............ 30
Changes to the PLL Disabled, One-Port Mode Section........... 32
Changes to the Ordering Guide .................................................. 57
Updated the Outline Dimensions ............................................... 57
3/03—Data Sheet Changed from Rev. 0 to Rev. A.
Edits to Features .............................................................................. 1
Edits to DC Specifications ............................................................. 3
Edits to Dynamic Specifications.................................................... 4
Edits to Pin Function Descriptions............................................... 7
Edits to Table I ............................................................................... 14
Edits to Register Description—Address 02h Section ............... 15
Edits to Register Description—Address 03h Section ............... 16
Edits to Register Description—Address 07h, 0Bh Section...... 16
Edits to Equation 1........................................................................ 16
Edits to MSB/LSB Transfers Section........................................... 18
Changes to Figure 8 ...................................................................... 20
Edits to Programmable PLL Section........................................... 21
Added new Figure 14.................................................................... 22
Renumbered Figures 15 to 69...................................................... 22
Added Two-Port Data Input Mode Section............................... 23
Edits to PLL Enabled, Two-Port Mode Section ........................ 24
Edits to Figure 19 ......................................................................... 24
Edits to Figure 21 .......................................................................... 25
Edits to PLL Disabled, Two-Port Mode Section ....................... 25
Edits to Figure 22 .......................................................................... 25
Edits to Figure 23 .......................................................................... 26
Edits to Figure 26a ........................................................................ 27
Changes to Figures 53 and 54...................................................... 38
Edits to Evaluation Board Section .............................................. 39
Changes to Figures 56 to 59......................................................... 40
Replaced Figures 60 to 69 ............................................................ 42
Updated Outline Dimensions...................................................... 49
7/02—Revision 0: Initial Version


Similar Part No. - AD9777BSZVRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9777BSV AD-AD9777BSV Datasheet
5Mb / 48P
   16-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
More results

Similar Description - AD9777BSZVRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9777 AD-AD9777 Datasheet
5Mb / 48P
   16-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
AD9773BSV AD-AD9773BSV Datasheet
1Mb / 60P
   12-Bit, 160 MSPS, 2x/4x/8x Interpolating Dual TxDAC D/A Converter
REV. D
AD9775 AD-AD9775 Datasheet
5Mb / 48P
   14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
AD9773 AD-AD9773 Datasheet
218Kb / 19P
   12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
REV. PrA
logo
Texas Instruments
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
[Old version datasheet]   16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
logo
Analog Devices
AD9772A AD-AD9772A Datasheet
596Kb / 32P
   14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
REV. A
logo
Renesas Technology Corp
DAC1405D750 RENESAS-DAC1405D750 Datasheet
415Kb / 41P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com