Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3843B Datasheet(PDF) 5 Page - STMicroelectronics

Part # UC3843B
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UC3843B Datasheet(HTML) 5 Page - STMicroelectronics

  UC3843B Datasheet HTML 1Page - STMicroelectronics UC3843B Datasheet HTML 2Page - STMicroelectronics UC3843B Datasheet HTML 3Page - STMicroelectronics UC3843B Datasheet HTML 4Page - STMicroelectronics UC3843B Datasheet HTML 5Page - STMicroelectronics UC3843B Datasheet HTML 6Page - STMicroelectronics UC3843B Datasheet HTML 7Page - STMicroelectronics UC3843B Datasheet HTML 8Page - STMicroelectronics UC3843B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Figure 1: Open Loop Test Circuit.
RT
A
2N2222
4.7K
1K
ERROR AMP.
ADJUST
4.7K
5K
ISENSE
ADJUST
100K
COMP
VFB
ISENSE
RT/CT
1
2
3
4
CT
7
6
5
8
VREF
Vi
OUTPUT
GROUND
0.1
µF
0.1
µF
VREF
Vi
OUTPUT
GROUND
1W
1K
D95IN343
High peak currents associated with capacitive loads
necessitate careful grounding techniques. Timing
and bypass capacitors should be connected close
to pin 5 in a single point ground. The transistor and
5 K
Ω potentiometer are used to sample the oscillator
waveform and apply an adjustable ramp to pin 3.
10K
20K
30K
50K
100K
200K 300K
500K
fOSC(KHz)
1
2
5
10
20
50
D95IN333
CT=10nF
CT=5nF
CT=2nF
C
T=1nF
C
T=500pF
C
T=200pF
C
T=100pF
Vi=15V
TA=25˚C
RT
(K
Ω)
0.8
Figure 2: Timing Resistor vs. Oscillator Fre-
quency
10K
20K
30K
50K
100K
200K 300K
500K fOSC(KHz)
1
2
3
5
10
20
30
50
%
CT=10nF
CT=5nF
CT=2nF
CT=1nF
CT=500pF
CT=200pF
CT=100pF
D95IN334
Vi=15V
TA=25˚C
Figure 3: Output Dead-Time vs. Oscillator Fre-
quency
UC2842B
UC2842B/3B/4B/5B - UC3842B/3B/4B/5B
5/15


Similar Part No. - UC3843B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UC3843B ONSEMI-UC3843B Datasheet
295Kb / 20P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
July, 2011 ??Rev. 15
logo
Guangdong Youtai Semico...
UC3843B UMW-UC3843B Datasheet
874Kb / 7P
   Low Start-Up and Operating Current
logo
STMicroelectronics
UC3843B STMICROELECTRONICS-UC3843B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3843B STMICROELECTRONICS-UC3843B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Unisonic Technologies
UC3843B UTC-UC3843B Datasheet
185Kb / 7P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
More results

Similar Description - UC3843B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
   High Performance Current Mode PWM Controller
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
   High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
   High performance current mode PWM controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com