Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM6320xxxARJ-RL7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM6320xxxARJ-RL7
Description  Supervisory Circuits with Watchdog
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6320xxxARJ-RL7 Datasheet(HTML) 5 Page - Analog Devices

  ADM6320xxxARJ-RL7 Datasheet HTML 1Page - Analog Devices ADM6320xxxARJ-RL7 Datasheet HTML 2Page - Analog Devices ADM6320xxxARJ-RL7 Datasheet HTML 3Page - Analog Devices ADM6320xxxARJ-RL7 Datasheet HTML 4Page - Analog Devices ADM6320xxxARJ-RL7 Datasheet HTML 5Page - Analog Devices ADM6320xxxARJ-RL7 Datasheet HTML 6Page - Analog Devices ADM6320xxxARJ-RL7 Datasheet HTML 7Page - Analog Devices ADM6320xxxARJ-RL7 Datasheet HTML 8Page - Analog Devices ADM6320xxxARJ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
Rev. F | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VCC
−0.3 V to +6 V
RESET (ADM6320, ADM6321, ADM6322)
−0.3 V to +6 V
All Other Pins
−0.3 V to (VCC + 0.3 V)
Output Current (RESET, RESET)
20 mA
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +125°C
θJA Thermal Impedance, SOT-23
270°C/W
Lead Temperature
Soldering (10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - ADM6320xxxARJ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6320xxxARJ-RL7 AD-ADM6320xxxARJ-RL7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
More results

Similar Description - ADM6320xxxARJ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Texas Instruments
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25 TI-TPS3813J25_07 Datasheet
385Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-Q1 TI1-TPS3813K33-Q1 Datasheet
879Kb / 21P
[Old version datasheet]   Processor Supervisory Circuits With Window-Watchdog
TPS3813I50-Q1 TI1-TPS3813I50-Q1 Datasheet
301Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25 TI1-TPS3813J25_16 Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
logo
ams AG
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Sipex Corporation
SP6330 SIPEX-SP6330 Datasheet
311Kb / 13P
   Quad 關Power Supervisory Circuits with Manual Reset & Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com