Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM6321xxxARJ-RL7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM6321xxxARJ-RL7
Description  Supervisory Circuits with Watchdog
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6321xxxARJ-RL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM6321xxxARJ-RL7 Datasheet HTML 3Page - Analog Devices ADM6321xxxARJ-RL7 Datasheet HTML 4Page - Analog Devices ADM6321xxxARJ-RL7 Datasheet HTML 5Page - Analog Devices ADM6321xxxARJ-RL7 Datasheet HTML 6Page - Analog Devices ADM6321xxxARJ-RL7 Datasheet HTML 7Page - Analog Devices ADM6321xxxARJ-RL7 Datasheet HTML 8Page - Analog Devices ADM6321xxxARJ-RL7 Datasheet HTML 9Page - Analog Devices ADM6321xxxARJ-RL7 Datasheet HTML 10Page - Analog Devices ADM6321xxxARJ-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
Rev. F | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
10.0
9.0
9.5
8.0
7.5
8.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
VCC = 5V
VCC = 3V
VCC = 1.5V
Figure 7. Supply Current vs. Temperature
(ADM6316/ADM6317/ADM6318/ADM6320/ADM6321)
VCC (V)
5.5
0
2.0
1.5
1.0
0.5
2.5
3.0
3.5
4.0
4.5
5.0
80
70
75
60
55
65
50
45
40
35
30
20
10
25
15
5
0
Figure 8. Supply Current vs. Supply Voltage
TEMPERATURE (°C)
–40
40
20
0
–20
60
80
1.05
1.03
1.04
1.01
1.00
1.02
0.99
0.98
0.97
0.96
0.95
Figure 9. Normalized Reset Threshold vs. Temperature
TEMPERATURE (°C)
–40
40
20
0
–20
60
80
100
80
90
60
50
70
40
30
20
10
0
Figure 10. VCC Falling to Reset Propagation Delay vs. Temperature
TEMPERATURE (°C)
–40
40
20
0
–20
60
80
340
300
320
260
240
280
220
200
180
160
140
120
100
Figure 11. Manual Reset to Reset Propagation Delay vs. Temperature
(ADM6316/ADM6317/ADM6319/ADM6320/ADM6322)
TEMPERATURE (°C)
–40
40
20
0
–20
60
80
1.20
1.10
1.15
1.00
0.95
1.05
0.90
0.85
0.80
Figure 12. Normalized Reset Timeout Period vs. Temperature


Similar Part No. - ADM6321xxxARJ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6321xxxARJ-RL7 AD-ADM6321xxxARJ-RL7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
More results

Similar Description - ADM6321xxxARJ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Texas Instruments
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25 TI-TPS3813J25_07 Datasheet
385Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-Q1 TI1-TPS3813K33-Q1 Datasheet
879Kb / 21P
[Old version datasheet]   Processor Supervisory Circuits With Window-Watchdog
TPS3813I50-Q1 TI1-TPS3813I50-Q1 Datasheet
301Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25 TI1-TPS3813J25_16 Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
logo
ams AG
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Sipex Corporation
SP6330 SIPEX-SP6330 Datasheet
311Kb / 13P
   Quad 關Power Supervisory Circuits with Manual Reset & Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com