Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3338AKC-3.3-RL Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3338AKC-3.3-RL
Description  High Accuracy, Ultralow I Low Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3338AKC-3.3-RL Datasheet(HTML) 5 Page - Analog Devices

  ADP3338AKC-3.3-RL Datasheet HTML 1Page - Analog Devices ADP3338AKC-3.3-RL Datasheet HTML 2Page - Analog Devices ADP3338AKC-3.3-RL Datasheet HTML 3Page - Analog Devices ADP3338AKC-3.3-RL Datasheet HTML 4Page - Analog Devices ADP3338AKC-3.3-RL Datasheet HTML 5Page - Analog Devices ADP3338AKC-3.3-RL Datasheet HTML 6Page - Analog Devices ADP3338AKC-3.3-RL Datasheet HTML 7Page - Analog Devices ADP3338AKC-3.3-RL Datasheet HTML 8Page - Analog Devices ADP3338AKC-3.3-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADP3338
Rev. B | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
IN
3
OUT
2
2
GND
1
OUT
ADP3338
TOP VIEW
(Not to Scale)
NOTE: PIN 2 AND TAB ARE INTERNALLY CONNECTED
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND
Ground Pin.
2
OUT
Regulator Output. Bypass to ground with a 1 µF or larger capacitor.
3
IN
Regulator Input. Bypass to ground with a 1 µF or larger capacitor.


Similar Part No. - ADP3338AKC-3.3-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3338AKC-3.3-RL AD-ADP3338AKC-3.3-RL Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADP3338AKC-3.3-RL7 AD-ADP3338AKC-3.3-RL7 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
More results

Similar Description - ADP3338AKC-3.3-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3339 AD-ADP3339_15 Datasheet
252Kb / 12P
   High Accuracy, Ultralow I, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADP3339AKCZ-5-R7 AD-ADP3339AKCZ-5-R7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. 0
ADP3338 AD-ADP3338 Datasheet
144Kb / 8P
   High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339 AD-ADP3339 Datasheet
209Kb / 8P
   High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339AKC-33-RL7 AD-ADP3339AKC-33-RL7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ,1.5 A,anyCAP Low Dropout Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com