Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3338AKCZ-3.3-RL Datasheet(PDF) 11 Page - Analog Devices

Part # ADP3338AKCZ-3.3-RL
Description  High Accuracy, Ultralow I Low Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3338AKCZ-3.3-RL Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3338AKCZ-3.3-RL Datasheet HTML 7Page - Analog Devices ADP3338AKCZ-3.3-RL Datasheet HTML 8Page - Analog Devices ADP3338AKCZ-3.3-RL Datasheet HTML 9Page - Analog Devices ADP3338AKCZ-3.3-RL Datasheet HTML 10Page - Analog Devices ADP3338AKCZ-3.3-RL Datasheet HTML 11Page - Analog Devices ADP3338AKCZ-3.3-RL Datasheet HTML 12Page - Analog Devices ADP3338AKCZ-3.3-RL Datasheet HTML 13Page - Analog Devices ADP3338AKCZ-3.3-RL Datasheet HTML 14Page - Analog Devices ADP3338AKCZ-3.3-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADP3338
Rev. B | Page 11 of 16
Use the following general guidelines when designing printed
circuit boards:
Keep the output capacitor as close as possible to the output
and ground pins.
Keep the input capacitor as close as possible to the input
and ground pins.
Specify thick copper and use wide traces for optimum heat
transfer. PC board traces with larger cross sectional areas
remove more heat from the ADP3338.
Decrease thermal resistance by adding a copper pad under
the ADP3338, as shown in Figure 22 (b).
Use the adjacent area to the ADP3338 to add more copper
around it. Connecting the copper area to the output of the
ADP3338, as shown in Figure 22 (c), is best, but thermal
performance will be improved even if it is connected to
other signals.
Use additional copper layers or planes to reduce the
thermal resistance. Again, connecting the other layers to
the output of the ADP3338 is best, but is not necessary.
When connecting the output pad to other layers, use
multiple vias.


Similar Part No. - ADP3338AKCZ-3.3-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3338AKCZ-3.3-RL1 AD-ADP3338AKCZ-3.3-RL1 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
More results

Similar Description - ADP3338AKCZ-3.3-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3339 AD-ADP3339_15 Datasheet
252Kb / 12P
   High Accuracy, Ultralow I, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADP3339AKCZ-5-R7 AD-ADP3339AKCZ-5-R7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. 0
ADP3338 AD-ADP3338 Datasheet
144Kb / 8P
   High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339 AD-ADP3339 Datasheet
209Kb / 8P
   High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339AKC-33-RL7 AD-ADP3339AKC-33-RL7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ,1.5 A,anyCAP Low Dropout Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com