Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78M24AB Datasheet(PDF) 9 Page - STMicroelectronics

Part # L78M24AB
Description  Precision 500 mA regulators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M24AB Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L78M24AB Datasheet HTML 5Page - STMicroelectronics L78M24AB Datasheet HTML 6Page - STMicroelectronics L78M24AB Datasheet HTML 7Page - STMicroelectronics L78M24AB Datasheet HTML 8Page - STMicroelectronics L78M24AB Datasheet HTML 9Page - STMicroelectronics L78M24AB Datasheet HTML 10Page - STMicroelectronics L78M24AB Datasheet HTML 11Page - STMicroelectronics L78M24AB Datasheet HTML 12Page - STMicroelectronics L78M24AB Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
L78MxxAB, L78MxxAC
Electrical characteristics
Doc ID 2147 Rev 13
9/31
Refer to the test circuits, VI = 14 V, IO = 350 mA, CI = 0.33 µF, CO = 0.1 µF, TJ = -40 to 125
°C (AB), TJ = 0 to 125 °C (AC) unless otherwise specified).
Table 6.
Electrical characteristics of L78M08XX
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
7.84
8
8.16
V
VO
Output voltage
IO = 5 to 350 mA, VI = 10.5 to 23 V
7.7
8
8.3
V
ΔVO
Line regulation
VI = 10.5 to 25 V, IO = 200 mA,
TJ = 25°C
100
mV
VI = 11 to 25 V, IO = 200 mA, TJ = 25°C
30
ΔVO
Load regulation
IO = 5 to 500 mA, TJ = 25°C
160
mV
IO = 5 to 200 mA, TJ = 25°C
80
Id
Quiescent current
TJ = 25°C
6
mA
ΔId
Quiescent current change
IO = 5 to 350 mA
0.5
mA
IO = 200 mA, VI = 10.5 to 25 V
0.8
ΔVO/ΔT Output voltage drift
IO = 5 mA
-0.5
mV/°C
SVR
Supply voltage rejection
VI = 11.5 to 21.5 V, f = 120Hz
IO = 300mA, TJ = 25°C
56
dB
eN
Output noise voltage
B =10Hz to 100kHz, TJ = 25°C
52
µV
Vd
Dropout voltage
TJ = 25°C
2
V
Isc
Short circuit current
TJ = 25°C, VI = 35 V
250
mA
Iscp
Short circuit peak current
TJ = 25°C
700
mA


Similar Part No. - L78M24AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78M24AB STMICROELECTRONICS-L78M24AB Datasheet
873Kb / 29P
   Precision 500 mA regulators
L78M24AB STMICROELECTRONICS-L78M24AB Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M24AB STMICROELECTRONICS-L78M24AB Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M24AB STMICROELECTRONICS-L78M24AB Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M24AB STMICROELECTRONICS-L78M24AB Datasheet
650Kb / 31P
   Precision 500 mA regulators
More results

Similar Description - L78M24AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78M05ACDT-TR STMICROELECTRONICS-L78M05ACDT-TR Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M24ACDT-TR STMICROELECTRONICS-L78M24ACDT-TR Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M STMICROELECTRONICS-L78M Datasheet
1Mb / 47P
   Precision 500 mA regulators
March 2017 Rev 21
L78M05AB STMICROELECTRONICS-L78M05AB_11 Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M10ABDT-TR STMICROELECTRONICS-L78M10ABDT-TR Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M08ABDT-TR STMICROELECTRONICS-L78M08ABDT-TR Datasheet
650Kb / 31P
   Precision 500 mA regulators
May 2012 Rev 13
L78M12ABDT-TR STMICROELECTRONICS-L78M12ABDT-TR Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M STMICROELECTRONICS-L78M_V01 Datasheet
1Mb / 45P
   Precision 500 mA regulators
Rev 24 - September 2020
CD00000448 STMICROELECTRONICS-CD00000448 Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78MXXAB STMICROELECTRONICS-L78MXXAB Datasheet
873Kb / 29P
   Precision 500 mA regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com