Electronic Components Datasheet Search |
|
ADSP-21060LKSZ-160 Datasheet(PDF) 7 Page - Analog Devices |
|
ADSP-21060LKSZ-160 Datasheet(HTML) 7 Page - Analog Devices |
7 / 64 page ADSP-21060/ADSP-21060L/ADSP-21062/ADSP-21062L/ADSP-21060C/ADSP-21060LC Rev. F | Page 7 of 64 | March 2008 DMA Controller The ADSP-2106x’s on-chip DMA controller allows zero-over- head data transfers without processor intervention. The DMA controller operates independently and invisibly to the processor core, allowing DMA operations to occur while the core is simul- taneously executing its program instructions. DMA transfers can occur between the ADSP-2106x’s internal memory and external memory, external peripherals, or a host processor. DMA transfers can also occur between the ADSP- 2106x’s internal memory and its serial ports or link ports. DMA transfers between external memory and external peripheral devices are another option. External bus packing to 16-, 32-, or 48-bit words is performed during DMA transfers. Ten channels of DMA are available on the ADSP-2106x—two via the link ports, four via the serial ports, and four via the processor’s external port (for either host processor, other ADSP-2106xs, memory, or I/O transfers). Four additional link port DMA channels are shared with Serial Port 1 and the exter- nal port. Programs can be downloaded to the ADSP-2106x using DMA transfers. Asynchronous off-chip peripherals can control two DMA channels using DMA request/grant lines (DMAR1–2, DMAG1–2). Other DMA features include inter- rupt generation upon completion of DMA transfers and DMA chaining for automatic linked DMA transfers. Multiprocessing The ADSP-2106x offers powerful features tailored to multipro- cessor DSP systems. The unified address space (see Figure 4) allows direct interprocessor accesses of each ADSP-2106x’s internal memory. Distributed bus arbitration logic is included on-chip for simple, glueless connection of systems containing up to six ADSP-2106xs and a host processor. Master processor changeover incurs only one cycle of overhead. Bus arbitration is selectable as either fixed or rotating priority. Bus lock allows indivisible read-modify-write sequences for semaphores. A vec- tor interrupt is provided for interprocessor commands. Maxi- mum throughput for interprocessor data transfer is 240M bytes/s over the link ports or external port. Broadcast writes allow simultaneous transmission of data to all ADSP-2106xs and can be used to implement reflective semaphores. Figure 4. Memory Map 0x0004 0000 0x0010 0000 0x0008 0000 0x0018 0000 0x0012 0000 0x0028 0000 0x0038 0000 0x0000 0000 0x0002 0000 0x0040 0000 BANK 1 MS0 BANK 2 MS1 BANK 3 MS2 MS3 IOP REGISTERS SHORT WORD ADDRESSING (16-BIT DATA WORDS) NORMAL WORD ADDRESSING (32-BIT DATA WORDS 48-BIT INSTRUCTION WORDS) ADDRESS BANK 0 SDRAM (OPTIONAL) 0x0FFF FFFF NONBANKED NOTE: BANK SIZES ARE SELECTED BY MSIZE BITS IN THE SYSCON REGISTER 0x0030 0000 INTERNAL MEMORY SPACE MULTIPROCESSOR MEMORY SPACE ADDRESS INTERNAL MEMORY SPACE WITH ID = 001 0x003F FFFF EXTERNAL MEMORY SPACE INTERNAL MEMORY SPACE WITH ID = 010 INTERNAL MEMORY SPACE WITH ID = 011 INTERNAL MEMORY SPACE WITH ID = 100 INTERNAL MEMORY SPACE WITH ID = 101 INTERNAL MEMORY SPACE WITH ID = 110 BROADCAST WRITE TO ALL ADSP-21061s |
Similar Part No. - ADSP-21060LKSZ-160 |
|
Similar Description - ADSP-21060LKSZ-160 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |