Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78L18ACUTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # L78L18ACUTR
Description  Positive voltage regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L18ACUTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L78L18ACUTR Datasheet HTML 6Page - STMicroelectronics L78L18ACUTR Datasheet HTML 7Page - STMicroelectronics L78L18ACUTR Datasheet HTML 8Page - STMicroelectronics L78L18ACUTR Datasheet HTML 9Page - STMicroelectronics L78L18ACUTR Datasheet HTML 10Page - STMicroelectronics L78L18ACUTR Datasheet HTML 11Page - STMicroelectronics L78L18ACUTR Datasheet HTML 12Page - STMicroelectronics L78L18ACUTR Datasheet HTML 13Page - STMicroelectronics L78L18ACUTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Electrical characteristics
L78LxxAB, L78LxxAC, L78LxxC
10/33
Doc ID 2145 Rev 21
TJ = 0 to 125 °C for L78L33AC, TJ = -40 to 125 °C for L78L33AB.
Id
Quiescent current
TJ = 25 °C
6.5
mA
TJ = 125 °C
6
mA
ΔId
Quiescent current change
IO = 1 to 40 mA
0.2
mA
VI = 23 to 33 V
1.5
eN
Output noise voltage
B =10 Hz to 100 kHz, TJ = 25 °C
120
µV
SVR
Supply voltage rejection
VI = 23 to 33 V, f = 120 Hz
IO = 40 mA, TJ = 25 °C
32
38
dB
Vd
Dropout voltage
1.7
V
Table 11.
Electrical characteristics of L78L18C (VI = 27 V) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 12.
Electrical characteristics of L78L24C (VI = 33 V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25 °C
22.1
24
25.9
V
VO
Output voltage
IO = 1 to 40 mA, VI = 27 to 38 V
21.6
26.4
V
IO = 1 to 70 mA, VI = 33 V
21.6
26.4
ΔVO
Line regulation
VI = 27 to 38 V, TJ = 25 °C
350
mV
VI = 28 to 38 V, TJ = 25 °C
300
ΔVO
Load regulation
IO = 1 to 100 mA, TJ = 25 °C
200
mV
IO = 1 to 40 mA, TJ = 25 °C
100
Id
Quiescent current
TJ = 25 °C
6.5
mA
TJ = 125 °C
6
mA
ΔId
Quiescent current change
IO = 1 to 40 mA
0.2
mA
VI = 28 to 38 V
1.5
eN
Output noise voltage
B =10 Hz to 100 kHz, TJ = 25 °C
200
µV
SVR
Supply voltage rejection
VI = 29 to 35 V, f = 120 Hz
IO = 40 mA, TJ = 25 °C
30
37
dB
Vd
Dropout voltage
1.7
V
Table 13.
Electrical characteristics of L78L33AB and L78L33AC (VI = 8.3 V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25 °C
3.168
3.3
3.432
V
VO
Output voltage
IO = 1 to 40 mA, VI = 5.3 to 20 V
3.135
3.465
V
IO = 1 to 70 mA, VI = 8.3 V
3.135
3.465
ΔVO
Line regulation
VI = 5.3 to 20 V, TJ = 25 °C
150
mV
VI = 6.3 to 20 V, TJ = 25 °C
100


Similar Part No. - L78L18ACUTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78L18ACUTR STMICROELECTRONICS-L78L18ACUTR Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
L78L18ACUTR STMICROELECTRONICS-L78L18ACUTR Datasheet
907Kb / 29P
   Positive voltage regulators
L78L18ACUTR STMICROELECTRONICS-L78L18ACUTR Datasheet
769Kb / 46P
   Positive voltage regulators
February 2016 Rev 25
L78L18ACUTR STMICROELECTRONICS-L78L18ACUTR Datasheet
879Kb / 40P
   Positive voltage regulators
Rev 28 - April 2021
More results

Similar Description - L78L18ACUTR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com