Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21060LCB-133 Datasheet(PDF) 3 Page - Analog Devices

Part # ADSP-21060LCB-133
Description  SHARC Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21060LCB-133 Datasheet(HTML) 3 Page - Analog Devices

  ADSP-21060LCB-133 Datasheet HTML 1Page - Analog Devices ADSP-21060LCB-133 Datasheet HTML 2Page - Analog Devices ADSP-21060LCB-133 Datasheet HTML 3Page - Analog Devices ADSP-21060LCB-133 Datasheet HTML 4Page - Analog Devices ADSP-21060LCB-133 Datasheet HTML 5Page - Analog Devices ADSP-21060LCB-133 Datasheet HTML 6Page - Analog Devices ADSP-21060LCB-133 Datasheet HTML 7Page - Analog Devices ADSP-21060LCB-133 Datasheet HTML 8Page - Analog Devices ADSP-21060LCB-133 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
ADSP-21060/ADSP-21060L/ADSP-21062/ADSP-21062L/ADSP-21060C/ADSP-21060LC
Rev. F
|
Page 3 of 64
|
March 2008
CONTENTS
Summary ............................................................... 1
Key Features—Processor Core .................................... 1
Processor Features (Continued) .................................. 2
Parallel Computations .............................................. 2
Up to 4M Bit On-Chip SRAM ..................................... 2
Off-Chip Memory Interfacing ..................................... 2
DMA Controller ...................................................... 2
Host Processor Interface to 16- and 32-Bit Microprocessors 2
Multiprocessing ....................................................... 2
Serial Ports ............................................................. 2
Contents ................................................................ 3
Revision History ...................................................... 3
General Description ................................................. 4
SHARC Family Core Architecture ............................ 4
Memory and I/O Interface Features ........................... 5
Development Tools ............................................... 8
Evaluation Kit ...................................................... 9
Designing an Emulator-Compatible DSP Board (Target) 9
Additional Information .......................................... 9
Pin Function Descriptions ........................................ 10
Target Board Connector for EZ-ICE Probe ................ 13
ADSP-21060/ADSP-21062 Specifications ..................... 15
Operating Conditions (5 V) ................................... 15
Electrical Characteristics (5 V) ................................ 15
Internal Power Dissipation (5 V) ............................. 16
External Power Dissipation (5 V) ............................ 17
ADSP-21060L/ADSP-21062L Specifications ................. 18
Operating Conditions (3.3 V) ................................. 18
Electrical Characteristics (3.3 V) ............................. 18
Internal Power Dissipation (3.3 V) .......................... 19
External Power Dissipation (3.3 V) .......................... 20
Absolute Maximum Ratings ................................... 20
ESD Caution ...................................................... 21
Package Marking Information ................................ 21
Timing Specifications ........................................... 21
Test Conditions .................................................. 47
Environmental Conditions .................................... 50
225-Ball PBGA Ball Configurations ............................ 51
240-Lead MQFP_PQ4/CQFP Pin Configurations ........... 53
Outline Dimensions ................................................ 55
Surface-Mount Design .......................................... 60
Ordering Guide ..................................................... 61
REVISION HISTORY
3/08—Rev. E to Rev. F
Revised Absolute Maximum Ratings ............................ 20
Corrected model package descriptions.
See Ordering Guide.................................................. 61


Similar Part No. - ADSP-21060LCB-133

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21060LCB-133 AD-ADSP-21060LCB-133 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21060LCB-133 AD-ADSP-21060LCB-133 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
More results

Similar Description - ADSP-21060LCB-133

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21469BBCZ-3 AD-ADSP-21469BBCZ-3 Datasheet
2Mb / 72P
   SHARC Processor
REV. 0
ADSP-21364 AD-ADSP-21364 Datasheet
853Kb / 52P
   SHARC Processor
Rev. PrB
ADSP-21375 AD-ADSP-21375 Datasheet
1Mb / 42P
   SHARC Processor
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com