Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSE170 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSE170
Description  Low Power Audio Amplifier Low Current, High Speed Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSE170 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSE170 Datasheet HTML 1Page - Fairchild Semiconductor KSE170 Datasheet HTML 2Page - Fairchild Semiconductor KSE170 Datasheet HTML 3Page - Fairchild Semiconductor KSE170 Datasheet HTML 4Page - Fairchild Semiconductor KSE170 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, January 2001
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: KSE170
: KSE171
: KSE172
- 60
- 80
- 100
V
V
V
VCEO
Collector-Emitter Voltage
: KSE170
: KSE171
: KSE172
- 40
- 60
- 80
V
V
V
VEBO
Emitter-Base Voltage
- 7
V
IC
Collector Current (DC)
- 3
A
ICP
Collector Current (Pulse)
- 6
A
IB
Base Current
- 1
A
PC
Collector Dissipation (TC=25°C)
12.5
W
Collector Dissipation (Ta=25°C)
1.5
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
BVCEO
Collector-Emitter Breaksown Voltage
: KSE170
: KSE171
: KSE172
IC = 10mA, IB = 0
-40
-60
-80
V
V
V
ICBO
Collector Cut-off Current
: KSE170
: KSE171
: KSE172
: KSE170
: KSE171
: KSE172
VCB = - 60V, IB = 0
VCB = - 80V, IE = 0
VCB = - 100V, IE = 0
VCB = - 60V, IE = 0, TC = 150°C
VCB = - 80V, IE = 0, TC = 150°C
VCB = - 100V, IE = 0, TC = 150°C
-0.1
-0.1
-0.1
-0.1
-0.1
-0.1
µA
µA
µA
mA
mA
mA
IEBO
Emitter Cut-off Current
VBE = - 7V, IC = 0
-0.1
µA
hFE
DC Current Gain
VCE = - 1V, IC = - 100mA
VCE = - 1V, IC = - 500mA
VCE = - 1V, IC = - 1.5A
50
30
12
250
VCE(sat)
Collector-Emitter Saturation Voltage
IC = - 500mA, IB = - 50mA
IC = - 1.5A, IB = - 150mA
IC = - 3A, IB = - 600mA
-0.3
-0.9
-1.7
V
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = - 1.5A, IB = - 150mA
IC = - 3A, IB = - 600mA
-1.5
-2.0
V
V
VBE(on)
Base-Emitter On Voltage
VCE = - 1V, IC = - 500mA
-1.2
V
fT
Current Gain Bandwidth Product
VCE = - 10V, IC = - 100mA
50
MHz
Cob
Output Capacitance
VCB = - 10V, IE = 0, f = 0.1MHz
50
pF
KSE170/171/172
Low Power Audio Amplifier
Low Current, High Speed Switching Applications
1
TO-126
1. Emitter
2.Collector
3.Base


Similar Part No. - KSE170

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSE13001 FAIRCHILD-KSE13001 Datasheet
43Kb / 4P
   Color TV Chroma Output
KSE13003 FAIRCHILD-KSE13003 Datasheet
48Kb / 4P
   High Voltage Switch Mode Applications
KSE13003 FAIRCHILD-KSE13003 Datasheet
466Kb / 4P
   NPN Silicon Transistor
logo
AiT Semiconductor Inc.
KSE13003 AITSEMI-KSE13003 Datasheet
370Kb / 13P
   AC-DC PWM CONTROLLER PRIMARY SWITCHING REGULATORS
REV1.0
logo
Fairchild Semiconductor
KSE13003H1ASTU FAIRCHILD-KSE13003H1ASTU Datasheet
466Kb / 4P
   NPN Silicon Transistor
More results

Similar Description - KSE170

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MJE170 FAIRCHILD-MJE170 Datasheet
49Kb / 5P
   Low Power Audio Amplifier Low Current, High Speed Switching Applications
KSE180 FAIRCHILD-KSE180 Datasheet
50Kb / 4P
   Low Power Audio Amplifier Low Current High Speed Switching Applications
MJE180 FAIRCHILD-MJE180 Datasheet
48Kb / 4P
   Low Power Audio Amplifier Low Current High Speed Switching Applications
logo
Continental Device Indi...
CSD882 CDIL-CSD882 Datasheet
136Kb / 3P
   Audio Frequency Power Amplifier and Low Speed Switching Applications
logo
List of Unclassifed Man...
2SD381 ETC-2SD381 Datasheet
45Kb / 1P
   Audio Frequency Power Amplifier,Low Speed Switching
logo
Toshiba Semiconductor
2SA1359 TOSHIBA-2SA1359_07 Datasheet
130Kb / 4P
   Audio Frequency Power Amplifier Low-Speed Switching
logo
First Silicon Co., Ltd
FTD882 FS-FTD882 Datasheet
120Kb / 2P
   AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
logo
List of Unclassifed Man...
2SD795 ETC-2SD795 Datasheet
42Kb / 1P
   Audio Frequency Power Amplifier,Low Speed Switching
2SD809 ETC-2SD809 Datasheet
39Kb / 1P
   Audio Frequency Power Amplifier,Low Speed Switching
logo
First Silicon Co., Ltd
FTB772 FS-FTB772 Datasheet
117Kb / 2P
   AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com