Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF2276 Datasheet(PDF) 1 Page - Riedon Powertron

Part # PF2276
Description  Thin & Thick Film Power Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

PF2276 Datasheet(HTML) 1 Page - Riedon Powertron

  PF2276 Datasheet HTML 1Page - Riedon Powertron PF2276 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
5/13
SPECIFICATIONS
• Resistances from 0.1 Ohms to 100K Ohms
• Power Rating to 600 Watts
• Resistance Tolerances to ±1%
• TCR of ±100ppm/C
• TO-227 (TO-238) Housing
• M4x5mm Screws Included
• Isolated Back Plate
Thin & Thick Film Power Resistors
Type
PF2272
PF2274
PF2276
Power Rating (with heatsink)
200 W
300 W
600 W
Resistance Range
0.1 to 100K Ohms
0.1 to 100K Ohms
( 0.1 to 1 Ohm only available Terminal Z )
50 to 1K Ohms
Resistance Values
E12 ( Plus 2 Ohm and 5 Ohm )
Thermal Resistance
0.5 °C/W
0.32 °C/W
0.11 °C/W
Tolerances
5% ( 1% optional )
Temperature Coefficient
±100 ppm/°C
Operating Temperature
-55°C to 155°C
MAX Continuous Voltage
√ (P * R)
MAX Continuous Current
55A
Isolation Voltage
2500VAC
Load Life ( 25°C, 90m ON, 30m OFF, 1000hr )
±1%
Humidity ( 40°C, 90-95% RH, DC0.1W, 1000hr )
±1%
Temp. Cycle ( -55°C 30m, 120°C 30m, 20X)
±1%
Vibration ( 0.75mm, 100m/s2, 10-54Hz, 10X, XYZ )
±0.25%
Insulation Resistance
> 1000 MegOhm
Technology
Thick Film
Thin Film
Substrate
AlO
Alumina / Cu Flange
AlN
Torque
Terminals: 1.0 Nm Max / 0.6 Nm Recommended
Mounting: 1.6 Nm Max / 1 Nm Recommended
Part Description: Part Type - Resistance - Terminal Style - Tolerance
PF2274 10 Ohms X 5%
Ordering Information
PF2270 Series


Similar Part No. - PF2276

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PF2276 RIEDON-PF2276 Datasheet
252Kb / 2P
   Thin Film Power Resistors
PF2276 RIEDON-PF2276 Datasheet
284Kb / 2P
   Thin & Thick Film Power Resistors
PF2276 RIEDON-PF2276 Datasheet
284Kb / 2P
   Thin & Thick Film Power Resistors
More results

Similar Description - PF2276

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PF2272-10RJ1 RIEDON-PF2272-10RJ1 Datasheet
284Kb / 2P
   Thin & Thick Film Power Resistors
PF2270 RIEDON-PF2270_15 Datasheet
284Kb / 2P
   Thin & Thick Film Power Resistors
PF2272-0R5J1 RIEDON-PF2272-0R5J1 Datasheet
284Kb / 2P
   Thin & Thick Film Power Resistors
PF2272-1KJ1 RIEDON-PF2272-1KJ1 Datasheet
284Kb / 2P
   Thin & Thick Film Power Resistors
PF2272-50RJ1 RIEDON-PF2272-50RJ1 Datasheet
284Kb / 2P
   Thin & Thick Film Power Resistors
logo
Vishay Siliconix
PWB VISHAY-PWB Datasheet
104Kb / 3P
   Thin Film Power Resistors
Revision: 12-Mar-08
logo
Riedon Powertron
PF2270 RIEDON-PF2270 Datasheet
252Kb / 2P
   Thin Film Power Resistors
logo
Vishay Siliconix
PWB VISHAY-PWB Datasheet
87Kb / 3P
   Thin Film Power Resistors
Revision: 12-Mar-08
PWA VISHAY-PWA Datasheet
105Kb / 3P
   Thin Film Power Resistors
Revision: 29-Apr-15
logo
List of Unclassifed Man...
TNP10 ETC2-TNP10 Datasheet
1Mb / 2P
   Power Thin film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com