Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS820-600T Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS820-600T
Description  Sensitive and standard 8 A SCRs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS820-600T Datasheet(HTML) 4 Page - STMicroelectronics

  TS820-600T Datasheet HTML 1Page - STMicroelectronics TS820-600T Datasheet HTML 2Page - STMicroelectronics TS820-600T Datasheet HTML 3Page - STMicroelectronics TS820-600T Datasheet HTML 4Page - STMicroelectronics TS820-600T Datasheet HTML 5Page - STMicroelectronics TS820-600T Datasheet HTML 6Page - STMicroelectronics TS820-600T Datasheet HTML 7Page - STMicroelectronics TS820-600T Datasheet HTML 8Page - STMicroelectronics TS820-600T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Characteristics
TN805, TN815, TS820, TYN608
4/13
Doc ID 7476 Rev 7
Figure 3.
Average and DC on-state current
versus ambient temperature
Figure 4.
Relative variation of thermal
impedance junction to case versus
pulse duration
I
(A)
T(AV)
0,0
0,5
1,0
1,5
2,0
2,5
0
25
50
75
100
125
DPAK
IPAK
TO-220AB
TO-220FPAB
T
(°C)
amb
D.C.
α = 180°
Recommended pad layout,
FR4 printed circuit board
1E-3
1E-2
1E-1
1E+0
0.1
0.2
0.5
1.0
K=[Z
/R
th(j-c)
th(j-c)]
t (s)
p
Figure 5.
Relative variation of thermal
impedance junction to ambient
versus pulse duration
Figure 6.
Relative variation of gate trigger
current and holding current versus
junction temperature for TS820
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
0.01
0.10
1.00
K=[Z
/R
th(j-a)
th(j-a)]
t (s)
p
DPAK
TO-220AB / IPAK
TO-220FPAB
Recommended pad layout,
FR4 printed circuit board
-40
-20
0
40
20
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
T (°C)
j
I,I ,I [T ] /
GTHL
j
I
,I ,I [T =25°C]
GTHL
j
IGT
IH & I
R
= 1k
L
GK
Ω
Figure 7.
Relative variation of gate trigger
and holding current versus junction
temperature
Figure 8.
Relative variation of holding
current versus gate-cathode
resistance (typical values)
-40
-20
0
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
T (°C)
j
I,I ,I [T ] /
GTHL
j
I
,I ,I [T =25°C]
GTHL
j
IGT
IH & IL
TN8 and TYNx8
1E-2
1E-1
1E+0
1E+1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
R(k )
GK
Ω
I [R
] / I [
=1k ]
HGK
H
Ω
RGK
Tj = 25°C
TS8


Similar Part No. - TS820-600T

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TS820-600T TGS-TS820-600T Datasheet
98Kb / 1P
   8A SCRs
logo
Kersemi Electronic Co.,...
TS820-600T KERSEMI-TS820-600T Datasheet
486Kb / 9P
   8A SCR
TS820-600T KERSEMI-TS820-600T Datasheet
487Kb / 9P
   8A SCRs
logo
STMicroelectronics
TS820-600T-TR STMICROELECTRONICS-TS820-600T-TR Datasheet
162Kb / 9P
   8A SCRs
More results

Similar Description - TS820-600T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
   Sensitive and standard 8 A SCRs
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
   Sensitive and Standard 12 A SCRS
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
September 2011 Rev 7
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
logo
Nell Semiconductor Co.,...
12PT NELLSEMI-12PT_18 Datasheet
978Kb / 7P
   Sensitive and Standard SCRs
logo
Littelfuse
S8008DRP LITTELFUSE-S8008DRP Datasheet
411Kb / 1P
   8 Amp Sensitive Standard SCRs
logo
Nell Semiconductor Co.,...
12PT NELLSEMI-12PT_14 Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
12PT NELLSEMI-12PT Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com