Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSE350 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSE350
Description  High Voltage General Purpose Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSE350 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSE350 Datasheet HTML 1Page - Fairchild Semiconductor KSE350 Datasheet HTML 2Page - Fairchild Semiconductor KSE350 Datasheet HTML 3Page - Fairchild Semiconductor KSE350 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
- 300
V
VCEO
Collector-Emitter Voltage
- 300
V
VEBO
Emitter-Base Voltage
- 5
V
IC
Collector Current
- 500
mA
PC
Collector Dissipation (TC=25°C)
20
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
BVCEO
Collector-Emitter Breakdown Voltage
IC = - 1mA, IB = 0
-300
V
ICBO
Collector Cut-off Current
VCB = - 300V, IE = 0
-100
µA
IEBO
Emitter Cut-off Current
VBE = - 3V, IC = 0
-100
µA
hFE
DC Current Gain
VCE = - 10V, IC = - 50mA
30
240
KSE350
High Voltage General Purpose Applications
• High Collector-Emitter Breakdown Voltage
• Suitable for Transformer
• Complement to KSE340
1
TO-126
1. Emitter
2.Collector
3.Base


Similar Part No. - KSE350

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
KSE350 FOSHAN-KSE350 Datasheet
837Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
logo
Inchange Semiconductor ...
KSE350 ISC-KSE350 Datasheet
294Kb / 2P
   isc Silicon PNP Power Transistor
KSE350J ISC-KSE350J Datasheet
286Kb / 3P
   isc Silicon PNP Power Transistor
logo
Fairchild Semiconductor
KSE350S FAIRCHILD-KSE350S Datasheet
43Kb / 4P
   High Voltage General Purpose Applications
logo
Diodes Incorporated
KSE350STU DIODES-KSE350STU Datasheet
43Kb / 4P
   High Voltage General Purpose Applications
More results

Similar Description - KSE350

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MJE350 FAIRCHILD-MJE350 Datasheet
36Kb / 4P
   High Voltage General Purpose Applications
logo
Diodes Incorporated
KSE350STU DIODES-KSE350STU Datasheet
43Kb / 4P
   High Voltage General Purpose Applications
logo
Fairchild Semiconductor
KSE340S FAIRCHILD-KSE340S Datasheet
43Kb / 4P
   High Voltage General Purpose Applications
MJE340 FAIRCHILD-MJE340 Datasheet
37Kb / 4P
   High Voltage General Purpose Applications
KSE350S FAIRCHILD-KSE350S Datasheet
43Kb / 4P
   High Voltage General Purpose Applications
KSE340 FAIRCHILD-KSE340 Datasheet
38Kb / 4P
   High Voltage General Purpose Applications
logo
New Jersey Semi-Conduct...
BCY70 NJSEMI-BCY70 Datasheet
106Kb / 3P
   GENERAL PURPOSE APPLICATIONS
logo
Micross Components
HMC338 MICROSS-HMC338 Datasheet
949Kb / 11P
   General Purpose Applications
logo
Fairchild Semiconductor
KSC2001 FAIRCHILD-KSC2001 Datasheet
25Kb / 3P
   General Purpose Applications
logo
STMicroelectronics
2N720A STMICROELECTRONICS-2N720A Datasheet
42Kb / 4P
   HIGH VOLTAGE GENERAL PURPOSE
October 1988
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com