Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSE801 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSE801
Description  NPN EPITAXIAL SILICON DARLINGTON TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSE801 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSE801 Datasheet HTML 1Page - Fairchild Semiconductor KSE801 Datasheet HTML 2Page - Fairchild Semiconductor KSE801 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN EPITAXIAL
KSE800/801/803
SILICON DARLINGTON TRANSISTOR
HIGH DC CURRENT GAIN
MIN hFE= 750 @IC= 1.5 and 2.0A DC
MONOLITHIC CONSTRUCTION WITH
BUILT-IN BASE-EMITTER RESISTORS
• Complement to KSE700/701/702/703
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS (T
C=25
°C)
Characteristic
Symbol
Rating
Unit
Collector- Base Voltage
: KSE800/801
: KSE802/803
Collector-Emitter Voltage
: KSE800/801
: KSE802/803
Emitter- Base Voltage
Collector Current
Base Current
Collector Dissipation (TC=25
°C)
Junction Temperature
Storage Temperature
VCBO
VCEO
VEBO
IC
IB
PC
TJ
TSTG
60
80
60
80
5
4
0.1
40
150
-55 ~ 150
V
V
V
V
V
A
A
W
°C
°C
Characteristic
Symbol
Test Condition
Min
Max
Unit
Collector Emitter Breakdown Voltage
: KSE800/801
: KSE802/803
Collector Cutoff Current
: KSE800/801
: KSE802/803
Collector Cutoff Current
Emitter Cutoff Current
DC Current Gain
: KSE800/802
: KSE801/803
: ALL DEVICES
Collector-Emitter Saturation Voltage
: KSE800/802
: KSE801/803
: ALL DEVICES
Base-Emitter On Voltage
: KSE800/802
: KSE801/803
: ALL DEVICES
BVCEO
ICEO
ICBO
IEBO
hFE
VCE(sat)
VBE(on)
IC = 50mA, IB = 0
VCE = 60V, IB = 0
VCE = 80V, IB = 0
VCB = Rated BVCEO, IE = 0
VCB = Rated BVCEO, IE = 0
TC = 100
°C
VBE = 5V, IC = 0
VCE = 3V, IC = 1.5A
VCE = 3V, IC = 2A
VCE = 3V, IC = 4A
IC = 1.5A, IB = 30mA
IC = 2A, IB = 40mA
IC = 4A, IB = 40mA
VCE = 3V, IC = 1.5A
VCE = 3V, IC = 2A
VCE = 3V, IC = 4A
60
80
750
750
100
100
100
100
500
2
2.5
2.8
3
1.2
2.5
3
V
V
µA
µA
µA
µA
mA
V
V
V
V
V
V
TO-126
1. Emitter 2. Collector 3. Base
©1999 Fairchild Semiconductor Corporation
Rev. B


Similar Part No. - KSE801

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSE801 FAIRCHILD-KSE801 Datasheet
55Kb / 4P
   Monolithic Construction With Built-in Base-Emitter Resistors
More results

Similar Description - KSE801

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD1210 ETC-2SD1210 Datasheet
41Kb / 1P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
2SD1392 ETC-2SD1392 Datasheet
69Kb / 2P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
TIP140T NJSEMI-TIP140T Datasheet
69Kb / 2P
   NPN Epitaxial Silicon Darlington Transistor
logo
Fairchild Semiconductor
KSP13BU FAIRCHILD-KSP13BU Datasheet
39Kb / 4P
   NPN Epitaxial Silicon Darlington Transistor
495220TU FAIRCHILD-495220TU Datasheet
99Kb / 2P
   NPN Epitaxial Silicon Darlington Transistor
logo
List of Unclassifed Man...
2SD1672 ETC-2SD1672 Datasheet
34Kb / 1P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
TIP100 FAIRCHILD-TIP100_08 Datasheet
551Kb / 5P
   NPN Epitaxial Silicon Darlington Transistor
logo
List of Unclassifed Man...
2SD1297 ETC-2SD1297 Datasheet
38Kb / 1P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
logo
Tiger Electronic Co.,Lt...
MJE802G TGS-MJE802G Datasheet
214Kb / 1P
   NPN Epitaxial Silicon Darlington Transistor
logo
List of Unclassifed Man...
2SD1309 ETC-2SD1309 Datasheet
63Kb / 2P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com