Electronic Components Datasheet Search |
|
ECJZEB1C222 Datasheet(PDF) 9 Page - Panasonic Semiconductor |
|
ECJZEB1C222 Datasheet(HTML) 9 Page - Panasonic Semiconductor |
9 / 12 page – EC16 – Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Multilayer Ceramic Capacitors(For General Usage) Rated voltage DC 50 V Capaci- tance (pF) Capacitance Tolerance Part No. Dim. T (mm) Temp. Char. CK CJ CH CG 0.5 ±0.25 pF (C) ECJ1VC1H0R5C 0.8 —— — 1 ±0.25 pF (C) or ±0.5 pF (D) ECJ1VC1H010 0.8 —— — 1.5 ECJ1VC1H1R5 0.8 —— — 2 ECJ1VC1H020 0.8 —— — 3 ECJ1VC1H030 0.8 — —— 4 ECJ1VC1H040 0.8 — — — 5 ECJ1VC1H050 0.8 — — — 6 ±0.5 pF (D) ECJ1VC1H060D 0.8 — — — 7 ECJ1VC1H070D 0.8 — — — 8 ECJ1VC1H080D 0.8 — — — 9 ECJ1VC1H090D 0.8 — — — 10 ±0.5 pF (D) or ±1 pF (F) ECJ1VC1H100 0.8 — — 12 ±5 % (J) or ±10 % (K) ECJ1VC1H120 0.8 — — 15 ECJ1VC1H150 0.8 — — 18 ECJ1VC1H180 0.8 — — 22 ECJ1VC1H220 0.8 — — 27 ECJ1VC1H270 0.8 — — 33 ECJ1VC1H330 0.8 — — 39 ECJ1VC1H390 0.8 — — 47 ECJ1VC1H470 0.8 — — 56 ECJ1VC1H560 0.8 — — 68 ECJ1VC1H680 0.8 — — 82 ECJ1VC1H820 0.8 — — 100 ECJ1VC1H101 0.8 — — 120 ECJ1VC1H121 0.8 — — 150 ECJ1VC1H151 0.8 — — 180 ECJ1VC1H181 0.8 — — 220 ECJ1VC1H221 0.8 — — 270 ECJ1VC1H271 0.8 — — 330 ECJ1VC1H331 0.8 — — 390 ECJ1VC1H391 0.8 — — 470 ECJ1VC1H471 0.8 — — 560 ECJ1VC1H561 0.8 — — 680 ECJ1VC1H681 0.8 — — 820 ECJ1VC1H821 0.8 — — 1000 ECJ1VC1H102 0.8 — — ■ Standard Products for EIA “0603”, Taped Version ● Class 1 ◆ Temperature Characteristic Code : C (Temp. Char. : C∆) : Capacitance tolerance code. Standard packaging quantity of Packaging Style Code “V” (T = 0.8 mm): 4,000 pcs./reel Recommend soldering method: Reflow soldering. Rated voltage DC 50 V Capaci- tance (pF) Capacitance Tolerance Part No. Dim. T (mm) Temp. Char. SL 0.5 ±0.25 pF (C) ECJ1VG1H0R5C 0.8 1 ±0.25 pF (C) or ±0.5 pF (D) ECJ1VG1H010 0.8 1.5 ECJ1VG1H1R5 0.8 2 ECJ1VG1H020 0.8 3 ECJ1VG1H030 0.8 4 ECJ1VG1H040 0.8 5 ECJ1VG1H050 0.8 6 ±0.5 pF (D) ECJ1VG1H060D 0.8 7 ECJ1VG1H070D 0.8 8 ECJ1VG1H080D 0.8 9 ECJ1VG1H090D 0.8 10 ±0.5 pF (D) or ±1 pF (F) ECJ1VG1H100 0.8 12 ±5 % (J) or ±10 % (K) ECJ1VG1H120 0.8 15 ECJ1VG1H150 0.8 18 ECJ1VG1H180 0.8 22 ECJ1VG1H220 0.8 27 ECJ1VG1H270 0.8 33 ECJ1VG1H330 0.8 39 ECJ1VG1H390 0.8 47 ECJ1VG1H470 0.8 56 ECJ1VG1H560 0.8 68 ECJ1VG1H680 0.8 82 ECJ1VG1H820 0.8 100 ECJ1VG1H101 0.8 120 ECJ1VG1H121 0.8 150 ECJ1VG1H151 0.8 180 ECJ1VG1H181 0.8 220 ECJ1VG1H221 0.8 270 ECJ1VG1H271 0.8 330 ECJ1VG1H331 0.8 390 ECJ1VG1H391 0.8 470 ECJ1VG1H471 0.8 560 ECJ1VG1H561 0.8 680 ECJ1VG1H681 0.8 820 ECJ1VG1H821 0.8 1000 ECJ1VG1H102 0.8 ◆ Temperature Characteristic Code : G (Temp. Char. : SL) Sep. 2008 00 |
Similar Part No. - ECJZEB1C222 |
|
Similar Description - ECJZEB1C222 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |