Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJFA180F Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ELJFA180F
Description  Fixed Inductors Chip Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJFA180F Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ELJFA180F Datasheet HTML 1Page - Panasonic Semiconductor ELJFA180F Datasheet HTML 2Page - Panasonic Semiconductor ELJFA180F Datasheet HTML 3Page - Panasonic Semiconductor ELJFA180F Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.6±0.2
4.5±0.3
Marking
5.5 to 6.0
2.4 to 2.6
Part No.
Inductance
Q
SRF ✽1
(MHz) min.
RDC ✽2
(
Ω) max.
DC Current
(mA) max.
(μH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJFBR22
□F
0.22
M : ±20 %
1.0
30
25.2
230
0.30
700
ELJFBR27
□F
0.27
200
0.32
650
ELJFBR33
□F
0.33
180
0.35
630
ELJFBR39
□F
0.39
155
0.37
620
ELJFBR47
□F
0.47
135
0.40
580
ELJFBR56
□F
0.56
120
0.42
560
ELJFBR68
□F
0.68
105
0.48
530
ELJFBR82
□F
0.82
90
0.50
500
ELJFB1R0
□F
1.0
M:±20 %
or
K : ±10 %
80
0.52
470
ELJFB1R2
□F
1.2
70
0.55
460
ELJFB1R5
□F
1.5
60
0.61
430
ELJFB1R8
□F
1.8
50
0.61
410
ELJFB2R2
□F
2.2
7.96
45
0.61
410
ELJFB2R7
□F
2.7
50
43
0.61
400
ELJFB3R3
□F
3.3
39
0.66
380
ELJFB3R9
□F
3.9
36
0.74
360
ELJFB4R7
□F
4.7
5
33
0.81
350
ELJFB5R6
□F
5.6
30
0.88
330
ELJFB6R8
□F
6.8
26
1.0
310
ELJFB8R2
□F
8.2
24
1.6
250
ELJFB100
□F10
K : ±10 %
or
J : ± 5 %
22
1.8
235
ELJFB120
□F
12
20
1.9
225
ELJFB150
□F
15
18
2.1
215
ELJFB180
□F
18
16
2.3
205
ELJFB220
□F22
2.52
15
2.6
195
ELJFB270
□F
27
13
2.9
185
ELJFB330
□F
33
12
3.1
175
ELJFB390
□F
39
10
3.6
165
ELJFB470
□F
47
9.7
4.2
130
ELJFB560
□F56
0.1
40
9.0
4.7
125
ELJFB680
□F
68
8.2
5.3
115
ELJFB820
□F
82
7.5
5.9
110
ELJFB101
□F
100
6.7
8.8
105
ELJFB121
□F
120
1.5
6.1
10
100
ELJFB151
□F
150
5.5
11
95
ELJFB181
□F
180
5.1
13
85
ELJFB221
□F
220
0.796
4.5
13
85
ELJFB271
□F
270
4.1
14
80
ELJFB331
□F
330
3.7
16
75
ELJFB391
□F
390
3.3
19
70
ELJFB471
□F
470
30
3.3
31
55
ELJFB561
□F
560
2.7
35
50
ELJFB681
□F
680
2.5
39
50
ELJFB821
□F
820
2.4
45
45
ELJFB102
□F
1000
2.1
53
40
Recommended Land Pattern in mm (not to scale)
Dimensions in mm (not to scale)
FB Type 4532 (1812)
Standard Packing Quantity
● 500 pcs./Reel
Standard Parts
□ : Symbol of Tolerance
✽1 : Self Resonant Frequency ✽2 : DC Resistance
Sep. 2012
01
19


Similar Part No. - ELJFA180F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJFA180F PANASONIC-ELJFA180F Datasheet
76Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFA180F PANASONIC-ELJFA180F Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFA180F PANASONIC-ELJFA180F Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFA180F PANASONIC-ELJFA180F Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFA180F PANASONIC-ELJFA180F Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJFA180F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-NDR56JF PANASONIC-ELJ-NDR56JF Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-RF1N0DFB PANASONIC-ELJ-RF1N0DFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-PC150KF PANASONIC-ELJ-PC150KF Datasheet
138Kb / 5P
   Fixed Inductors (Chip Inductors)
ELJ-RF12NJFB PANASONIC-ELJ-RF12NJFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com