Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJPA470KF Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ELJPA470KF
Description  Fixed Inductors Chip Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPA470KF Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ELJPA470KF Datasheet HTML 1Page - Panasonic Semiconductor ELJPA470KF Datasheet HTML 2Page - Panasonic Semiconductor ELJPA470KF Datasheet HTML 3Page - Panasonic Semiconductor ELJPA470KF Datasheet HTML 4Page - Panasonic Semiconductor ELJPA470KF Datasheet HTML 5Page - Panasonic Semiconductor ELJPA470KF Datasheet HTML 6Page - Panasonic Semiconductor ELJPA470KF Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.4±0.2
2.5
+0.3
Marking
–0.2
3.5 to 4.0
1.4 to 1.5
1
10
100
10
1
100
1000
10000
Idc (mA)
Recommended Land Pattern in mm (not to scale)
Dimensions in mm (not to scale)
LC Type 2520 (1008)
Standard Packing Quantity
● 2000 pcs./Reel
Part No.
Inductance
DC Resistance
(
Ω)
Rated
Current ✽1
(mA) max.
Saturation
Rated Current ✽2
(mA) max.
(μH)
Tolerance
(%)
Test Freq.
(MHz)
ELJLC2R2MF
2.2
M : ±20 %
1
0.33 ±30 %
520
1050
ELJLC3R3MF
3.3
0.57 ±30 %
400
820
ELJLC4R7MF
4.7
0.75 ±30 %
350
700
ELJLC100KF
10
K : ±10 %
1.60 ±30 %
240
470
Standard Parts
✽1 Rated current is defined by maximum temperature rise of 40 Celsius.
✽2 Saturation Rated Current is defined by 30% change of inductance. -dL/L<-30%
Performance Characteristics (Reference)
Inductance vs DC Current
Sep. 2012
03
25


Similar Part No. - ELJPA470KF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPA470KF PANASONIC-ELJPA470KF Datasheet
236Kb / 7P
   High Power Type PF, PE, PC, PA, PB
ELJPA470KF PANASONIC-ELJPA470KF Datasheet
283Kb / 5P
   High Power Types PF, PE, PC, PA, PB
ELJPA470KF PANASONIC-ELJPA470KF Datasheet
220Kb / 10P
   Low DCR and large current capability, suitable for power circuitry.
ELJPA470KF2 PANASONIC-ELJPA470KF2 Datasheet
236Kb / 7P
   High Power Type PF, PE, PC, PA, PB
ELJPA470KF2 PANASONIC-ELJPA470KF2 Datasheet
220Kb / 10P
   Low DCR and large current capability, suitable for power circuitry.
More results

Similar Description - ELJPA470KF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-NDR56JF PANASONIC-ELJ-NDR56JF Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-RF1N0DFB PANASONIC-ELJ-RF1N0DFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-PC150KF PANASONIC-ELJ-PC150KF Datasheet
138Kb / 5P
   Fixed Inductors (Chip Inductors)
ELJ-RF12NJFB PANASONIC-ELJ-RF12NJFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com