Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC652FFVUA Datasheet(PDF) 9 Page - Microchip Technology

Part # TC652FFVUA
Description  Integrated Temperature Sensor & Brushless DC Fan Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC652FFVUA Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC652FFVUA Datasheet HTML 5Page - Microchip Technology TC652FFVUA Datasheet HTML 6Page - Microchip Technology TC652FFVUA Datasheet HTML 7Page - Microchip Technology TC652FFVUA Datasheet HTML 8Page - Microchip Technology TC652FFVUA Datasheet HTML 9Page - Microchip Technology TC652FFVUA Datasheet HTML 10Page - Microchip Technology TC652FFVUA Datasheet HTML 11Page - Microchip Technology TC652FFVUA Datasheet HTML 12Page - Microchip Technology TC652FFVUA Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21453B-page 9
TC652/TC653
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Package marking data not available at this time.
6.2
Taping Form
6.3
Package Dimensions
Component Taping Orientation for 8-Pin MSOP Devices
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
8-Pin MSOP
12 mm
8 mm
2500
13 in
Carrier Tape, Number of Components Per Reel and Reel Size
PIN 1
User Direction of Feed
Standard Reel Component Orientation
for TR Suffix Device
W
P
8-Pin MSOP
.122 (3.10)
.114 (2.90)
.122 (3.10)
.114 (2.90)
.043 (1.10)
MAX.
.006 (0.15)
.002 (0.05)
.016 (0.40)
.010 (0.25)
.197 (5.00)
.189 (4.80)
.008 (0.20)
.005 (0.13)
.028 (0.70)
.016 (0.40)
6
° MAX.
.026 (0.65) TYP.
PIN 1
Dimensions: inches (mm)


Similar Part No. - TC652FFVUA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC652 MICROCHIP-TC652 Datasheet
443Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense?줔etect & Over-Temperature
2002
TC652 MICROCHIP-TC652 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC652 MICROCHIP-TC652 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
TC652 MICROCHIP-TC652 Datasheet
431Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan
04/20/02
logo
SHENZHEN FUMAN ELECTRON...
TC6520 FUMAN-TC6520 Datasheet
237Kb / 4P
   High precision CC/CV primary side controller
More results

Similar Description - TC652FFVUA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC652AEVUATR MICROCHIP-TC652AEVUATR Datasheet
431Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan
04/20/02
TC652 MICROCHIP-TC652 Datasheet
443Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense?줔etect & Over-Temperature
2002
TC652 MICROCHIP-TC652_13 Datasheet
215Kb / 16P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense??Detect & Over-Temperature
11/29/12
TC651 MICROCHIP-TC651 Datasheet
440Kb / 14P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert
2002
TC650 MICROCHIP-TC650_13 Datasheet
262Kb / 18P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
11/29/12
logo
STMicroelectronics
TC650 STMICROELECTRONICS-TC650_04 Datasheet
210Kb / 16P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
logo
Copal Electronics
F17FA COPAL-F17FA Datasheet
68Kb / 2P
   BRUSHLESS DC FAN
logo
List of Unclassifed Man...
KD1206PTS1 ETC1-KD1206PTS1 Datasheet
935Kb / 6P
   DC BRUSHLESS FAN
PMD1212PTB1-A ETC-PMD1212PTB1-A Datasheet
552Kb / 9P
   DC BRUSHLESS FAN
logo
Analog Devices
ADT7470 AD-ADT7470 Datasheet
522Kb / 40P
   Temperature Sensor Hub and Fan Controller
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com