Electronic Components Datasheet Search |
|
TC652EGVUA Datasheet(PDF) 1 Page - Microchip Technology |
|
TC652EGVUA Datasheet(HTML) 1 Page - Microchip Technology |
1 / 14 page © 2002 Microchip Technology Inc. DS21453B-page 1 TC652/TC653 Features • Integrated Temperature Sensing and Multi-speed Fan Control • FanSense™ Fan Fault Detect Circuitry • Built-in Over-Temperature Alert (TOVER) • Temperature Proportional Fan Speed Control for Acoustic Noise Reduction and Longer Fan Life • Pulse Width Modulation Output Drive for Cost and Power Savings • Solid-State Temperature Sensing • ±1°C (Typical) Accuracy from 25°C to +70°C • 2.8V – 5.5V Operating Range • TC653 includes Auto Fan Shutdown • Low Operating Current: 50 µA(Typical) Applications • Thermal Protection For Personal Computers • Digital Set-Top Boxes • Notebook Computers • Data Communications • Power Supplies •Projectors Related Literature • Application Note: AN771 Device Selection Table The "X" denotes a suffix for temperature threshold settings. Contact factory for other temperature ranges. Package Type General Description The TC652/TC653 are integrated temperature sensors and brushless DC fan speed controllers with FanSense™ technology. The TC652/TC653 measure their junction temperature and control the speed of the fan based on that temperature, making them especially suited for applications in modern electronic equipment. The FanSense™ Fan Fault detect circuitry eliminates the need for a more expensive 3-wire fan. Temperature data is converted from the on-chip thermal sensing element and translated into a fractional fan speed from 40% to 100%. A temperature selection guide in the data sheet is used to choose the low and high temperature limits to control the fan. The TC652/TC653 also include a single trip point over temperature alert (TOVER) that eliminates the need for additional temperature sensors. In addition, the TC653 includes an auto fan shutdown function for additional power savings. The TC652/TC653 are easy to use, require no software overhead and are therefore the ideal choice for implementing thermal management in a variety of systems. Part Number Package Temperature Range TC652XXVUA 8-Pin MSOP -40 °Cto +125°C TC653XXVUA 8-Pin MSOP -40 °Cto +125°C XTemperature A25 B30 C35 D40 E45 F50 G55 1 8 2 7 3 6 4 5 FAULT VDD MSOP GND PWM TOVER SENSE GND TC652 TC653 SHDN Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense™ Detect & Over-Temperature |
Similar Part No. - TC652EGVUA |
|
Similar Description - TC652EGVUA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |