Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC652GGVUA Datasheet(PDF) 8 Page - Microchip Technology

Part # TC652GGVUA
Description  Integrated Temperature Sensor & Brushless DC Fan Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC652GGVUA Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC652GGVUA Datasheet HTML 4Page - Microchip Technology TC652GGVUA Datasheet HTML 5Page - Microchip Technology TC652GGVUA Datasheet HTML 6Page - Microchip Technology TC652GGVUA Datasheet HTML 7Page - Microchip Technology TC652GGVUA Datasheet HTML 8Page - Microchip Technology TC652GGVUA Datasheet HTML 9Page - Microchip Technology TC652GGVUA Datasheet HTML 10Page - Microchip Technology TC652GGVUA Datasheet HTML 11Page - Microchip Technology TC652GGVUA Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TC652/TC653
DS21453B-page 8
© 2002 Microchip Technology Inc.
5.0
TYPICAL CHARACTERISTICS
The graphs and tables provided following this note are a statistical summary based on a limited number of samples
and are provided for informational purposes only. The performance characteristics listed herein are not tested or
guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside
specified power supply range) and therefore outside the warranted range.
90
80
70
60
50
40
30
20
10
0
-50
0
0
24
6
8
10 12 14 16 18 20
25
-25
50
75 100 125 150
TEMPERATURE (˚C)
IDD vs. Temperature
3.0
2.5
2.0
1.5
1.0
0.5
0.0
TL
T1
T2
T3
T4
TH
TTHRESHOLD
Temp Accuracy vs. VTH
ISOURCE (mA)
PWM, ISOURCE vs. (VDD - VOH), TA = 25˚C
VDD = 2.8V
VDD = 5.5V
VDD = 2.7V
VDD = 5.6V
VDD = 5.6V
VDD = 2.7V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
12
3
4
5
6
7
8
910
ISINK (mA)
PWM, ISINK vs. VOL, TA = 25˚C
VDD = 2.8V
VDD = 5.5V
0
50
100
150
200
250
300
350
400
450
500
ISOURCE (mA)
TOVER, ISOURCE vs. (VDD - VOH), TA = 25˚C
VDD = 2.8V
VDD = 5.5V
0
12
3
4
5
6
7
8
910
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
ISOURCE (mA)
FAULT, ISOURCE vs. (VDD - VOH), TA = 25˚C
VDD = 2.8V
VDD = 5.5V
0
12
3
4
5
6
7
8
910
0
12
3
4
5
6
7
8
910
1.0 1.5 2.0 2.5 3.0 3.5 4.0
5.0
4.5
0.5
5.0
5.0
5.0
0.0
0.0
0.0
ISINK (mA)
500msec/Div
FAULT, ISINK vs. VOL, TA = 25˚C
VDD = 2.8V
VDD = 5.5V
0
50
100
150
200
250
300
350
400
450
500
TC652/3, Fan is Running
SHDN is Connected to VDD, TA = 25˚C
Start-Up Time
0
VDD
PWM
FAULT
23
4
5
6
78
10
9
1
5.0
5.0
5.0
0.0
0.0
0.0
1sec/Div
TC653, Fan is Not Running
SHDN is Connected to VDD, TA = 25˚C
0
VDD
PWM
FAULT


Similar Part No. - TC652GGVUA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC652 MICROCHIP-TC652 Datasheet
443Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense?줔etect & Over-Temperature
2002
TC652 MICROCHIP-TC652 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC652 MICROCHIP-TC652 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
TC652 MICROCHIP-TC652 Datasheet
431Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan
04/20/02
logo
SHENZHEN FUMAN ELECTRON...
TC6520 FUMAN-TC6520 Datasheet
237Kb / 4P
   High precision CC/CV primary side controller
More results

Similar Description - TC652GGVUA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC652AEVUATR MICROCHIP-TC652AEVUATR Datasheet
431Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan
04/20/02
TC652 MICROCHIP-TC652 Datasheet
443Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense?줔etect & Over-Temperature
2002
TC652 MICROCHIP-TC652_13 Datasheet
215Kb / 16P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense??Detect & Over-Temperature
11/29/12
TC651 MICROCHIP-TC651 Datasheet
440Kb / 14P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert
2002
TC650 MICROCHIP-TC650_13 Datasheet
262Kb / 18P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
11/29/12
logo
STMicroelectronics
TC650 STMICROELECTRONICS-TC650_04 Datasheet
210Kb / 16P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
logo
Copal Electronics
F17FA COPAL-F17FA Datasheet
68Kb / 2P
   BRUSHLESS DC FAN
logo
List of Unclassifed Man...
KD1206PTS1 ETC1-KD1206PTS1 Datasheet
935Kb / 6P
   DC BRUSHLESS FAN
PMD1212PTB1-A ETC-PMD1212PTB1-A Datasheet
552Kb / 9P
   DC BRUSHLESS FAN
logo
Analog Devices
ADT7470 AD-ADT7470 Datasheet
522Kb / 40P
   Temperature Sensor Hub and Fan Controller
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com