Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T3261554 Datasheet(PDF) 9 Page - Amphenol Corporation

Part # T3261554
Description  Amphenol-Tuchel Electronics GmbH
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T3261554 Datasheet(HTML) 9 Page - Amphenol Corporation

Back Button T3261554 Datasheet HTML 5Page - Amphenol Corporation T3261554 Datasheet HTML 6Page - Amphenol Corporation T3261554 Datasheet HTML 7Page - Amphenol Corporation T3261554 Datasheet HTML 8Page - Amphenol Corporation T3261554 Datasheet HTML 9Page - Amphenol Corporation T3261554 Datasheet HTML 10Page - Amphenol Corporation T3261554 Datasheet HTML 11Page - Amphenol Corporation T3261554 Datasheet HTML 12Page - Amphenol Corporation T3261554 Datasheet HTML 13Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
Amphenol
9
Description
Drawing
No. of
cont.
Part Number solder termination
Contact plating
silver
Contact plating
gold 2)
Cable diameter 4-6 mm
Cable diameter 6-8 mm
Cable diameter 4-6 mm
Cable diameter 4-6 mm
Female cable connector,
for cable diameter 4-6 mm,
termination: solder or crimp,
contact plating: silver or gold.
Female cable connector,
for cable diameter 6-8 mm,
termination: solder or crimp,
with clamping ring,
contact plating: silver or gold.
Female cable connector,
for cable diameter 4-6 mm,
termination: solder or crimp,
contact plating: silver or gold.
Female cable connector,
for cable diameter 4-6 mm,
solder termination,
plastic coated coupling ring,
contact plating: silver.
2
3 3)
4 3)
5
5 S 3)
6 3)
7
7 3)
8 3)
12
14
2
3 3)
4 3)
5
5 S 3)
6 3)
7
7 3)
8 3)
12
14
2
3 3)
4 3)
5
5 S 3)
6 3)
7
7 3)
8 3)
12
14
2
3 3)
4 3)
5
5 S 3)
6 3)
7
7 3)
8 3)
12
14
T 3201 001
T 3261 001
T 3301 001
T 3361 001
T 3361 010
T 3401 001
T 3476 001
T 3485 001
T 3505 001
T 3636 001
T 3651 001
T 3201 002
T 3261 002
T 3301 002
T 3361 002
T 3361 020
T 3401 002
T 3476 002
T 3485 002
T 3505 002
T 3261 004
T 3301 004
T 3361 004
T 3357 004
T 3401 004
T 3476 004
T 3485 004
T 3505 004
T 3201 013
T 3261 013
T 3301 013
T 3361 013
T 3361 130
T 3401 013
T 3476 013
T 3485 013
T 3505 013
T 3201 018
T 3261 018
T 3301 018
T 3361 018
T 3357 018 4)
T 3401 018
T 3476 018
T 3485 018
T 3505 018
T 3636 000
T 3651 000
T 3201 028
T 3261 028
T 3301 028
T 3361 028
T 3357 028 4)
T 3401 028
T 3476 028
T 3485 028
T 3505 028
T 3636 002
T 3651 002
T 3261 048
T 3301 048
T 3361 048 4)
T 3357 048 4)
T 3401 048
T 3476 048
T 3485 048
T 3505 048
T 3636 004
T 3651 004
T 3476 038
T 3261 551
T 3301 551
T 3361 551
T 3357 551
T 3401 551
T 3476 551
T 3485 551
T 3505 551
T 3261 552 4)
T 3301 552 4)
T 3361 552
T 3357 552 4)
T 3401 552 4)
T 3476 552
T 3485 552 4)
T 3505 552
T 3261 554 4)
T 3301 554
T 3361 554 4)
T 3357 554
T 3401 554 4)
T 3476 554 4)
T 3485 554 4)
T 3505 554
Part Number
Crimp termination1)
Female cable connector,
screw locking,
straight
C 091 A
1)
Please order crimp contacts separately, see page 43
2)
See remark page 6
3)
Contact order for DIN EN 60 130-9
4)
Available upon request.
45
(1.772)
68
(2.667)
53,5
(2.106)
62
(2.441)
53,5
(2.106)
62
(2.441)
45
(1.772)
68
(2.667)
PG 9
PG 7


Similar Part No. - T3261554

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T326103 E-SWITCH-T326103 Datasheet
43Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T3261554

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
T3638-004 AMPHENOL-T3638-004 Datasheet
3Mb / 52P
   Amphenol-Tuchel Electronics GmbH
C01620C00310012 AMPHENOL-C01620C00310012 Datasheet
1Mb / 20P
   Amphenol-Tuchel Electronics gmbh
VN01-016-0004-1 AMPHENOL-VN01-016-0004-1 Datasheet
1Mb / 20P
   amphenol-tuchel electronics gmbh
VN16-210-0014-X AMPHENOL-VN16-210-0014-X Datasheet
666Kb / 7P
   amphenol-tuchel electronics gmbh
C11213D00400007 AMPHENOL-C11213D00400007 Datasheet
1Mb / 36P
   amphemol-tuchel electronics gmbh
logo
eupec GmbH
FS300R12KF4 EUPEC-FS300R12KF4 Datasheet
127Kb / 3P
   European Power- Semiconductor and Electronics Company GmbH Co. KG
logo
List of Unclassifed Man...
DD171N ETC-DD171N Datasheet
175Kb / 4P
   European Power- Semiconductor and Electronics Company GmbH Co. KG
logo
Amphenol Corporation
G17S0910110EU AMPHENOL-G17S0910110EU Datasheet
359Kb / 1P
   Amphenol Corporation Amphenol Taiwan Corporation
logo
ALPS ELECTRIC CO.,LTD.
SKHHLRA010 ALPS-SKHHLRA010 Datasheet
711Kb / 8P
   ALPS ELECTRIC EUROPA GMBH
logo
List of Unclassifed Man...
RS199 ETC2-RS199 Datasheet
187Kb / 1P
   EDSYN GMBH EUROPA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com