Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR6603-821M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SDR6603-821M
Description  SDR6603 Series - SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SDR6603-821M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SDR6603-821M Datasheet HTML 1Page - Bourns Electronic Solutions SDR6603-821M Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SDR6603 Series - SMD Power Inductors
Features
Height of 2.92 mm
Current rating up to 2.9 A
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
• Portable communications equipment
• Camcorders
• LCD TVs
• Car radios
Electrical Specifications
Product Dimensions
4.45
(0.175)
2.92
(0.115)
6.60
(0.260)
MAX.
MAX.
MAX.
TYP.
TYP.
TYP.
4.32
(0.170)
1.27
(0.050)
3.05
(0.120)
General Specifications
Test Voltage.....................................0.1 V
Reflow soldering.....230 °C; 50 sec max.
Operating Temperature ..-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Resistance to Soldering Heat
............................260 °C, 10 sec. max.
Materials
Core...............................................Ferrite
Wire .............................Enameled copper
Base ...........................................Ceramic
Adhesive ...............................Epoxy resin
Terminal.....................................Ag/Ni/Au
Rated Current
...................Ind. drop 10 % typ. at Isat
Temperature Rise................15 °C typical
at rated Irms
Packaging.....................600 pcs. per reel
Recommended Layout
3.00
(0.118)
REF.
1.60
(0.063)
REF.
4.10
(0.161)
REF.
7.00
(0.276)
REF.
DIMENSIONS:
MM
(INCHES)
Inductance 100 kHz
Q
Test
SRF
DCR
I rms
I sat
Bourns Part No.
(µH)
Tol. (%)
Ref.
Frequency
Typ.
Max.
Max.
Typ.
(MHz)
(MHz)
(Ω)
(A)
(A)
SDR6603-1R0M
1.0
±20
20
7.96
130
0.05
2.9
2.9
SDR6603-1R5M
1.5
±20
19
7.96
115
0.05
2.8
2.6
SDR6603-2R2M
2.2
±20
18
7.96
90
0.07
2.4
2.3
SDR6603-3R3M
3.3
±20
18.5
7.96
70
0.08
2.0
2.0
SDR6603-4R7M
4.7
±20
17
7.96
50
0.09
1.5
1.5
SDR6603-6R8M
6.8
±20
15.5
7.96
45
0.13
1.4
1.2
SDR6603-8R2M
8.2
±20
10
7.96
40
0.16
1.3
1.15
SDR6603-100M
10
±20
17
2.52
35
0.16
1.1
1.1
SDR6603-150M
15
±20
17
2.52
30
0.23
1.0
0.90
SDR6603-220M
22
±20
16
2.52
20
0.37
0.80
0.70
SDR6603-330M
33
±20
24
2.52
15
0.51
0.60
0.58
SDR6603-470M
47
±20
15
2.52
14
0.64
0.50
0.50
SDR6603-680M
68
±20
18
2.52
11
0.86
0.40
0.40
SDR6603-820M
82
±20
10
2.52
10
1.18
0.35
0.35
SDR6603-101M
100
±20
29
0.796
9
1.3
0.30
0.31
SDR6603-151M
150
±20
41
0.796
6
2.0
0.25
0.27
SDR6603-221M
220
±20
33
0.796
5.5
3.2
0.20
0.22
SDR6603-331M
330
±20
42
0.796
5
3.8
0.16
0.18
SDR6603-471M
470
±20
42
0.796
4
5.1
0.15
0.16
SDR6603-681M
680
±20
58
0.796
3
9.2
0.12
0.14
SDR6603-821M
820
±20
40
0.796
2.5
12.6
0.10
0.12
SDR6603-102M
1000
±20
71
0.252
2
13.8
0.07
0.10
Inductance vs. Current
103
101
23
5
7
102
23
5
7
DC Current (mA)
103
104
23
5
7
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
7
5
102
101
100
1R0


Similar Part No. - SDR6603-821M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR6603 BOURNS-SDR6603 Datasheet
93Kb / 1P
   SMD POWER INDUCTOR
More results

Similar Description - SDR6603-821M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM3308-100M-RC BOURNS-PM3308-100M-RC Datasheet
227Kb / 3P
   PM3308 Series - SMD Power Inductors
logo
Taiyo Yuden (U.S.A.), I...
NS10165T100MNA TAIYO-YUDEN-NS10165T100MNA Datasheet
155Kb / 1P
   SMD Power Inductors (NS series)
NS12575T330MN TAIYO-YUDEN-NS12575T330MN Datasheet
167Kb / 2P
   SMD Power Inductors (NS series)
NS12575T680MN TAIYO-YUDEN-NS12575T680MN Datasheet
167Kb / 2P
   SMD Power Inductors (NS series)
NR5040T150M TAIYO-YUDEN-NR5040T150M_19 Datasheet
295Kb / 3P
   SMD Power Inductors (NR series)
NR6012T150ME TAIYO-YUDEN-NR6012T150ME Datasheet
302Kb / 3P
   SMD Power Inductors (NR series)
NR3010T1R0N TAIYO-YUDEN-NR3010T1R0N_19 Datasheet
302Kb / 3P
   SMD Power Inductors (NR series)
NR3010T1R5N TAIYO-YUDEN-NR3010T1R5N Datasheet
302Kb / 3P
   SMD Power Inductors (NR series)
NR3015T1R5N TAIYO-YUDEN-NR3015T1R5N Datasheet
293Kb / 3P
   SMD Power Inductors (NR series)
NR3015T3R3M TAIYO-YUDEN-NR3015T3R3M Datasheet
293Kb / 3P
   SMD Power Inductors (NR series)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com