Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L717SDEH09POL2RM8 Datasheet(PDF) 11 Page - Amphenol Corporation

Part # L717SDEH09POL2RM8
Description  Amphenol Preferred Parts Catalogue
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

L717SDEH09POL2RM8 Datasheet(HTML) 11 Page - Amphenol Corporation

Back Button L717SDEH09POL2RM8 Datasheet HTML 7Page - Amphenol Corporation L717SDEH09POL2RM8 Datasheet HTML 8Page - Amphenol Corporation L717SDEH09POL2RM8 Datasheet HTML 9Page - Amphenol Corporation L717SDEH09POL2RM8 Datasheet HTML 10Page - Amphenol Corporation L717SDEH09POL2RM8 Datasheet HTML 11Page - Amphenol Corporation L717SDEH09POL2RM8 Datasheet HTML 12Page - Amphenol Corporation L717SDEH09POL2RM8 Datasheet HTML 13Page - Amphenol Corporation L717SDEH09POL2RM8 Datasheet HTML 14Page - Amphenol Corporation L717SDEH09POL2RM8 Datasheet HTML 15Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 151 page
background image
Amphenol InfoCom Europe | www.amphenolinfocom.eu | info@amphenol-nl.com | Specifications subject to change
11
Amphenol InfoCom Europe | www.amphenolinfocom.eu | info@amphenol-nl.com | Specifications subject to change
18.8
14.6
B
1.7
8.2
Ø
1.0
B
A
7.62
Ø1.52
3.2
B-B
(B)
A
1.6
(A)
A-A
Specifications:
Wire gage: AWG 20-24 & 24-28, solid or stranded wires
Material:
Brass
Male CrIMP CONTaCT
Part Numbers :
Wire gage Packaging
Plating
Performance level 3
( flash Gold )
Performance level 2
( 0,38 µm Gold )
Performance level 1
( 0,76 µm Gold )
20-24
100 cts
Bulk
Full Gold
L17RRD1M01100
L17RRD1M02100
L17RRD1M04100
Selective
L17RRD1M11100
L17RRD1M12100
L17RRD1M14100
reel of
400 cts
Full Gold
L17RRD1M01400
L17RRD1M02400
L17RRD1M04400
Selective
L17RRD1M11400
L17RRD1M12400
L17RRD1M14400
reel of
2000 cts
Full Gold
L17RRD1M012K
L17RRD1M022K
L17RRD1M042K
Selective
L17RRD1M112K
L17RRD1M122K
L17RRD1M142K
reel of
10000 cts
Full Gold
L17RRD1M0110K
L17RRD1M0210K
L17RRD1M0410K
Selective
L17RRD1M1110K
L17RRD1M1210K
L17RRD1M1410K
24-28
100 cts
Bulk
Full Gold
L17RRD2M01100
L17RRD2M02100
L17RRD2M04100
Selective
L17RRD2M11100
L17RRD2M12100
L17RRD2M14100
reel of
400 cts
Full Gold
L17RRD2M01400
L17RRD2M02400
L17RRD2M04400
Selective
L17RRD2M11400
L17RRD2M12400
L17RRD2M14400
reel of
2000 cts
Full Gold
L17RRD2M012K
L17RRD2M022K
L17RRD2M042K
Sllective
L17RRD2M112K
L17RRD2M122K
L17RRD2M142K
reel of
10000 cts
Full Gold
L17RRD2M0110K
L17RRD2M0210K
L17RRD2M0410K
Sllective
L17RRD2M1110K
L17RRD2M1210K
L17RRD2M1410K
Performance levels as per DIN 41 652/IEC 807-3
Dimensions:
Wire gage
a
B
20-24
2,5
1,9
24-28
1,7
1,5
For detailed
specifications check
www.amphenolinfocom.eu


Similar Part No. - L717SDEH09POL2RM8

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7174 HAMAMATSU-L7174 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
logo
Amphenol Corporation
L717TW-A3W3P AMPHENOL-L717TW-A3W3P Datasheet
45Kb / 1P
   other climatic specifications in accordance
L717TWA7W2P AMPHENOL-L717TWA7W2P Datasheet
109Kb / 1P
   d-sub technical data
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
L717TWC8W8PP2Y AMPHENOL-L717TWC8W8PP2Y Datasheet
204Kb / 1P
   d-sub technical data
More results

Similar Description - L717SDEH09POL2RM8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IPL10020 ETC1-IPL10020 Datasheet
211Kb / 4P
   Shortform Catalogue
EL1602B_1602K ETC-EL1602B_1602K Datasheet
745Kb / 1P
   Preferred type
logo
Kemet Corporation
LDEID3100KA0N00 KEMET-LDEID3100KA0N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
logo
List of Unclassifed Man...
V4NST7YRUL ETC2-V4NST7YRUL Datasheet
371Kb / 4P
   Preferred Range
logo
Amphenol Corporation
G17S0910110EU AMPHENOL-G17S0910110EU Datasheet
359Kb / 1P
   Amphenol Corporation Amphenol Taiwan Corporation
logo
Japan Aviation Electron...
SRCN6A25-24P JAE-SRCN6A25-24P Datasheet
290Kb / 8P
   Preferred Connector
logo
List of Unclassifed Man...
FI-S20P-HFE ETC2-FI-S20P-HFE Datasheet
383Kb / 9P
   Preferred connector products
logo
Kemet Corporation
LDECD3470JA5N00 KEMET-LDECD3470JA5N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
LDEPD2100KA5N00 KEMET-LDEPD2100KA5N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
logo
Pulse A Technitrol Comp...
BAHEXNUT PULSE-BAHEXNUT Datasheet
3Mb / 4P
   PARTS/ACCESSORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com