Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMD-6002-P Datasheet(PDF) 3 Page - Amphenol Corporation

Part # LMD-6002-P
Description  LMD and LMS Modular Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

LMD-6002-P Datasheet(HTML) 3 Page - Amphenol Corporation

  LMD-6002-P Datasheet HTML 1Page - Amphenol Corporation LMD-6002-P Datasheet HTML 2Page - Amphenol Corporation LMD-6002-P Datasheet HTML 3Page - Amphenol Corporation LMD-6002-P Datasheet HTML 4Page - Amphenol Corporation LMD-6002-P Datasheet HTML 5Page - Amphenol Corporation LMD-6002-P Datasheet HTML 6Page - Amphenol Corporation LMD-6002-P Datasheet HTML 7Page - Amphenol Corporation LMD-6002-P Datasheet HTML 8Page - Amphenol Corporation LMD-6002-P Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
101
Amphenol
Aerospace
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
LMD Modular Connectors
FEATURES, OPTIONS & CONTACT DATA
LMD Features and Options
LMD’s module options provide a mix of both active and
passive devices within one connector. The features and
options of this series describe the design flexibility in this
connector series:
• LMD Standard components are molded of a U/L rated
94VO flame retardant, light-weight thermoplastic material.
Alternate white nylon material (provides resistance to
industrial oils and solvents) is available; consult Amphenol
Aerospace for availability.
• The linear LMD connector may be used for rack and panel
or cable-to-cable applications.
• Plug and receptacle housings may be front or rear panel
mounted.
• Optional keying post provides six position keying
capability.
• The optional center jackscrew provides ease of mating
and unmating and insures high reliability under vibration.
• Cable strain reliefs are available for internal attachment.
(See page 107).
• Variety of module types. Sealed and unsealed modules
accept rear release #8, #16, #20 and #22 gauge contacts.
Bussing, diode and relay modules available. PC tail
contacts are also available; consult Amphenol Aerospace.
• A variety of contacts accept #8 through #28 AWG wire.
Commercially available automated crimp terminating
equipment may be used.
• Wired or unwired modules are rear inserted and held by
two retention tines. With the aid of a front release tool, the
modules are easily removed from the rear. (See pg. 107).
• Pin or socket modules may be intermixed in plug or
receptacle housings.
Contact
Size
Wire
Size
Contact Resistance
Dielectric
Withstand-
ing Voltage
AC (RMS)
Max.
Recommended
Working Voltage
AC (RMS)
Test Current
(amperes)
Max.
Millivolts
22
22
28
5.0
1.5
73
54
1800
600
20
20
24
7.5
3.0
55
45
1800
600
16
16
20
13.0
7.5
49
46
2300
900
8*
12
14
23
17
42
40
2300
900
8
8
10
46
33
26
28
2300
900
Contact
Size
Wire
Size
Contact Crimp
Tensile Strength
Lbs. Min.
Max.
Wire Insulation
22
28
26
24
22
3
5
8
12
.054
20
24
22
20
8
12
20
.083
16
20
18
16
20
30
50
.103
8*
14
12
70
110
.255
8
10
8
150
220
.255
* with #12 wire well
Contact Data
LMD Receptacle
LMD Plug
Optional
Center
Jackscrew
Strain Reliefs
Module
Sealed or unsealed, accept rear release #8, #16, #20
and #22 gauge contacts (See pages 103-105 for the
variety of module types available)
Pin or Socket Modules
(may be intermixed in plug
or receptacle housings
Optional Keying
Post (Six position
keying capability)
Variety of Contacts
available. (accept #8
through #28 AWG wire)


Similar Part No. - LMD-6002-P

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
LMD-4022-36LJ AMPHENOL-LMD-4022-36LJ Datasheet
2Mb / 12P
   Amphenol LMD and LMS Modular Connectors
More results

Similar Description - LMD-6002-P

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
LMD-4022-36LJ AMPHENOL-LMD-4022-36LJ Datasheet
2Mb / 12P
   Amphenol LMD and LMS Modular Connectors
logo
LightKey Optoelectronic...
LMS-1-P7622-16URUG LIGHTKEY-LMS-1-P7622-16URUG Datasheet
107Kb / 2P
   LMS-1-P7622-16URUG
logo
Lumberg
P129 LUMBERG-P129 Datasheet
1Mb / 3P
   Modular connectors
logo
Hirose Electric
TM1R-616B44-35S-150 HIROSE-TM1R-616B44-35S-150 Datasheet
392Kb / 5P
   MODULAR CONNECTORS
logo
Lumberg
253301 LUMBERG-253301 Datasheet
527Kb / 3P
   Modular connectors
P133 LUMBERG-P133 Datasheet
769Kb / 3P
   Modular connectors
254101 LUMBERG-254101 Datasheet
557Kb / 3P
   Modular connectors
logo
Hirose Electric
TM5RC-44 HIROSE-TM5RC-44 Datasheet
889Kb / 7P
   MODULAR CONNECTORS
TM13R-44 HIROSE-TM13R-44 Datasheet
54Kb / 1P
   MODULAR CONNECTORS
logo
Lumberg
P126 LUMBERG-P126 Datasheet
585Kb / 4P
   Modular connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com