Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD212900 Datasheet(PDF) 9 Page - Advanced Linear Devices

Part # ALD212900
Description  DUAL HIGH DRIVE ZERO THRESHOLD MATCHED PAIR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD212900 Datasheet(HTML) 9 Page - Advanced Linear Devices

Back Button ALD212900 Datasheet HTML 4Page - Advanced Linear Devices ALD212900 Datasheet HTML 5Page - Advanced Linear Devices ALD212900 Datasheet HTML 6Page - Advanced Linear Devices ALD212900 Datasheet HTML 7Page - Advanced Linear Devices ALD212900 Datasheet HTML 8Page - Advanced Linear Devices ALD212900 Datasheet HTML 9Page - Advanced Linear Devices ALD212900 Datasheet HTML 10Page - Advanced Linear Devices ALD212900 Datasheet HTML 11Page - Advanced Linear Devices ALD212900 Datasheet HTML 12Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ALD212900/ALD212900A
Advanced Linear Devices
9 of 12
DIFFERENTIAL AMPLIFIER
CURRENT SOURCE MULTIPLICATION
CURRENT SOURCE MIRROR
CURRENT SOURCE WITH GATE CONTROL
TYPICAL APPLICATIONS
ISET
RSET
M3
V+ = +5V
ISOURCE
M1, M2: N - Channel MOSFET
M3, M4: P - Channel MOSFET
M1
M2
V+ = +5V
M4
M3, M4:
ALD1102,
ALD1117,
1/2 ALD1103,
1/2 ALD1105,
1/2 ALD1107, or
1/2 ALD3107xx
M1, M2:
ALD1101,
ALD1116,
ALD1109xx,
ALD2129xx,
1/2 ALD1103,
1/2 ALD1105,
1/2 ALD1106,
1/2 ALD1108xx, or
1/2 ALD2108xx
RSOURCE
ISOURCE = ISET =
V+ - Vt
RSET
where Vt = VGS - VGS(th) = VDS
V+ = +5V
ISOURCE
RSET
M3
ISET
ON
OFF
Digital Logic Control
of Current Source
M1
: N - Channel MOSFET
M3, M4 : P - Channel MOSFET
M4
M1
RSOURCE
M1:
1/2 ALD1101,
1/2 ALD1116,
1/2 ALD1109xx,
1/2 ALD2129xx,
1/4 ALD1103,
1/4 ALD1105,
1/4 ALD1106,
1/4 ALD1108xx, or
1/4 ALD2108xx
M3, M4:
ALD1102,
ALD1117,
1/2 ALD1103,
1/2 ALD1105,
1/2 ALD1107, or
1/2 ALD3107xx
V+
PMOS PAIR
M4
VOUT
VIN-
NMOS PAIR
M2
M1
VIN+
Current
Source
M3
M1, M2: N - Channel MOSFET
M3, M4: P - Channel MOSFET
M3, M4:
ALD1102,
ALD1117,
1/2 ALD1103,
1/2 ALD1105,
1/2 ALD1107, or
1/2 ALD3107xx
M1, M2:
ALD1101,
ALD1116,
ALD1109xx,
ALD2129xx,
1/2 ALD1103,
1/2 ALD1105,
1/2 ALD1106,
1/2 ALD1108xx, or
1/2 ALD2108xx
MSET, M1..MN: N - Channel MOSFET
ISET
V+ = +5V
ISOURCE = ISET x N
RSET
M2
M3
MSET
M1
MN
Package 1
Package N
MSET, M1..MN:
N x ALD1101, N x ALD1116,
N x ALD1109xx, N x ALD2129xx,
N x ALD1103, N x ALD1106,
N x ALD1108xx, or
N x ALD2108xx
All M's in the set are
from the same part number.
V+ = +5V
RSOURCE


Similar Part No. - ALD212900

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD212900 ALD-ALD212900 Datasheet
520Kb / 12P
   PRECISION N-CHANNEL EPAD
ALD212900 ALD-ALD212900 Datasheet
517Kb / 12P
   PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY DUAL HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
2019
ALD212900A ALD-ALD212900A Datasheet
517Kb / 12P
   PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY DUAL HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
2019
ALD212900APAL ALD-ALD212900APAL Datasheet
520Kb / 12P
   PRECISION N-CHANNEL EPAD
ALD212900APAL ALD-ALD212900APAL Datasheet
517Kb / 12P
   PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY DUAL HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
2019
More results

Similar Description - ALD212900

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD212900A ALD-ALD212900A Datasheet
517Kb / 12P
   PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY DUAL HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
2019
ALD210800 ALD-ALD210800 Datasheet
112Kb / 12P
   PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD MATCHED PAIR
ALD210800 ALD-ALD210800_V01 Datasheet
519Kb / 12P
   PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
2019
ALD110800 ALD-ALD110800 Datasheet
38Kb / 2P
   QUAD/DUAL N-CHANNEL ZERO THRESHOLD EPAD MATCHED PAIR MOSET ARRAY
ALD110800A ALD-ALD110800A_V01 Datasheet
127Kb / 12P
   QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
2019
ALD110800 ALD-ALD110800_12 Datasheet
109Kb / 11P
   QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
ALD310700 ALD-ALD310700_V01 Datasheet
512Kb / 9P
   PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD ZERO THRESHOLD??MATCHED PAIR
2021
ALD310700 ALD-ALD310700 Datasheet
512Kb / 9P
   PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD ZERO THRESHOLD MATCHED PAIR
ALD310700A ALD-ALD310700A Datasheet
512Kb / 9P
   PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD ZERO THRESHOLD??MATCHED PAIR
2021
ALD110800 ALD-ALD110800_17 Datasheet
104Kb / 12P
   QUAD/DUAL N-CHANNEL ZERO THRESHOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com