Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

746 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 746
Description  GROMMETS , BUSHINGS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

746 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  746 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel (718) 956-8900 Fax (718) 956-9040
(800) 221-5510 kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
ANTI-VIBRATION GROMMETS
RUBBER GROMMETS
FLEXIBLE GROMMETING
Anti-vibration grommets are designed for noise suppression in office or lab equipment. Additionally,
they isolate sensitive instrumentation from unpredictable vibration and shock. The fingers of the grommets
provide the flex needed to dampen unwanted noise and vibration. Specially designed shoulder screws
are designed to provide the correct spacing.
Ideal for electrical insulation and mechanical damping.
O.D.
H
A
B
I.D.
I.D.
B
A
O.D.
CAT.
INSIDE
MTG.
PANEL
OUTSIDE
H
NO.
DIAMETER
HOLE
THICKNESS
DIAMETER
HEIGHT
730
.125 (3.2)
.187 (4.7)
.062 (1.57)
.312 (7.9)
.187 (4.7)
733
.125 (3.2)
.250 (6.4)
.062 (1.57)
.343 (8.7)
.187 (4.7)
734
.125 (3.2)
.437 (11.1)
.062 (1.57)
.625 (15.9)
.187 (4.7)
735
.125 (3.2)
.375 (9.5)
.093 (2.36)
.500 (12.7)
.312 (7.9)
736
.187 (4.7)
.312 (7.9)
.062 (1.57)
.437 (11.1)
.218 (5.5)
737
.187 (4.7)
.281 (7.2)
.093 (2.36)
.437 (11.1)
.218 (5.5)
738
.250 (6.4)
.437 (11.1)
.062 (1.57)
.625 (15.9)
.187 (4.7)
739
.250 (6.4)
.375 (9.5)
.062 (1.57)
.562 (14.3)
.250 (6.4)
740
.250 (6.4)
.375 (9.5)
.093 (2.36)
.500 (12.7)
.250 (6.4)
741
.312 (7.9)
.562 (14.3)
.062 (1.57)
.812 (20.6)
.312 (7.9)
742
.312 (7.9)
.437 (11.1)
.062 (1.57)
.625 (15.9)
.281 (7.1)
743
.312 (7.9)
.437 (11.1)
.093 (2.36)
.625 (15.9)
.312 (7.9)
744
.375 (9.5)
.625 (15.9)
.062 (1.57)
.875 (22.2)
.312 (7.9)
745
.375 (9.5)
.500 (12.7)
.062 (1.57)
.625 (15.9)
.250 (6.4)
732
.437 (11.1)
.562 (14.3)
.062 (1.57)
.750 (19.1)
.250 (6.4)
746
.437 (11.1)
.687 (17.4)
.062 (1.57)
.937 (23.8)
.312 (7.9)
747
.500 (12.7)
.812 (20.6)
.062 (1.57)
1.062 (27.0)
.312 (7.9)
748
.500 (12.7)
1.250 (31.8)
.062 (1.57)
1.500 (38.1)
.250 (6.4)
749
.500 (12.7)
.750 (19.1)
.093 (2.36)
.968 (24.6)
.281 (7.1)
750
.562 (14.3)
.812 (20.6)
.062 (1.57)
1.062 (27.0)
.312 (7.9)
752
.625 (15.9)
.875 (22.2)
.062 (1.57)
1.125 (28.6)
.312 (7.9)
753
.625 (15.9)
1.250 (31.8)
.062 (1.57)
1.500 (38.1)
.250 (6.4)
755
.750 (19.1)
1.062 (27.0)
.062 (1.57)
1.375 (34.9)
.375 (9.5)
756
.750 (19.1)
1.437 (36.5)
.062 (1.57)
1.812 (46.0)
.375 (9.5)
757
.875 (22.2)
1.250 (31.8)
.062 (1.57)
1.625 (41.3)
.437 (11.1)
MATERIAL: Rubber, BUNA N
“UNIVERSAL” RUBBER GROMMET
EXPANDABLE
MEMBRANE
I.D.
O.D.
"A" DIA HOLE.
B
H
.060 [1.52]
MATERIAL: Thermoplastic Rubber, Black
Designed to adjust to different
cable diameters from .125 (3.2)
to .312 (7.9).
Self-adjusting membrane
forms a dust resistant seal.
MATERIAL: Nylon 6/6, Black
MATERIAL:
Isolator: EPDM Rubber
Shoulder Screw: Steel, Nickel Plate
Ideal for maintenance, short-run production, R&D or
prototyping. Supplied in 25 ft. rolls. Make your own
grommets to fit any size or shape required.
A
W
H
CAT.
MAX
W
H
A
NO.
PANEL
WIDTH
HEIGHT
THICK
8615
.052 (1.32)
.139 (3.5)
.190 (4.8)
.028 (0.7)
8616
.085 (2.16)
.182 (4.6)
.200 (5.1)
.040 (1.02)
8617
.125 (3.18)
.232 (5.9)
.220 (5.6)
.040 (1.02)
CAT.
O.D.
I.D.
A
B
H
NO.
OUTSIDE
INSIDE DIA.
DIA. HOLE
MTG HOLE
HEIGHT
777
.650 (16.32)
.380 (9.7)
.090 (2.3)
.500 (12.7)
.250 (6.4)
778
1.25 (31.8)
.810 (20.6)
.160 (4.0)
1.000 (25.4)
.370 (9.4)
BLACK
BLUE
O.D.
I.D.
A
B
SHOULDER SCREW
CAT.
CAT.
OUTSIDE
INSIDE
H
PANEL
MTG.
LENGTH
NO.
NO.
DIAMETER
DIAMETER
HEIGHT
THICK
HOLE
(L)
THREAD
D
HEAD
765
766
.379 (9.6)
.154 (3.9)
.228 (5.8)
.063 (1.6)
.250 (6.4)
.189 (4.8)
6-32
.250 (6.4)
769
770
.377 (9.6)
.161 (4.1)
.298 (7.6)
.125 (3.2)
.250 (6.4)
.252 (6.4)
6-32
.300 (7.6)
Hex
775
776
.551 (14.0)
.191 (4.9)
.319 (8.1)
.063 (1.6)
.375 (9.5)
.318 (8.0)
6-32
.394 (10.0)
767
768
.379 (9.6)
.154 (3.9)
.228 (5.8)
.047 (1.2)
.250 (6.4)
.197 (5.0)
M3
.394 (10.0)
771
772
.411 (11.2)
.181 (4.6)
.209 (5.3)
.031 (0.8)
.315 (8.0)
.197 (5.0)
M3
.394 (10.0) Round
773
774
.551 (14.0)
.191 (4.9)
.291 (7.4)
.047 (1.2)
.375 (9.5)
.252 (6.4)
M3
.394 (10.0)
H
A
B
I.D.
O.D.
THREAD
D
L
Screw supplied unassembled with isolator
ROUND HEAD
HEX HEAD
129
M60Section8FREV1B1_11-2011 4/4/13 5:45PM Page129


Similar Part No. - 746

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
746-005-520-101 EDAC-746-005-520-101 Datasheet
75Kb / 1P
   746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
746-005-520-101 EDAC-746-005-520-101 Datasheet
241Kb / 2P
   746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
746-005-520-106 EDAC-746-005-520-106 Datasheet
75Kb / 1P
   746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
746-005-520-106 EDAC-746-005-520-106 Datasheet
241Kb / 2P
   746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
746-005-520-501 EDAC-746-005-520-501 Datasheet
75Kb / 1P
   746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
More results

Similar Description - 746

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G1123 ETC2-G1123 Datasheet
80Kb / 2P
   Stay Connected with Heyco Bushings, Grommets, Bumpers & Feet
G1418 ETC2-G1418 Datasheet
74Kb / 1P
   Stay Connected with Heyco Bushings, Grommets, Bumpers Feet
G1329 ETC2-G1329 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
G1423 ETC2-G1423 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
561-MP2L10 ETC2-561-MP2L10 Datasheet
221Kb / 3P
   Strain Relief Bushings
logo
Richco, Inc.
PGSB-24 RICHCO-PGSB-24 Datasheet
137Kb / 1P
   SNAP BUSHINGS CLOSED
logo
List of Unclassifed Man...
MP13-302792 ETC2-MP13-302792 Datasheet
220Kb / 3P
   Strain Relief Bushings
G1349 ETC2-G1349 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
SB-19 ETC2-SB-19 Datasheet
121Kb / 1P
   Snap Fit Bushings
561-MP2502 ETC2-561-MP2502 Datasheet
293Kb / 2P
   STANDARD INSULATING BUSHINGS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com