Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

102XX-6212PE Datasheet(PDF) 4 Page - 3M Electronics

Part # 102XX-6212PE
Description  Product Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

102XX-6212PE Datasheet(HTML) 4 Page - 3M Electronics

  102XX-6212PE Datasheet HTML 1Page - 3M Electronics 102XX-6212PE Datasheet HTML 2Page - 3M Electronics 102XX-6212PE Datasheet HTML 3Page - 3M Electronics 102XX-6212PE Datasheet HTML 4Page - 3M Electronics 102XX-6212PE Datasheet HTML 5Page - 3M Electronics 102XX-6212PE Datasheet HTML 6Page - 3M Electronics 102XX-6212PE Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
JNPS-0814
5. APPLICATION
PRODUCT NUMBER INFORMATION
PLATING THICKNESS SUFFIX
PL : under Nickel Plating
CONTACT AREA / Gold Plating 0.2 µm Min.
TAIL AREA / Gold Flash Plating
with Lubricant Treatment
PE : under Nickel Plating
CONTACT AREA / Gold Plating 0.5 µm Min.
TAIL AREA / Gold Flash Plating
PC : under Nickel Plating
CONTACT AREA / Gold Plating 0.76 µm Min.
TAIL AREA / Gold Flash Plating
RETENTION FEATURE
0
: Screw Lock (M2.6) for PC Board
1
: Screw Lock (M2.5) for PC Board
TYPE
2
: Standard Body
CONTACT QUANTITY
XX : XX Pos. (Exception: 100 pos. is shown "A0".)
PRODUCT SERIES NAME
102 : MDR Receptacle
SOLDER TAIL
2 : 3.4mm
PIN CONFIGURATIONS
6
: Board Mount Straight Type
102 XX – 6 2 X 2 PX


Similar Part No. - 102XX-6212PE

ManufacturerPart #DatasheetDescription
logo
3M Electronics
102XX-0210EC 3M-102XX-0210EC Datasheet
32Kb / 2P
   050, Mini D Ribbon (MDR) Connectors
More results

Similar Description - 102XX-6212PE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com