Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13040-3210-000 Datasheet(PDF) 2 Page - 3M Electronics

Part # 13040-3210-000
Description  .050 Plastic Shielded Junction Shell for Round Cable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

13040-3210-000 Datasheet(HTML) 2 Page - 3M Electronics

  13040-3210-000 Datasheet HTML 1Page - 3M Electronics 13040-3210-000 Datasheet HTML 2Page - 3M Electronics 13040-3210-000 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3
Interconnect Solutions
http://www.3M.com/interconnects/
3MMini D Ribbon (MDR) Connectors
.050” Plastic Shielded Junction Shell for Round Cable
103 Series
Contact
Dimensions
Contact
Quantity
A
B
C
D
E
F
G
14
.76[ 19.4]
1.15 [ 29.3 ]
1.02 [ 25.9 ]
1.30 [ 33.0 ]
.57[ 14.5]
.25[ 6.3]
.67 [ 17.1 ]
20
.91[ 23.2]
1.15 [ 29.3 ]
1.17 [ 29.7 ]
1.30 [ 33.0 ]
.57[ 14.5]
.26[ 6.7]
.82 [ 20.9 ]
26
1.06 [ 27.0 ]
1.15 [ 29.3 ]
1.32 [ 33.5 ]
1.30 [ 33.0 ]
.57[ 14.5]
.28[ 7.1]
.97 [ 24.8 ]
36
1.31 [ 33.3 ]
1.01 [ 25.6 ]
1.57 [ 39.8 ]
1.26 [ 32.0 ]
.63[ 16.0]
.32[ 8.1]
1.22 [ 31.1 ]
40
1.41 [ 35.8 ]
.98[ 24.8]
1.67 [ 42.4 ]
1.26 [ 32.0 ]
.63[ 16.0]
.32[ 8.2]
1.32 [ 33.6 ]
50
1.66 [ 42.2 ]
.98[ 24.8]
1.92 [ 48.7 ]
1.26 [ 32.0 ]
.63[ 16.0]
.34[ 8.7]
1.57 [ 40.0 ]
68
2.11 [ 53.6 ]
.98[ 24.8]
2.37 [ 60.1 ]
1.26 [ 32.0 ]
.71[ 18.0]
.36[ 9.1]
2.02 [ 51.4 ]
Notes:
1. Part number includes a cable clamp and 2X M2.6 screws. These parts are not shown.
2. Panel thickness including washers must be less than 2.0 mm.
Ordering Information
103XX-3210-00X
TS-0571-06
Sheet 2 of 2
Inch
[mm]
± .005
± .1
± .01
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only
Contact Quantity
(See Table)
B
.81
[20.5]
Upper Half Metal
Inner Shell
SeeNote1
.20
[5.1]
.36
[9.1]
.40
[10.1]
A
Lower Half Metal
Inner Shell
.83
[21.1]
D
1.65
[42.0]
.45
[11.5]
FDia.
E
C
Plastic Outer Shell
.52
[13.2]
G
Color Code:
0 = Beige (Standard)
3 = Medium Gray (Special)
6 = Black (Special)


Similar Part No. - 13040-3210-000

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1304007 TURCK-1304007 Datasheet
1Mb / 3P
   Inductive Sensor
11/07/2023
1304010 TURCK-1304010 Datasheet
348Kb / 3P
   Inductive Sensor
11/07/2023
logo
List of Unclassifed Man...
1304010000 ETC2-1304010000 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
1304020000 ETC2-1304020000 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
PHOENIX CONTACT
1304027 PHOENIX-1304027 Datasheet
382Kb / 9P
   AC charging cable - EV-T2G3PC-3AC32A-7,5M6,0ESBK11
More results

Similar Description - 13040-3210-000

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3659 3M-3659 Datasheet
35Kb / 2P
   050, Round, Shielded/Jacketed, Flat Cable
10336-1230-00 3M-10336-1230-00 Datasheet
853Kb / 3P
   3M??Mini D Ribbon (MDR) Connectors .050??Metal Junction Shell for Flat Cable
logo
ITT Industries
MDB1-9PH001P ITT-MDB1-9PH001P Datasheet
325Kb / 11P
   Micro-D Plastic Shell - .050 Contact Spacing
logo
Illinois Capacitor, Inc...
475MPP152KS2P ILLINOISCAPACITOR-475MPP152KS2P Datasheet
119Kb / 1P
   Metallized polypropylene film in Round plastic shell
logo
3M Electronics
3709 3M-3709 Datasheet
29Kb / 2P
   050 Round Conductor Flat Cable
logo
Japan Aviation Electron...
DE-C8-J9-F1-1R JAE-DE-C8-J9-F1-1R Datasheet
111Kb / 1P
   DSUB JUNCTION SHELL
logo
Molex Electronics Ltd.
0951152884 MOLEX11-0951152884 Datasheet
110Kb / 2P
   Round Cable Boot for Shielded Plug, Red
0951152886 MOLEX11-0951152886 Datasheet
110Kb / 2P
   Round Cable Boot for Shielded Plug, Blue
0951151882 MOLEX11-0951151882 Datasheet
110Kb / 2P
   Round Cable Boot for Shielded Plug, Gray
logo
Japan Aviation Electron...
DB-C8-J10-F4-1R JAE-DB-C8-J10-F4-1R Datasheet
112Kb / 1P
   DSUB JUNCTION SHELL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com