Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13020-3210-003 Datasheet(PDF) 1 Page - 3M Electronics

Part # 13020-3210-003
Description  .050 Plastic Shielded Junction Shell for Round Cable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

13020-3210-003 Datasheet(HTML) 1 Page - 3M Electronics

  13020-3210-003 Datasheet HTML 1Page - 3M Electronics 13020-3210-003 Datasheet HTML 2Page - 3M Electronics 13020-3210-003 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3
Interconnect Solutions
http://www.3M.com/interconnects/
3MMini D Ribbon (MDR) Connectors
.050” Plastic Shielded Junction Shell for Round Cable
103 Series
TS-0571-06
Sheet 1 of 2
S
Durable one piece plastic over two piece metal
junction shell for straight round cable (compatible
with 101XX-6000 EC plug)
S
Quick release latching
S
MDR digital LCD Interface as a 20 or 26 contact
connector
S
Contacts: 14, 20, 26, 36, 40, 50 and 68
Date Modified:May 30, 2003
Physical
Outer Shell
Material: ABS
Flammability: UL 94V-0
Color: Beige, Medium Gray, and Black
Inner Shell
Material: Steel, .020″ [0.5 mm ]Thick
Plating: Nickel
Marking: 3M Logo and Part Number


Similar Part No. - 13020-3210-003

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
13020 TURCK-13020 Datasheet
337Kb / 3P
   Inductive Sensor
11/07/2023
1302001 TURCK-1302001 Datasheet
356Kb / 3P
   Inductive Sensor – With Increased Temperature Range
11/07/2023
logo
Molex Electronics Ltd.
130201-0750 MOLEX11-130201-0750 Datasheet
38Kb / 1P
   Wire Frame Guard Cover 400 Watt Metal Halide High Bay Light, meets NMEA 2000짰
logo
List of Unclassifed Man...
1302010000 ETC2-1302010000 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
Molex Electronics Ltd.
1302010750 MOLEX11-1302010750 Datasheet
31Kb / 1P
   Wire Frame Guard Cover 400 Watt Metal Halide High Bay Light, meets NMEA 2000
More results

Similar Description - 13020-3210-003

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3659 3M-3659 Datasheet
35Kb / 2P
   050, Round, Shielded/Jacketed, Flat Cable
10336-1230-00 3M-10336-1230-00 Datasheet
853Kb / 3P
   3M??Mini D Ribbon (MDR) Connectors .050??Metal Junction Shell for Flat Cable
logo
ITT Industries
MDB1-9PH001P ITT-MDB1-9PH001P Datasheet
325Kb / 11P
   Micro-D Plastic Shell - .050 Contact Spacing
logo
Illinois Capacitor, Inc...
475MPP152KS2P ILLINOISCAPACITOR-475MPP152KS2P Datasheet
119Kb / 1P
   Metallized polypropylene film in Round plastic shell
logo
3M Electronics
3709 3M-3709 Datasheet
29Kb / 2P
   050 Round Conductor Flat Cable
logo
Japan Aviation Electron...
DE-C8-J9-F1-1R JAE-DE-C8-J9-F1-1R Datasheet
111Kb / 1P
   DSUB JUNCTION SHELL
logo
Molex Electronics Ltd.
0951152884 MOLEX11-0951152884 Datasheet
110Kb / 2P
   Round Cable Boot for Shielded Plug, Red
0951152886 MOLEX11-0951152886 Datasheet
110Kb / 2P
   Round Cable Boot for Shielded Plug, Blue
0951151882 MOLEX11-0951151882 Datasheet
110Kb / 2P
   Round Cable Boot for Shielded Plug, Gray
logo
Japan Aviation Electron...
DB-C8-J10-F4-1R JAE-DB-C8-J10-F4-1R Datasheet
112Kb / 1P
   DSUB JUNCTION SHELL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com