Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

151216-7322-RB Datasheet(PDF) 3 Page - 3M Electronics

Part # 151216-7322-RB
Description  2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

151216-7322-RB Datasheet(HTML) 3 Page - 3M Electronics

  151216-7322-RB Datasheet HTML 1Page - 3M Electronics 151216-7322-RB Datasheet HTML 2Page - 3M Electronics 151216-7322-RB Datasheet HTML 3Page - 3M Electronics 151216-7322-RB Datasheet HTML 4Page - 3M Electronics 151216-7322-RB Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MPin Strip Header
2 mm × 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
1512 Series
TS-0808-H
Sheet 3 of 4
Ordering Information
1512XX-7X22-RB
Right Angle
Contact
Quantity
Dimension C
04
0.157 [4.0]
06
0.236 [6.0]
08
0.315 [8.0]
10
0.394 [10.0]
12
0.472 [12.0]
14
0.551 [14.0]
16
0.63 [16.0]
18
0.709 [18.0]
20
0.787 [20.0]
22
0.866 [22.0]
24
0.945 [24.0]
26
1.024 [26.0]
28
1.102 [28.0]
30
1.181 [30.0]
32
1.26 [32.0]
34
1.339 [34.0]
36
1.417 [36.0]
38
1.496 [38.0]
40
1.575 [40.0]
42
1.654 [42.0]
44
1.732 [44.0]
46
1.811 [46.0]
48
1.89 [48.0]
50
1.969 [50.0]
52
2.047 [52.0]
54
2.126 [54.0]
56
2.205 [56.0]
58
2.283 [58.0]
60
2.362 [60.0]
80
3.15 [80.0]
C +.000
-.020
.165
[4.19]
.157
[3.99]
.118 ± .010
.0787
[2.000]
.047
[1.19]
.0787
[2.000]
.068
[1.73]
A ± .008
.015
[0.38]
Standoff
.0787
[2.000]
.029
[0.74]
.0787 ± .003
[2.000]
.0787 ± .003
[2.000]
.032 ± .003
[0.81]
After Plating
Recommended
Mounting Hole Pattern
Pin Cross Section
C
Pin Length
Dim ‘A'
3 = .130"
4 = .152"
Contact Quantity
(See Table 1)
mm
[Inch]
Tolerance Unless Noted
in.
mm
0.X
-
±0.5
0.XX
±0.01
±0.25
0.XXX
±0.005
±0.13
[ ] Dimensions for Reference Only
(RIA E1 & C1 Apply)


Similar Part No. - 151216-7322-RB

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1512165B3 CML-1512165B3 Datasheet
362Kb / 1P
   StarLEDs T13/4 (6mm) MG with half wave rectifier
1512165UG3 CML-1512165UG3 Datasheet
362Kb / 1P
   StarLEDs T13/4 (6mm) MG with half wave rectifier
1512165UR3 CML-1512165UR3 Datasheet
362Kb / 1P
   StarLEDs T13/4 (6mm) MG with half wave rectifier
1512165UY3 CML-1512165UY3 Datasheet
362Kb / 1P
   StarLEDs T13/4 (6mm) MG with half wave rectifier
1512165W3 CML-1512165W3 Datasheet
362Kb / 1P
   StarLEDs T13/4 (6mm) MG with half wave rectifier
More results

Similar Description - 151216-7322-RB

ManufacturerPart #DatasheetDescription
logo
3M Electronics
951105-8622-AR 3M-951105-8622-AR Datasheet
659Kb / 3P
   2 mm and 2 mm x 2 mm Straight and Right Angle, Solder Tail
1552 3M-1552 Datasheet
1Mb / 7P
   Latch/Eject Header - 2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
logo
Precid-Dip Durtal SA
SERIES811 PREDIP-SERIES811 Datasheet
19Kb / 2P
   Single Row 2.54 mm, Straight solder tail
logo
3M Electronics
37204-62B3-004PL 3M-37204-62B3-004PL Datasheet
1Mb / 6P
   3M??Mini-Clamp Socket 2 mm Boardmount, Straight Solder Tails
1522 3M-1522_10 Datasheet
1Mb / 4P
   Pak 20 Wiremount Socket - 2 mm 횞 2 mm for 1 mm Pitch Cable
logo
Precid-Dip Durtal SA
SERIES310 PREDIP-SERIES310 Datasheet
23Kb / 3P
   Single row 2.54/5.08 mm, Straight solder tail, Mating pin 횠 0.47 mm
logo
Texas Instruments
TLV759P TI1-TLV759P_18 Datasheet
1Mb / 22P
[Old version datasheet]   1-A LDO in a Small 2-mm 횞 2-mm WSON Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com