Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5703EN Datasheet(PDF) 38 Page - Asahi Kasei Microsystems

Part # AK5703EN
Description  4-Channel 24-bit ADC with PLL & MIC-AMP
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5703EN Datasheet(HTML) 38 Page - Asahi Kasei Microsystems

Back Button AK5703EN Datasheet HTML 34Page - Asahi Kasei Microsystems AK5703EN Datasheet HTML 35Page - Asahi Kasei Microsystems AK5703EN Datasheet HTML 36Page - Asahi Kasei Microsystems AK5703EN Datasheet HTML 37Page - Asahi Kasei Microsystems AK5703EN Datasheet HTML 38Page - Asahi Kasei Microsystems AK5703EN Datasheet HTML 39Page - Asahi Kasei Microsystems AK5703EN Datasheet HTML 40Page - Asahi Kasei Microsystems AK5703EN Datasheet HTML 41Page - Asahi Kasei Microsystems AK5703EN Datasheet HTML 42Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
[AK5703]
MS1537-E-00
2013/05
- 38 -
Mono/Stereo Mode (MIXA/B)
PMADAL, PMADAR and MIXA bits select mono or stereo mode of ADCA output data. PMADBL, PMADBR and
MIXB bits select mono or stereo mode of ADCB output data. ALC operation (ALCA/B or ALC4 bit = “1”) or digital
volume operation (ALCA/B = ALC4 bits = “0”) is applied to the data in Table 27 and Table 28.
PMADAL
bit
PMADAR
bit
MIXA
bit
ADCA Lch data
ADCA Rch data
0
0
x
All “0”
All “0”
(default)
0
1
x
Rch Input Signal
Rch Input Signal
1
0
x
Lch Input Signal
Lch Input Signal
0
Lch Input Signal
Rch Input Signal
1
1
1
(L+R)/2
(L+R)/2
Table 27. ADCA Mono/Stereo Mode (x: Don’t care)
PMADBL
bit
PMADBR
bit
MIXB
bit
ADCB Lch data
ADCB Rch data
0
0
x
All “0”
All “0”
(default)
0
1
x
Rch Input Signal
Rch Input Signal
1
0
x
Lch Input Signal
Lch Input Signal
0
Lch Input Signal
Rch Input Signal
1
1
1
(L+R)/2
(L+R)/2
Table 28. ADCB Mono/Stereo Mode (x: Don’t care)
High Pass Filter (HPF2A/B)
This is composed 1st order HPF. The coefficient of HPF2A is set by FA1A13-0 bits and FA1B13-0 bits. The coefficient
of HPF2B is set by FB1A13-0 bits and FB1B13-0 bits. HPF2A bit controls ON/OFF of the HPF2A and HPF2B bit
controls ON/OFF of the HPF2B. When the HPF2A/B is OFF, the audio data passes this block by 0dB gain. The
coefficient must be set when HPFA = HPF2B bits = “0”. The HPF2A/B starts operation 4/fs(max) after when HPF2A bit
= “1” (HPF2B bit = “1”) is set.
fs: Sampling frequency
fc: Cut-off frequency
Register setting (Note 30)
HPF: Fx1A[13:0] bits =A, Fx1B[13:0] bits =B
(MSB=Fx1A13, Fx1B13; LSB=Fx1A0, Fx1B0)
A =
1 / tan (
πfc/fs)
1 + 1 / tan (
πfc/fs)
B =
1
− 1 / tan (πfc/fs)
1 + 1 / tan (
πfc/fs)
,
Transfer function
H(z) = A
1
− z −1
1 + Bz −1
The cut-off frequency must be set as below.
fc/fs
≥ 0.0001 (fc min = 4.41Hz at 44.1kHz)


Similar Part No. - AK5703EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5700 AKM-AK5700 Datasheet
503Kb / 61P
   16-Bit ?誇 Mono ADC with PLL & MIC-AMP
AK5700VN AKM-AK5700VN Datasheet
503Kb / 61P
   16-Bit ?誇 Mono ADC with PLL & MIC-AMP
AK5701 AKM-AK5701 Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
AK5701 AKM-AK5701 Datasheet
461Kb / 40P
   digital audio 16bit A/D converter
AK5701KN AKM-AK5701KN Datasheet
973Kb / 64P
   16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
More results

Similar Description - AK5703EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5702 AKM-AK5702 Datasheet
967Kb / 76P
   4-Channel ADC with PLL & MIC-AMP
AK5701 AKM-AK5701 Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
AK5701KN AKM-AK5701KN_17 Datasheet
1Mb / 64P
   PLL & MIC-AMP?낁뵷16-Bit Stereo ADC
AK5700 AKM-AK5700 Datasheet
503Kb / 61P
   16-Bit ?誇 Mono ADC with PLL & MIC-AMP
AK5701 AKM-AK5701_07 Datasheet
973Kb / 64P
   16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
AK5704 AKM-AK5704 Datasheet
4Mb / 109P
   Low-Power 4-ch 32-bit ADC with MIC-Amp
logo
Analog Devices
AD1974 AD-AD1974 Datasheet
492Kb / 24P
   4 ADC with PLL, 192 kHz, 24-Bit Codec
REV. 0
logo
Texas Instruments
ADS1257 TI1-ADS1257 Datasheet
793Kb / 16P
[Old version datasheet]   4-Channel, 24-Bit ADC
logo
Analog Devices
AD1939WBSTZ AD-AD1939WBSTZ Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1935 AD-AD1935 Datasheet
381Kb / 30P
   4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
Rev. PrI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com