Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5703EN Datasheet(PDF) 12 Page - Asahi Kasei Microsystems

Part # AK5703EN
Description  4-Channel 24-bit ADC with PLL & MIC-AMP
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5703EN Datasheet(HTML) 12 Page - Asahi Kasei Microsystems

Back Button AK5703EN Datasheet HTML 8Page - Asahi Kasei Microsystems AK5703EN Datasheet HTML 9Page - Asahi Kasei Microsystems AK5703EN Datasheet HTML 10Page - Asahi Kasei Microsystems AK5703EN Datasheet HTML 11Page - Asahi Kasei Microsystems AK5703EN Datasheet HTML 12Page - Asahi Kasei Microsystems AK5703EN Datasheet HTML 13Page - Asahi Kasei Microsystems AK5703EN Datasheet HTML 14Page - Asahi Kasei Microsystems AK5703EN Datasheet HTML 15Page - Asahi Kasei Microsystems AK5703EN Datasheet HTML 16Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
[AK5703]
MS1537-E-00
2013/05
- 12 -
Parameter
Symbol
min
typ
max
Unit
External Master Mode
MCKI Input Timing
Frequency
256fs
fCLK
2.048
-
12.288
MHz
512fs
fCLK
4.096
-
12.288
MHz
1024fs
fCLK
8.192
-
12.288
MHz
Pulse Width Low
tCLKL
0.4/fCLK
-
-
s
Pulse Width High
tCLKH
0.4/fCLK
-
-
s
LRCK Output Timing
Frequency
fs
8
-
48
kHz
Stereo Mode: Duty Cycle
Duty
-
50
-
%
TDM64, TDM128 Mode:
I2S compatible: Pulse Width Low
tLRCKL
-
1/(4fs)
-
s
MSB justified: Pulse Width High
tLRCKH
-
1/(4fs)
-
s
BICK Output Timing
Period
BCKO1-0 bits = “00”
tBCK
-
1/(32fs)
-
s
BCKO1-0 bits = “01”
tBCK
-
1/(64fs)
-
s
BCKO1-0 bits = “10”
(TDM128 Mode)
tBCK
-
1/(128fs)
-
s
Duty Cycle
dBCK
-
50
-
%
Audio Interface Timing (Left justified & I2S)
Master Mode
BICK “
↓” to LRCK Edge (Note 15)
tMBLR
−40
-
40
ns
LRCK Edge to SDTO (MSB)
(Except I2S mode)
tLRD
−70
-
70
ns
BICK “
↓” to SDTO
tBSD
−70
-
70
ns
Slave Mode
LRCK Edge to BICK “
↑” (Note 15)
tLRB
50
-
-
ns
BICK “
↑” to LRCK Edge (Note 15)
tBLR
50
-
-
ns
LRCK Edge to SDTO (MSB)
(Except I2S mode)
tLRD
-
-
80
ns
BICK “
↓” to SDTO
tBSD
-
-
80
ns
Audio Interface Timing (TDM64 Mode)
Master Mode
BICK “
↓” to LRCK
tMBLR
-40
-
40
ns
BICK “
↓” to SDTOB (Note 16)
tBSD
-70
-
70
ns
Slave Mode
LRCK Edge to BICK “
↑” (Note 15)
tLRB
50
-
-
ns
BICK “
↑” to LRCK Edge (Note 15)
tBLR
50
-
-
ns
BICK “
↓” to SDTOB (Note 16)
tBSD
-
-
80
ns
Audio Interface Timing (TDM128 Mode)
Master Mode
BICK “
↓” to LRCK
tMBLR
-24
-
24
ns
BICK “
↓” to SDTOB (Note 16)
tBSD
-40
-
40
ns
Slave Mode
LRCK Edge to BICK “
↑” (Note 15)
tLRB
40
-
-
ns
BICK “
↑” to LRCK Edge (Note 15)
tBLR
40
-
-
ns
BICK “
↓” to SDTOB (Note 16)
tBSD
-
-
50
ns
Note 15. BICK rising edge must not occur at the same time as LRCK edge.
Note 16. SDTOA is fixed to “L”.


Similar Part No. - AK5703EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5700 AKM-AK5700 Datasheet
503Kb / 61P
   16-Bit ?誇 Mono ADC with PLL & MIC-AMP
AK5700VN AKM-AK5700VN Datasheet
503Kb / 61P
   16-Bit ?誇 Mono ADC with PLL & MIC-AMP
AK5701 AKM-AK5701 Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
AK5701 AKM-AK5701 Datasheet
461Kb / 40P
   digital audio 16bit A/D converter
AK5701KN AKM-AK5701KN Datasheet
973Kb / 64P
   16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
More results

Similar Description - AK5703EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5702 AKM-AK5702 Datasheet
967Kb / 76P
   4-Channel ADC with PLL & MIC-AMP
AK5701 AKM-AK5701 Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
AK5701KN AKM-AK5701KN_17 Datasheet
1Mb / 64P
   PLL & MIC-AMP?낁뵷16-Bit Stereo ADC
AK5700 AKM-AK5700 Datasheet
503Kb / 61P
   16-Bit ?誇 Mono ADC with PLL & MIC-AMP
AK5701 AKM-AK5701_07 Datasheet
973Kb / 64P
   16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
AK5704 AKM-AK5704 Datasheet
4Mb / 109P
   Low-Power 4-ch 32-bit ADC with MIC-Amp
logo
Analog Devices
AD1974 AD-AD1974 Datasheet
492Kb / 24P
   4 ADC with PLL, 192 kHz, 24-Bit Codec
REV. 0
logo
Texas Instruments
ADS1257 TI1-ADS1257 Datasheet
793Kb / 16P
[Old version datasheet]   4-Channel, 24-Bit ADC
logo
Analog Devices
AD1939WBSTZ AD-AD1939WBSTZ Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1935 AD-AD1935 Datasheet
381Kb / 30P
   4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
Rev. PrI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com