Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

151208-2320-RB Datasheet(PDF) 1 Page - 3M Electronics

Part # 151208-2320-RB
Description  2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

151208-2320-RB Datasheet(HTML) 1 Page - 3M Electronics

  151208-2320-RB Datasheet HTML 1Page - 3M Electronics 151208-2320-RB Datasheet HTML 2Page - 3M Electronics 151208-2320-RB Datasheet HTML 3Page - 3M Electronics 151208-2320-RB Datasheet HTML 4Page - 3M Electronics 151208-2320-RB Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MPin Strip Header
2 mm × 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
1512 Series
• Mates with a variety of dual row 2 mm board mount and
wire mount sockets
• High temperature insulator compatible with lead-free
solder processes
• Extensive pin count availability from 4 to 80 positions
• Available with vacuum cap in tape and reel packaging for
automatic placement
• Minimizes use of PC board space
• End and side stackable design
• RoHS Compliant. See the Regulatory Information
Appendix (RIA) in the “RoHS Compliance” section of
www.3Mconnectors.com for compliance information
(RIA E1 & C1 apply)
Date Modified: January 14, 2013
TS-0808-H
Sheet 1 of 4
Physical
Insulation:
Material: Glass-filled LCP
Flammability: UL 94V-0
Color: Black
Contact:
Material: Copper Alloy
Plating:
Underplating: 50 μ" [1.27 μm] Nickel
Wiping Area: 30 μ" [ 0.76 μm ] Gold Avg.
Solder Tails: 200-300 μ" [5.08-7.62 μm] Matte Tin
Marking: None
Electrical
Current Rating: 3.50 A, 1 Line Powered
1.75 A, 6 Adjacent Lines Powered
1.00 A, All Lines Powered
Rating Conditions: EIA-364-070 Method 2, 30°C maximum temperature rise,
20% derated. Reference appropriate 3M Product Specification for detailed current
derating curves.
Insulation Resistance: > 1 × 109
Ω at 250VDC
Withstanding Voltage: 500 V
RMS at Sea Level
Environmental
Temperature Rating: -55°C to +105°C
Process Rating: Maximum 260°C (per J-STD-020C)
Moisture Sensitivity Level: 1 (per J-STD-020C)
UL File No.: E68080


Similar Part No. - 151208-2320-RB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15120 ETC2-15120 Datasheet
385Kb / 1P
   TERMINAL BOARDS & STRIPS
logo
Chicago Miniature Lamp,...
15120350 CML-15120350 Datasheet
263Kb / 1P
   MultiLEDs T13/4 (6mm) MG 4-Chip-LED
15120351 CML-15120351 Datasheet
263Kb / 1P
   MultiLEDs T13/4 (6mm) MG 4-Chip-LED
15120352 CML-15120352 Datasheet
263Kb / 1P
   MultiLEDs T13/4 (6mm) MG 4-Chip-LED
1512035X CML-1512035X Datasheet
263Kb / 1P
   MultiLEDs T13/4 (6mm) MG 4-Chip-LED
More results

Similar Description - 151208-2320-RB

ManufacturerPart #DatasheetDescription
logo
3M Electronics
951105-8622-AR 3M-951105-8622-AR Datasheet
659Kb / 3P
   2 mm and 2 mm x 2 mm Straight and Right Angle, Solder Tail
1552 3M-1552 Datasheet
1Mb / 7P
   Latch/Eject Header - 2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
logo
Precid-Dip Durtal SA
SERIES811 PREDIP-SERIES811 Datasheet
19Kb / 2P
   Single Row 2.54 mm, Straight solder tail
logo
3M Electronics
37204-62B3-004PL 3M-37204-62B3-004PL Datasheet
1Mb / 6P
   3M??Mini-Clamp Socket 2 mm Boardmount, Straight Solder Tails
1522 3M-1522_10 Datasheet
1Mb / 4P
   Pak 20 Wiremount Socket - 2 mm 횞 2 mm for 1 mm Pitch Cable
logo
Precid-Dip Durtal SA
SERIES310 PREDIP-SERIES310 Datasheet
23Kb / 3P
   Single row 2.54/5.08 mm, Straight solder tail, Mating pin 횠 0.47 mm
logo
Texas Instruments
TLV759P TI1-TLV759P_18 Datasheet
1Mb / 22P
[Old version datasheet]   1-A LDO in a Small 2-mm 횞 2-mm WSON Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com