Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46TR82560AL-15HBLA1 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS46TR82560AL-15HBLA1
Description  256Mx8, 128Mx16 2Gb DDR3 SDRAM
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR82560AL-15HBLA1 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS46TR82560AL-15HBLA1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS46TR82560AL-15HBLA1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS46TR82560AL-15HBLA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46TR82560AL-15HBLA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46TR82560AL-15HBLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46TR82560AL-15HBLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46TR82560AL-15HBLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46TR82560AL-15HBLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46TR82560AL-15HBLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
IS43/46TR16128A, IS43/46TR16128AL,
IS43/46TR82560A, IS43/46TR82560AL
Integrated Silicon Solution, Inc.
– www.issi.com –
1
Rev. B1
8/08/2013
256Mx8, 128Mx16 2Gb DDR3 SDRAM
AUGUST 2013
FEATURES
Standard Voltage: VDD and VDDQ = 1.5V ± 0.075V
Low Voltage (L): VDD and VDDQ = 1.35V + 0.1V, -0.067V
High speed data transfer rates with system
frequency up to 933 MHz
8 internal banks for concurrent operation
8n-Bit pre-fetch architecture
Programmable CAS Latency
Programmable Additive Latency: 0, CL-1,CL-2
Programmable CAS WRITE latency (CWL) based
on tCK
Programmable Burst Length: 4 and 8
Programmable Burst Sequence: Sequential or
Interleave
BL switch on the fly
Auto Self Refresh(ASR)
Self Refresh Temperature(SRT)
Refresh Interval:
7.8 us (8192 cycles/64 ms) Tc= -40°C to 85°C
3.9 us (8192 cycles/32 ms) Tc= 85°C to 105°C
Partial Array Self Refresh
Asynchronous RESET pin
TDQS (Termination Data Strobe) supported (x8
only)
OCD (Off-Chip Driver Impedance Adjustment)
Dynamic ODT (On-Die Termination)
Driver strength : RZQ/7, RZQ/6 (RZQ = 240 Ω)
Write Leveling
Operating temperature:
Commercial (TC = 0°C to +95°C)
Industrial (TC = -40°C to +95°C)
Automotive, A1 (TC = -40°C to +95°C)
Automotive, A2 (TC = -40°C to +105°C)
OPTIONS
Configuration:
256Mx8
128Mx16
Package:
96-ball FBGA (9mm x 13mm) for x16
78-ball FBGA (8mm x 10.5mm) for x8
ADDRESS TABLE
Parameter
256Mx8
128Mx16
Row Addressing
A0-A14
A0-A13
Column Addressing
A0-A9
A0-A9
Bank Addressing
BA0-2
BA0-2
Page size
1KB
2KB
Auto Precharge
Addressing
A10/AP
A10/AP
BL switch on the fly
A12/BC#
A12/BC#
SPEED BIN
Speed Option
187F
15H
125K
107M
Units
JEDEC Speed Grade
DDR3-1066F
DDR3-1333H
DDR3-1600K
DDR3-1866M
CL-nRCD-nRP
7-7-7
9-9-9
11-11-11
13-13-13
tCK
tRCD,tRP(min)
13.125
13.125
13.125
13.91
ns
Note: Faster speed options are backward compatible to slower speed options.
Copyright © 2013 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised
to obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product
can reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use
in such applications unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances


Similar Part No. - IS46TR82560AL-15HBLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46TR82560B ISSI-IS46TR82560B Datasheet
3Mb / 88P
   Programmable CAS Latency
IS46TR82560BL ISSI-IS46TR82560BL Datasheet
3Mb / 88P
   Programmable CAS Latency
IS46TR82560C ISSI-IS46TR82560C Datasheet
3Mb / 88P
   Programmable CAS Latency
IS46TR82560CL ISSI-IS46TR82560CL Datasheet
3Mb / 88P
   Programmable CAS Latency
More results

Similar Description - IS46TR82560AL-15HBLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43TR16128A ISSI-IS43TR16128A Datasheet
3Mb / 82P
   256Mx8, 128Mx16 2Gb DDR3 SDRAM
logo
Hynix Semiconductor
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G83FFR HYNIX-H5TQ2G83FFR Datasheet
399Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43BFR HYNIX-H5TQ2G43BFR Datasheet
513Kb / 35P
   2Gb DDR3 SDRAM
H5TQ2G43AFR HYNIX-H5TQ2G43AFR Datasheet
456Kb / 30P
   2Gb DDR3 SDRAM
H5TQ2G43CFR HYNIX-H5TQ2G43CFR Datasheet
402Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43CFR-XXC HYNIX-H5TQ2G43CFR-XXC Datasheet
402Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G63BFR HYNIX-H5TQ2G63BFR Datasheet
1Mb / 93P
   2Gb DDR3 SDRAM
H5TQ2G83DFR HYNIX-H5TQ2G83DFR Datasheet
408Kb / 34P
   2Gb DDR3 SDRAM
logo
Integrated Silicon Solu...
IS43DR82560B ISSI-IS43DR82560B Datasheet
1Mb / 48P
   256Mx8, 128Mx16 DDR2 DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com