Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-5911LZ Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-5911LZ
Description  Small Form Factor Optical Transceiver for Gigabit Ethernet (1.25 GBd) and iSCSI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-5911LZ Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-5911LZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-5911LZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-5911LZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-5911LZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-5911LZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-5911LZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-5911LZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-5911LZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-5911LZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Table 8 - Receiver Optical Characteristics
HFBR-5911LZ (TC=0ºCto+70ºC,VCC=3.14Vto3.47V)
HFBR-5911ALZ (TC=-10°Cto+85°C,VCC=3.14Vto3.47V)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Reference
InputOpticalPower
PIN
-17
0
dBm avg. 17
Stressed Receiver Sensitivity
62.5µm
50µm
-12.5-13.5
dBm avg. 18
ContributedTotalJitter
TJ
2660.332
psUI
ReceiveElectrical3dBUpperCutoffFrequency
1500
MHz
19
Operating Center Wavelength
lC
770
850
860
nm
Return Loss
RL
12
dB
20
SignalDetectAssertPowerLevel
PA
-17
dBm avg. 21
SignalDetectDeassertPowerLevel
PD
-30
dBm avg. 21
Signal Detect Hysteresis
PA-PD
1.5
dB
21
Parameter
Symbol
Minimum
Typical
Maximum
Units
Reference
Tx Disable Assert Time
t_off
100
µs
22
Tx Disable Deassert Time
t_on
1.0
ms
23
Time to initialize
t_init
300
ms
24
TxDisablePulseWidthtoReset
t_reset
10
µs
25
Interval between Transmit Disable Assertions
10
ms
Signal Detect Assert Time
SD_on
100
µs
26
Signal Detect Deassert Time
SD_off
350
µs
27
Parameter
Symbol
Minimum
Typical
Maximum
Units
Reference
Hand Lead Soldering Temperature/Time
TSOLD/tSOLD
+260/10
°C/sec
Wave Soldering and Aqueous Wash
TSOLD/tSOLD
+260/10
°C/sec
AqueousWashPressure
110
psi
Notes:
17.Receiversensitivityismeasuredusingaworstcaseextinctionratiopenaltywhilesamplingatthecenteroftheeye.
18.StressedreceiversensitivityismeasuredusingtheconformancetestsignaldefinedbyIEEE802.3,section38.6.11.Theconformancetestsig-
nal is conditioned by applying deterministic jitter and intersymbol interference.
19.TheReceiveElectrical3dBUpperCutoffFrequencyofthereceiverismeasuredusingthetechniqueoutlinedinIEEE802.3,section38.6.11.
20. Return Loss is defined as the minimum attenuation (dB) of received optical power for energy reflected back into the optical fiber.
21.Withvalid8b/10bencodeddata.
22. Time from rising edge of Tx_Disable to when modulated optical output falls below 10% of nominal.
23. Time from falling edge of Tx_Disable to when the modulated optical output rises above 90% of nominal.
24.TimefrompoweronorfallingedgeofTx_Disabletowhenthemodulatedopticaloutputrisesabove90%ofnominal.
25. Time Tx_Disable must be held high to disable transmitter. Measured from leading edge of Tx_Disable to when the modulated optical output
falls below 10% of nominal.
26.TimefromSDdeasserttoSDassert.
27.Timefromnon-SDasserttoSDdeassert.
Table 10 - PCB Assembly Process Compatibility
Table 9 - Transceiver Timing Characteristics
HFBR-5911LZ (TC=0ºCto+70ºC,VCC=3.14Vto3.47V)
HFBR-5911ALZ (TC=-10°Cto+85°C,VCC=3.14Vto3.47V)


Similar Part No. - HFBR-5911LZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5911LZALZ AVAGO-HFBR-5911LZALZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver
More results

Similar Description - HFBR-5911LZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
logo
Agilent(Hewlett-Packard...
HFBR-5710L HP-HFBR-5710L Datasheet
264Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5715PZ AVAGO-AFBR-5715PZ Datasheet
422Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFBR-5710PZ AVAGO-AFBR-5710PZ Datasheet
339Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFBR-5715PZ-JU1 AVAGO-AFBR-5715PZ-JU1 Datasheet
333Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
logo
Delta Electronics, Inc.
LC-1250A2F1 DELTA-LC-1250A2F1 Datasheet
95Kb / 9P
   RoHS Compliant 2x5 Small Form Factor Transceiver for Gigabit Ethernet
logo
Infineon Technologies A...
V23818-K305-L17 INFINEON-V23818-K305-L17 Datasheet
2Mb / 16P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5911LZALZ AVAGO-HFBR-5911LZALZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver
logo
Delta Electronics, Inc.
LCP-1250A4FSRA DELTA-LCP-1250A4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
LCP-1250RJ3SR DELTA-LCP-1250RJ3SR Datasheet
392Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com