Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-070L Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-070L
Description  Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-070L Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-070L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-070L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-070L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-070L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-070L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-070L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-070L Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-070L Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-070L Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Electrical Specifications
0˚C ≤ TA ≤ +70˚C, 2.7 V ≤ VCC ≤ 3.3 V, 0.5 mA ≤ IF(ON) ≤ 12 mA, 0 V ≤ VF(OFF) ≤ 0.8 V, unless otherwise specified.
All typicals at TA = 25˚C. (See Note 8.)
Device
Parameter
Sym.
HCPL-
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Current Transfer
CTR
400
1300
5000
%
IF = 0.5 mA
VCC = 3.3 V
1, 2
2
Ratio
VO = 0.4 V
Logic Low
VOL
0.05
0.3
V
IF = 1.6 mA,
VCC = 3.3 V
Output Voltage
IO = 8 mA
0.05
0.4
V
IF = 5.0 mA,
IO = 15 mA
Logic High
IOH
5
25
µA
VO = VCC = 3.3 V
IF = 0 mA
2
Output Current
Logic Low
ICCL
270L/070L
0.4
1.3
mA
VCC = 3.3 V
IF1 = IF2 = 1.6 mA
Supply Current
273L/073L
0.8
2.7
mA
VO1 = VO2 = Open
Logic High
ICCH
270L/070L
0.002 1
µA
VCC = 3.3 V
IF1 = IF2 = 0 mA
Supply Current
273L/073L
0.002 2
µA
VO1 = VO2 = Open
Input Forward
VF
1.5
1.7
V
TA = 25˚C
IF = 1.6 mA
3, 4
Voltage
Input Reverse
BVR
5.0
V
IR = 10 µA,
2
Breakdown Voltage
TA = 25˚C
Temperature Coefficient ∆VF/
-1.8
mV/°C IF = 1.6 mA
of Forward Voltage
∆TA
Input Capacitance
CIN
60
pF
f = 1 MHz, VF = 0
2
*All typical values at TA = 25˚C and VCC = 3.3 V, unless otherwise noted.
Electrical Specifications
0°C ≤ TA ≤ 70°C, 4.5 V ≤ VCC ≤ 7 V, 0.5 mA ≤ IF(ON) ≤ 12 mA, 0 V ≤ VF(OFF) ≤ 0.8 V, unless otherwise specified.
All Typicals at TA = 25°C. (See note 8.)
Parameter
Sym. Device
Min.
Typ.*
Max.
Units
TestConditions
Fig. Note
Current Transfer Ratio
CTR
300
1600
2600
%
IF = 1.6 mA,VCC= 4.5V, VO= 0.5V
2, 3
2
Logic Low Output Voltage
VOL
0.1
0.4
V
IF = 1.6 mA, IO = 4.8 mA,VCC = 4.5V
1
Logic High Output Current
IOH
0.1
250
μA
VO =VCC = 7V, IF = 0 mA
2
Logic Low
ICCL
0.9
3
mA
VCC = 7V, IF1 = IF2 = 1.6 mA
5
Supply Current
V01 =V02 = Open
Logic High
ICCH
0.004
20
μA
VCC = 7V, IF1 = IF2 = 0 mA,
5
Supply Current
V01 =V02 = Open
Input Forward Voltage
VF
1.4
1.7
V
TA = 25°C
4
1.75
V
IF = 1.6 mA
Input Reverse
BVR
5
V
IR = 10 μA,TA = 25°C
2
Breakdown Voltage
Temperature Coefficient
∆VF/
-1.8
mV/°C
IF = 1.6 mA
of Forward Voltage
∆TA
Input Capacitance
CIN
60
pF
f = 1 MHz, VF = 0
2
*All typical values at TA = 25°C and VCC = 5 V, unless otherwise noted.


Similar Part No. - HCPL-070L

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-070L HP-HCPL-070L Datasheet
184Kb / 12P
   Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-070L AVAGO-HCPL-070L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
More results

Similar Description - HCPL-070L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL270L HP-HCPL270L Datasheet
184Kb / 12P
   Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
logo
Fairchild Semiconductor
FOD070L FAIRCHILD-FOD070L Datasheet
352Kb / 17P
   LVTTL/LVCMOS COMPATIBLE LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
FOD073L FAIRCHILD-FOD073L_09 Datasheet
291Kb / 12P
   LVTTL/LVCMOS Compatible Low Input Current High Gain Split Darlington Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-500E AVAGO-HCPL-0701-500E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com