Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68332GCFC20 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MC68332GCFC20
Description  Technical Summary 32-Bit Modular Microcontroller
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68332GCFC20 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MC68332GCFC20 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC68332GCFC20 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC68332GCFC20 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC68332GCFC20 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC68332GCFC20 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC68332GCFC20 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC68332GCFC20 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC68332GCFC20 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC68332GCFC20 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
MC68332
MOTOROLA
MC68332TS/D
29
ADDR0 also affects the operation of the data multiplexer. During an operand transfer, ADDR[23:1] in-
dicate the word base address of the portion of the operand to be accessed, and ADDR0 indicates the
byte offset from the base.
3.4.11 Misaligned Operands
CPU32 processor architecture uses a basic operand size of 16 bits. An operand is misaligned when it
overlaps a word boundary. This is determined by the value of ADDR0. When ADDR0 = 0 (an even ad-
dress), the address is on a word and byte boundary. When ADDR0 = 1 (an odd address), the address
is on a byte boundary only. A byte operand is aligned at any address; a word or long-word operand is
misaligned at an odd address. The CPU32 does not support misaligned operand transfers.
The largest amount of data that can be transferred by a single bus cycle is an aligned word. If the MCU
transfers a long-word operand via a 16-bit port, the most significant operand word is transferred on the
first bus cycle and the least significant operand word on a following bus cycle.
3.4.12 Operand Transfer Cases
The following table summarizes how operands are aligned for various types of transfers. OPn entries
are portions of a requested operand that are read or written during a bus cycle and are defined by SIZ1,
SIZ0, and ADDR0 for that bus cycle.
NOTES:
1. Operands in parentheses are ignored by the CPU32 during read cycles.
2. Three-byte transfer cases occur only as a result of a long word to byte transfer.
3. The CPU32 does not support misaligned word or long-word transfers.
3.5 Chip Selects
Typical microcontrollers require additional hardware to provide external chip-select signals. Twelve in-
dependently programmable chip selects provide fast two-cycle access to external memory or peripher-
als. Address block sizes of 2 Kbytes to 1 Mbyte can be selected.
Table 11 Operand Alignment
Transfer Case
SIZ1
SIZ0
ADDR0
DSACK1
DSACK0
DATA
[15:8]
DATA
[7:0]
Byte to 8-Bit Port (Even/Odd)
0
1
X
1
0
OP0
(OP0)
Byte to 16-Bit Port (Even)
0
1
0
0
X
OP0
(OP0)
Byte to 16-Bit Port (Odd)
0
1
1
0
X
(OP0)
OP0
Word to 8-Bit Port (Aligned)
1
0
0
1
0
OP0
(OP1)
Word to 8-Bit Port (Misaligned)3
1
0
1
1
0
OP0
(OP0)
Word to 16-Bit Port (Aligned)
1
0
0
0
X
OP0
OP1
Word to 16-Bit Port (Misaligned)3
1
0
1
0
X
(OP0)
OP0
3 Byte to 8-Bit Port (Aligned)2
1
1
0
1
0
OP0
(OP1)
3 Byte to 8-Bit Port (Misaligned)2, 3
1
1
1
1
0
OP0
(OP0)
3 Byte to 16-Bit Port (Aligned)2
1
1
0
0
X
OP0
OP1
3 Byte to 16-Bit Port (Misaligned)2, 3
1
1
1
0
X
(OP0)
OP0
Long Word to 8-Bit Port (Aligned)
0
0
0
1
0
OP0
(OP1)
Long Word to 8-Bit Port (Misaligned)3
1
0
1
1
0
OP0
(OP0)
Long Word to 16-Bit Port (Aligned)
0
0
0
0
X
OP0
OP1
Long Word to 16-Bit Port (Misaligned)3
1
0
1
0
X
(OP0)
OP0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68332GCFC20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68332GCFC20 MOTOROLA-MC68332GCFC20 Datasheet
446Kb / 88P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68332GCFC20 FREESCALE-MC68332GCFC20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68332GCFC20 FREESCALE-MC68332GCFC20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68332GCFC20 FREESCALE-MC68332GCFC20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68332GCFC20 FREESCALE-MC68332GCFC20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
More results

Similar Description - MC68332GCFC20

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68332GCAG20 FREESCALE-MC68332GCAG20 Datasheet
343Kb / 88P
   Technical Summary 32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68331 NXP-MC68331 Datasheet
983Kb / 84P
   Technical Summary 32-Bit Modular Microcontroller
Rev. 2
logo
Motorola, Inc
MC68HC11 MOTOROLA-MC68HC11 Datasheet
420Kb / 80P
   Technical Summary 8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68HC11FC0 FREESCALE-MC68HC11FC0 Datasheet
5Mb / 68P
   Technical Summary 8-Bit Microcontroller
logo
Motorola, Inc
MC68HC11F1 MOTOROLA-MC68HC11F1 Datasheet
486Kb / 68P
   Technical Summary 8-Bit Microcontroller
logo
NXP Semiconductors
MC68HC11C0TS NXP-MC68HC11C0TS Datasheet
894Kb / 76P
   Technical Summary 8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68332GCEH25 FREESCALE-MC68332GCEH25 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68332ACEH20 FREESCALE-MC68332ACEH20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68CK331CAG16 FREESCALE-MC68CK331CAG16 Datasheet
598Kb / 84P
   32-Bit Modular Microcontroller
logo
Motorola, Inc
MC68331 MOTOROLA-MC68331 Datasheet
2Mb / 84P
   32-Bit Modular Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com