Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68332GCFC20 Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # MC68332GCFC20
Description  Technical Summary 32-Bit Modular Microcontroller
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68332GCFC20 Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MC68332GCFC20 Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68332GCFC20 Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68332GCFC20 Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68332GCFC20 Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68332GCFC20 Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68332GCFC20 Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68332GCFC20 Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68332GCFC20 Datasheet HTML 83Page - Freescale Semiconductor, Inc MC68332GCFC20 Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 88 page
background image
MOTOROLA
MC68332
80
MC68332TS/D
Writing a value of zero to SCBR disables the baud rate generator.
The following table lists the SCBR settings for standard and maximum baud rates using 16.78-MHz and
20.97-MHz system clocks.
SCCR1 contains SCI configuration parameters. The CPU can read and write this register at any time.
The SCI can modify RWU in some circumstances. In general, interrupts enabled by these control bits
are cleared by reading SCSR, then reading (receiver status bits) or writing (transmitter status bits)
SCDR.
Bit 15 — Not Implemented
LOOPS — Loop Mode
0 = Normal SCI operation, no looping, feedback path disabled
1 = Test SCI operation, looping, feedback path enabled
LOOPS controls a feedback path on the data serial shifter. When loop mode is enabled, SCI transmitter
output is fed back into the receive serial shifter. TXD is asserted (idle line). Both transmitter and receiver
must be enabled before entering loop mode.
WOMS — Wired-OR Mode for SCI Pins
0 = If configured as an output, TXD is a normal CMOS output.
1 = If configured as an output, TXD is an open-drain output.
WOMS determines whether the TXD pin is an open-drain output or a normal CMOS output. This bit is
used only when TXD is an output. If TXD is used as a general-purpose input pin, WOMS has no effect.
ILT — Idle-Line Detect Type
0 = Short idle-line detect (start count on first one)
1 = Long idle-line detect (start count on first one after stop bit(s))
PT — Parity Type
0 = Even parity
1 = Odd parity
When parity is enabled, PT determines whether parity is even or odd for both the receiver and the trans-
mitter.
Table 27 SCI Baud Rates
Nominal Baud Rate
Actual Rate with
16.78-MHz Clock
SCBR Value
Actual Rate with
20.97-MHz Clock
SCBR Value
64*
64.0
$1FFF
110
110.0
$129E
110.0
$1745
300
299.9
$06D4
300.1
$0888
600
599.9
$036A
600.1
$0444
1200
1199.7
$0165
1200.3
$0222
2400
2405.0
$00DA
2400.6
$0111
4800
4810.0
$006D
4783.6
$0089
9600
9532.5
$0037
9637.6
$0044
19200
19418.1
$0016
19275.3
$0022
38400
37449.1
$000E
38550.6
$0011
76800
74898.3
$0007
72817.8
$0009
Maximum Rate
524288.0
$0001
655360.0
$0001
SCCR1 — SCI Control Register 1
$YFFC0A
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
LOOPS WOMS
ILT
PT
PE
M
WAKE
TIE
TCIE
RIE
ILIE
TE
RE
RWU
SBK
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68332GCFC20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68332GCFC20 MOTOROLA-MC68332GCFC20 Datasheet
446Kb / 88P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68332GCFC20 FREESCALE-MC68332GCFC20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68332GCFC20 FREESCALE-MC68332GCFC20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68332GCFC20 FREESCALE-MC68332GCFC20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68332GCFC20 FREESCALE-MC68332GCFC20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
More results

Similar Description - MC68332GCFC20

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68332GCAG20 FREESCALE-MC68332GCAG20 Datasheet
343Kb / 88P
   Technical Summary 32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68331 NXP-MC68331 Datasheet
983Kb / 84P
   Technical Summary 32-Bit Modular Microcontroller
Rev. 2
logo
Motorola, Inc
MC68HC11 MOTOROLA-MC68HC11 Datasheet
420Kb / 80P
   Technical Summary 8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68HC11FC0 FREESCALE-MC68HC11FC0 Datasheet
5Mb / 68P
   Technical Summary 8-Bit Microcontroller
logo
Motorola, Inc
MC68HC11F1 MOTOROLA-MC68HC11F1 Datasheet
486Kb / 68P
   Technical Summary 8-Bit Microcontroller
logo
NXP Semiconductors
MC68HC11C0TS NXP-MC68HC11C0TS Datasheet
894Kb / 76P
   Technical Summary 8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68332GCEH25 FREESCALE-MC68332GCEH25 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68332ACEH20 FREESCALE-MC68332ACEH20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68CK331CAG16 FREESCALE-MC68CK331CAG16 Datasheet
598Kb / 84P
   32-Bit Modular Microcontroller
logo
Motorola, Inc
MC68331 MOTOROLA-MC68331 Datasheet
2Mb / 84P
   32-Bit Modular Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com